Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPX1587T-3.3 Datasheet(PDF) 7 Page - Sipex Corporation

Part # SPX1587T-3.3
Description  3A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX1587T-3.3 Datasheet(HTML) 7 Page - Sipex Corporation

  SPX1587T-3.3 Datasheet HTML 1Page - Sipex Corporation SPX1587T-3.3 Datasheet HTML 2Page - Sipex Corporation SPX1587T-3.3 Datasheet HTML 3Page - Sipex Corporation SPX1587T-3.3 Datasheet HTML 4Page - Sipex Corporation SPX1587T-3.3 Datasheet HTML 5Page - Sipex Corporation SPX1587T-3.3 Datasheet HTML 6Page - Sipex Corporation SPX1587T-3.3 Datasheet HTML 7Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Rev. 10/30/00
SPX1587
ORDERING INFORMATION
Ordering No.
Precision
Output Voltage
Packages
SPX1587T
2%
Adj
3 Lead TO-263
SPX1587T-1.5
2%
1.5V
3 Lead TO-263
SPX1587T-2.5
2%
2.5V
3 Lead TO-263
SPX1587T-3.3
2%
3.3V
3 Lead TO-263
SPX1587T-5.0
2%
5.0V
3 Lead TO-263
SPX1587AT
1%
Adj
3 Lead TO-263
SPX1587AT-1.5
1%
1.5V
3 Lead TO-263
SPX1587AT-2.5
1%
2.5V
3 Lead TO-263
SPX1587AT-3.3
1%
3.3V
3 Lead TO-263
SPX1587AT-5.0
1%
5.0V
3 Lead TO-263
SPX1587U
2%
Adj
3 Lead TO-220
SPX1587U-1.5
2%
1.5V
3 Lead TO-220
SPX1587U-2.5
2%
2.5V
3 Lead TO-220
SPX1587U-3.3
2%
3.3V
3 Lead TO-220
SPX1587U-5.0
2%
5.0V
3 Lead TO-220
SPX1587AU
1%
Adj
3 Lead TO-220
SPX1587AU-1.5
1%
1.5V
3 Lead TO-220
SPX1587AU-2.5
1%
2.5V
3 Lead TO-220
SPX1587AU-3.3
1%
3.3V
3 Lead TO-220
SPX1587AU-5.0
1%
5.0V
3 Lead TO-220
SPX1587R
2%
Adj
3 Lead TO-252
SPX1587R-1.5
2%
1.5V
3 Lead TO-252
SPX1587R-2.5
2%
2.5V
3 Lead TO-252
SPX1587R-3.3
2%
3.3V
3 Lead TO-252
SPX1587R-5.0
2%
5.0V
3 Lead TO-252
SPX1587AR
1%
Adj
3 Lead TO-252
SPX1587AR-1.5
1%
1.5V
3 Lead TO-252
SPX1587AR-2.5
1%
2.5V
3 Lead TO-252
SPX1587AR-3.3
1%
3.3V
3 Lead TO-252
SPX1587AR-5.0
1%
5.0V
3 Lead TO-252
SIGNAL PROCESSING EXCELLENCE
Sipex Corporation
Headquarters and Main Offices:
22 Linnell Circle
Billerica, MA 01821
TEL: (978) 667-8700
FAX: (978) 670-9001
e-mail: sales@sipex.com
233 South Hillview Drive
Milpitas, CA 95035
TEL: (408) 935-7600
FAX: (408) 934-7500
Sipex Corporation reserves the right to make changes to any products described herein. Sipex does not assume any liability arising out of the application or use of any product or circuit described
hereing; neither does it convey any license under its patent rights nor the rights of others.
Corporation


Similar Part No. - SPX1587T-3.3

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX1587T-3.3 SIPEX-SPX1587T-3.3 Datasheet
187Kb / 7P
   3A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX1587T-3.3 SIPEX-SPX1587T-3.3 Datasheet
171Kb / 7P
   3A Low Dropout Voltage Regulator
SPX1587T-3.3/TR SIPEX-SPX1587T-3.3/TR Datasheet
171Kb / 7P
   3A Low Dropout Voltage Regulator
More results

Similar Description - SPX1587T-3.3

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
AS2830 SIPEX-AS2830 Datasheet
149Kb / 6P
   3A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX1085 SIPEX-SPX1085 Datasheet
195Kb / 7P
   3A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX1587 SIPEX-SPX1587 Datasheet
187Kb / 7P
   3A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX2730 SIPEX-SPX2730 Datasheet
171Kb / 9P
   3A High Current Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX1582 SIPEX-SPX1582 Datasheet
147Kb / 5P
   3A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed
SPX1582T5-L-TR SIPEX-SPX1582T5-L-TR Datasheet
210Kb / 7P
   3A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed
SPX1582 SIPEX-SPX1582 Datasheet
56Kb / 7P
   3A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed
AS1582 SIPEX-AS1582 Datasheet
113Kb / 4P
   3A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed
SPX29300 SIPEX-SPX29300 Datasheet
177Kb / 11P
   3A High Current, Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response Time
AS2850 SIPEX-AS2850 Datasheet
159Kb / 6P
   5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com