Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R5F11MMEA Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # R5F11MMEA
Description  Integrated LCD controller/driver, 12-bit resolution A/D Converter
Download  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F11MMEA Datasheet(HTML) 5 Page - Renesas Technology Corp

  R5F11MMEA Datasheet HTML 1Page - Renesas Technology Corp R5F11MMEA Datasheet HTML 2Page - Renesas Technology Corp R5F11MMEA Datasheet HTML 3Page - Renesas Technology Corp R5F11MMEA Datasheet HTML 4Page - Renesas Technology Corp R5F11MMEA Datasheet HTML 5Page - Renesas Technology Corp R5F11MMEA Datasheet HTML 6Page - Renesas Technology Corp R5F11MMEA Datasheet HTML 7Page - Renesas Technology Corp R5F11MMEA Datasheet HTML 8Page - Renesas Technology Corp R5F11MMEA Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 83 page
background image
RL78/L1A
1. OUTLINE
R01DS0280EJ0100 Rev. 1.00
Page 5 of 80
Aug 12, 2016
1.3.2
100-pin products
• 100-pin plastic LFQFP (fine pitch) (14
 14 mm, 0.5 mm pitch)
Caution
Connect the REGC pin to VSS pin via a capacitor (0.47 to 1
F).
Remark 1.
For pin identification, see 1.4 Pin Identification.
Remark 2.
Functions in parentheses in the above figure can be assigned via settings in the peripheral I/O redirection register
(PIOR).
1 2 3 456 78 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25
P70/KR7/SEG12
P71/KR6/SEG13
P72/KR5/SEG14
P73/KR4/SEG15
P74/KR3/SEG16
P75/KR2/SEG17
P76/KR1/SEG18
P77/TI07/TO07/KR0/SEG19
P30/INTP3/RTC1HZ/SEG20
P31/TI01/TO01/SEG21
P32/INTP4/SEG22
P33/SEG23
P34/SEG24
P35/SCK10/SCL10/SEG25/(VCOUT0)
P36/PCLBUZ1/RxD1/SI10/SDA10/SEG26
P37/TxD1/SO10/SEG27
P125/VL3/(TI06)/(TO06)/(INTP7)
VL4
VL2
VL1
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
45
46
47
48
49
50
75 74 73 72 71 70 69 68 67 66 65 64 63 62 61 60 59 58 57
P24/ANI10/MUX03
P23/AMP0-
AMP0O
P21/ANI09/AMP0+
P20/ANO0
P143/ANI08
P142/ANI07
P141/ANI06
P140/ANI05
P107/ANI04/MUX10
P106/ANI03/MUX11
P105/ANI02/MUX12
P104/ANI01/MUX13
P103/AMP1-
AMP1O
P101/ANI00/AMP1+
P100/ANO1
AVDD
AVSS
82
83
84
85
86
87
88
89
90
91
92
93
94
95
96
97
98
99
100
P25/ANI11/MUX02
81
P26/ANI12/MUX01
80
P27/ANI13/MUX00
79
P80/AMP1OPD/(RxD2/SI20/SDA20)/SEG44
78
P81/AMP0OPD/(TxD2/SO20)/SEG43
77
P11/RxD2/SI20/SDA20/SEG42
76
56 55 54 53 52 51
P53/SEG7
P54/SEG8
P55/SEG9
P56/SEG10
P57/SEG11
RL78/L1A
Top View)


Similar Part No. - R5F11MMEA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F110ME RENESAS-R5F110ME Datasheet
1Mb / 153P
   RENESAS MCU
R5F110ME RENESAS-R5F110ME Datasheet
153Kb / 17P
   PG-FP5
R5F110MEA RENESAS-R5F110MEA Datasheet
1Mb / 153P
   Ultra-Low Power Technology
R5F110MEG RENESAS-R5F110MEG Datasheet
1Mb / 153P
   Ultra-Low Power Technology
R5F110MF RENESAS-R5F110MF Datasheet
1Mb / 153P
   RENESAS MCU
More results

Similar Description - R5F11MMEA

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB88101A FUJITSU-MB88101A Datasheet
150Kb / 18P
   A/D Converter (With 4-channel Input at 12-bit Resolution)
MB88101A FUJITSU-MB88101A_03 Datasheet
157Kb / 19P
   A/D Converter (With 4-channel Input at 12-bit Resolution)
logo
Analog Devices
AD572 AD-AD572_15 Datasheet
1Mb / 8P
   12 BIT SUCCESSIVE APPROXIMATION INTEGRATED CIRCUIT A/D CONVERTER
REV. B
AD572 AD-AD572 Datasheet
429Kb / 7P
   12-BIT SUCCESSIVE APPROXIMATION INTEGRATED CIRCUIT A/D CONVERTER
REV. A
AD572SD AD-AD572SD Datasheet
1Mb / 8P
   12-Bit Successive Approximation Integrated Circuit A/D Converter
Rev. B
logo
Texas Instruments
ADC128S102 TI1-ADC128S102_15 Datasheet
1Mb / 29P
[Old version datasheet]   12-Bit A/D Converter
logo
Maxwell Technologies
7672 MAXWELL-7672 Datasheet
247Kb / 11P
   12-Bit A/D Converter
logo
Analog Devices
AD574A AD-AD574A_17 Datasheet
821Kb / 13P
   12-Bit A/D Converter
logo
Texas Instruments
ADC78H90 TI1-ADC78H90 Datasheet
1Mb / 23P
[Old version datasheet]   12-Bit A/D Converter
ADC124S101 TI1-ADC124S101 Datasheet
1Mb / 27P
[Old version datasheet]   12-Bit A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com