Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RL78-L1A Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # RL78-L1A
Description  Integrated LCD controller/driver, 12-bit resolution A/D Converter
Download  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RL78-L1A Datasheet(HTML) 3 Page - Renesas Technology Corp

  RL78-L1A Datasheet HTML 1Page - Renesas Technology Corp RL78-L1A Datasheet HTML 2Page - Renesas Technology Corp RL78-L1A Datasheet HTML 3Page - Renesas Technology Corp RL78-L1A Datasheet HTML 4Page - Renesas Technology Corp RL78-L1A Datasheet HTML 5Page - Renesas Technology Corp RL78-L1A Datasheet HTML 6Page - Renesas Technology Corp RL78-L1A Datasheet HTML 7Page - Renesas Technology Corp RL78-L1A Datasheet HTML 8Page - Renesas Technology Corp RL78-L1A Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 83 page
background image
RL78/L1A
1. OUTLINE
R01DS0280EJ0100 Rev. 1.00
Page 3 of 80
Aug 12, 2016
1.2
Ordering Information
Figure 1 - 1 Part Number, Memory Size, and Package of RL78/L1A
Caution
Orderable part numbers are current as of when this manual was published.
Please make sure to refer to the relevant product page on the Renesas website for the latest part numbers.
Pin Count
Package
Fields of Application
Orderable Part Number
80 pins
80-pin plastic LFQFP
(12
 12 mm, 0.5 mm pitch)
A
R5F11MMDAFB#30, R5F11MMEAFB#30, R5F111MFAFB#30
R5F11MMDAFB#50, R5F11MMEAFB#50, R5F11MMFAFB#50
100 pins
100-pin plastic LFQFP
(14
 14 mm, 0.5 mm pitch)
A
R5F11MPEAFB#30, R5F11MPFAFB#30, R5F11MPGAFB#30
R5F11MPEAFB#50, R5F11MPFAFB#50, R5F11MPGAFB#50
Packaging specification:
#30: Tray
#50: Embossed Tape
R 5 F 1 1 M P E A x x x F B # 3 0
Part No.
Package type:
FB: LFQFP, 0.50 mm pitch
Fields of application:
A: Consumer applications, TA = -40 to +85 °C
ROM capacity:
D: 48 KB
E: 64 KB
F: 96 KB
G: 128 KB
Pin count:
M: 80-pin
P: 100-pin
RL78/L1A Group
11M: RL78/L1A
Memory type:
F: Flash memory
Renesas MCU
Renesas semiconductor product
ROM number (Omitted with blank products)


Similar Part No. - RL78-L1A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RL78-L12 RENESAS-RL78-L12 Datasheet
1Mb / 136P
   Ultra-Low Power Technology
RL78-L13 RENESAS-RL78-L13 Datasheet
1Mb / 126P
   Ultra-low power consumption technology
RL78-L1C RENESAS-RL78-L1C Datasheet
1Mb / 153P
   Ultra-Low Power Technology
More results

Similar Description - RL78-L1A

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB88101A FUJITSU-MB88101A Datasheet
150Kb / 18P
   A/D Converter (With 4-channel Input at 12-bit Resolution)
MB88101A FUJITSU-MB88101A_03 Datasheet
157Kb / 19P
   A/D Converter (With 4-channel Input at 12-bit Resolution)
logo
Analog Devices
AD572 AD-AD572_15 Datasheet
1Mb / 8P
   12 BIT SUCCESSIVE APPROXIMATION INTEGRATED CIRCUIT A/D CONVERTER
REV. B
AD572 AD-AD572 Datasheet
429Kb / 7P
   12-BIT SUCCESSIVE APPROXIMATION INTEGRATED CIRCUIT A/D CONVERTER
REV. A
AD572SD AD-AD572SD Datasheet
1Mb / 8P
   12-Bit Successive Approximation Integrated Circuit A/D Converter
Rev. B
logo
Texas Instruments
ADC128S102 TI1-ADC128S102_15 Datasheet
1Mb / 29P
[Old version datasheet]   12-Bit A/D Converter
logo
Maxwell Technologies
7672 MAXWELL-7672 Datasheet
247Kb / 11P
   12-Bit A/D Converter
logo
Analog Devices
AD574A AD-AD574A_17 Datasheet
821Kb / 13P
   12-Bit A/D Converter
logo
Texas Instruments
ADC78H90 TI1-ADC78H90 Datasheet
1Mb / 23P
[Old version datasheet]   12-Bit A/D Converter
ADC124S101 TI1-ADC124S101 Datasheet
1Mb / 27P
[Old version datasheet]   12-Bit A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com