Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R5F1027AD Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # R5F1027AD
Description  True Low Power Platform (as low as 63 關A/MHz), 1.8V to 5.5V operation
Download  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F1027AD Datasheet(HTML) 4 Page - Renesas Technology Corp

  R5F1027AD Datasheet HTML 1Page - Renesas Technology Corp R5F1027AD Datasheet HTML 2Page - Renesas Technology Corp R5F1027AD Datasheet HTML 3Page - Renesas Technology Corp R5F1027AD Datasheet HTML 4Page - Renesas Technology Corp R5F1027AD Datasheet HTML 5Page - Renesas Technology Corp R5F1027AD Datasheet HTML 6Page - Renesas Technology Corp R5F1027AD Datasheet HTML 7Page - Renesas Technology Corp R5F1027AD Datasheet HTML 8Page - Renesas Technology Corp R5F1027AD Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 110 page
background image
RL78/G12
1. OUTLINE
R01DS0193EJ0210 Rev.2.10
Mar 25, 2016
Page 4 of 106
Table 1-1. List of Ordering Part Numbers
Pin
count
Package
Data flash
Fields of
Application
Part Number
A
R5F1026AASP#V5, R5F10269ASP#V5, R5F10268ASP#V5, R5F10267ASP#V5,
R5F10266ASP#V5
R5F1026AASP#X5, R5F10269ASP#X5, R5F10268ASP#X5, R5F10267ASP#X5,
R5F10266ASP#X5
D
R5F1026ADSP#V5, R5F10269DSP#V5, R5F10268DSP#V5, R5F10267DSP#V5,
R5F10266DSP#V5
R5F1026ADSP#X5, R5F10269DSP#X5, R5F10268DSP#X5, R5F10267DSP#X5,
R5F10266DSP#X5
Mounted
G
R5F1026AGSP#V5, R5F10269GSP#V5, R5F10268GSP#V5, R5F10267GSP#V5,
R5F10266GSP#V5
R5F1026AGSP#X5, R5F10269GSP#X5, R5F10268GSP#X5, R5F10267GSP#X5,
R5F10266GSP#X5
A
R5F1036AASP#V5, R5F10369ASP#V5, R5F10368ASP#V5, R5F10367ASP#V5,
R5F10366ASP#V5
R5F1036AASP#X5, R5F10369ASP#X5, R5F10368ASP#X5, R5F10367ASP#X5,
R5F10366ASP#X5
20
pins
20-pin plastic
LSSOP
(4.4
 6.5 mm,
0.65 mm pitch)
Not mounted
D
R5F1036ADSP#V5, R5F10369DSP#V5, R5F10368DSP#V5, R5F10367DSP#V5,
R5F10366DSP#V5
R5F1036ADSP#X5, R5F10369DSP#X5, R5F10368DSP#X5, R5F10367DSP#X5,
R5F10366DSP#X5
A
R5F1027AANA#U5, R5F10279ANA#U5, R5F10278ANA#U5, R5F10277ANA#U5
R5F1027AANA#W5, R5F10279ANA#W5, R5F10278ANA#W5,
R5F10277ANA#W5
D
R5F1027ADNA#U5, R5F10279DNA#U5, R5F10278DNA#U5, R5F10277DNA#U5
R5F1027ADNA#W5, R5F10279DNA#W5, R5F10278DNA#W5,
R5F10277DNA#W5
Mounted
G
R5F1027AGNA#U5, R5F10279GNA#U5, R5F10278GNA#U5,
R5F10277GNA#U5
R5F1027AGNA#W5, R5F10279GNA#W5, R5F10278GNA#W5,
R5F10277GNA#W5
A
R5F1037AANA#V5, R5F10379ANA#V5, R5F10378ANA#V5, R5F10377ANA#V5
R5F1037AANA#X5, R5F10379ANA#X5, R5F10378ANA#X5, R5F10377ANA#X5
24
pins
24-pin plastic
HWQFN
(4
 4 mm, 0.5
mm pitch)
Not mounted
D
R5F1037ADNA#V5, R5F10379DNA#V5, R5F10378DNA#V5, R5F10377DNA#V5
R5F1037ADNA#X5, R5F10379DNA#X5, R5F10378DNA#X5, R5F10377DNA#X5
A
R5F102AAASP#V0, R5F102A9ASP#V0, R5F102A8ASP#V0, R5F102A7ASP#V0
R5F102AAASP#X0, R5F102A9ASP#X0, R5F102A8ASP#X0, R5F102A7ASP#X0
D
R5F102AADSP#V0, R5F102A9DSP#V0, R5F102A8DSP#V0, R5F102A7DSP#V0
R5F102AADSP#X0, R5F102A9DSP#X0, R5F102A8DSP#X0, R5F102A7DSP#X0
Mounted
G
R5F102AAGSP#V0, R5F102A9GSP#V0, R5F102A8GSP#V0,
R5F102A7GSP#V0
R5F102AAGSP#X0, R5F102A9GSP#X0, R5F102A8GSP#X0,
R5F102A7GSP#X0
A
R5F103AAASP#V0, R5F103A9ASP#V0, R5F103A8ASP#V0, R5F103A7ASP#V0
R5F103AAASP#X0, R5F103A9ASP#X0, R5F103A8ASP#X0, R5F103A7ASP#X0
30
pins
30-pin plastic
LSSOP
(7.62 mm
(300), 0.65 mm
pitch )
Not mounted
D
R5F103AADSP#V0, R5F103A9DSP#V0, R5F103A8DSP#V0, R5F103A7DSP#V0
R5F103AADSP#X0, R5F103A9DSP#X0, R5F103A8DSP#X0, R5F103A7DSP#X0
Note For fields of application, see Figure 1-1 Part Number, Memory Size, and Package of RL78/G12.
Caution
The ordering part numbers represent the numbers at the time of publication. For the latest ordering part
numbers, refer to the target product page of the Renesas Electronics website.
<R>
<R>


Similar Part No. - R5F1027AD

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F1027A RENESAS-R5F1027A Datasheet
153Kb / 17P
   PG-FP5
More results

Similar Description - R5F1027AD

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RL78-G10 RENESAS-RL78-G10 Datasheet
661Kb / 35P
   True Low Power Platform (as low as 46 關A/MHz), 2.0 to 5.5V Operation
RL78G1A_15 RENESAS-RL78G1A_15_15 Datasheet
1Mb / 126P
   Combines Multi-channel 12-Bit A/D Converter, True Low Power Platform (as low as 66 關A/MHz
RL78 RENESAS-RL78 Datasheet
854Kb / 100P
   True Low Power Platform (as low as 66 ?쵡/MHz, and 0.60 ?쵡 for RTC LVD), 1.6 V to 5.5 V operation
R7F0C901B2 RENESAS-R7F0C901B2 Datasheet
1Mb / 90P
   True Low Power Platform (as low as 66 µA/MHz), 1.6 V to 5.5 V operation, 48 to 64 Kbyte Flash, 41 DMIPS at 32 MHz, for General Purpose Applications
Jun 24, 2014
R5F10E8AALA RENESAS-R5F10E8AALA Datasheet
965Kb / 79P
   Combines Multi-channel 12-Bit A/D Converter, True Low Power Platform (as low as 66 關A/MHz, and 0.57 關A for RTC LVD), 1.6 V to 3.6 V operation, 16 to 64 Kbyte Flash, 41 DMIPS at 32 MHz
RL78L13 RENESAS-RL78L13_15 Datasheet
187Kb / 14P
   Integrated LCD controller/driver, True Low Power Platform (as low as 112.5 關A/MHz, and 0.61 關A for RTC LVD), 1.6 V to 5.5 V operation, 16 to 128 Kbyte Flash, 31 DMIPS at 24 MHz, for All LCD Based Applications
RL78L12 RENESAS-RL78L12_15 Datasheet
922Kb / 80P
   Integrated LCD controller/driver, True Low Power Platform (as low as 62.5 關A/MHz, and 0.64 關A for RTC LVD), 1.6 V to 5.5 V operation, 8 to 32 Kbyte Flash, 31 DMIPS at 24 MHz, for All LCD Based Applications
R5F10RB8AFP RENESAS-R5F10RB8AFP Datasheet
816Kb / 76P
   Integrated LCD controller/driver, True Low Power Platform (as low as 75 關A/MHz, and 0.64 關A for RTC LVD), 1.6 V to 5.5 V operation, 8 to 32 Kbyte Flash, 31 DMIPS at 24 MHz, for All LCD Based Applications
RL78-G14 RENESAS-RL78-G14 Datasheet
2Mb / 213P
   True Low Power Platform
logo
Freescale Semiconductor...
AR4100 FREESCALE-AR4100 Datasheet
659Kb / 29P
   Low power modes consuming as little as 5 關A of current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com