Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R5F102A9D Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # R5F102A9D
Description  True Low Power Platform (as low as 63 關A/MHz), 1.8V to 5.5V operation
Download  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F102A9D Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button R5F102A9D Datasheet HTML 7Page - Renesas Technology Corp R5F102A9D Datasheet HTML 8Page - Renesas Technology Corp R5F102A9D Datasheet HTML 9Page - Renesas Technology Corp R5F102A9D Datasheet HTML 10Page - Renesas Technology Corp R5F102A9D Datasheet HTML 11Page - Renesas Technology Corp R5F102A9D Datasheet HTML 12Page - Renesas Technology Corp R5F102A9D Datasheet HTML 13Page - Renesas Technology Corp R5F102A9D Datasheet HTML 14Page - Renesas Technology Corp R5F102A9D Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 110 page
background image
RL78/G12
1. OUTLINE
R01DS0193EJ0210 Rev.2.10
Mar 25, 2016
Page 11 of 106
1.6 Block Diagram
1.6.1 20-pin products
PORT 1
P10 to P14
PORT 2
P20 to P23
4
PORT 4
P40 to P42
2
PORT 6
PORT 12
5
CRC
Note
PCLBUZ0
P60, P61
P121, P122, P125
RESET
Low Speed
On-chip
oscillator
15 kHz
9
6
4
KR0 to KR5
INTP0 to INTP3
ANI2, ANI3, ANI16 to ANI22
ANI0/AVREFP
ANI1/AVREFM
PORT 13
P137
3
3
Multiplier & divider
multiply-
accumulator
On-chip debug
BCD adjustment
IICA0
TOOL0
SCLA0
SDAA0
Power-on
reset/voltage
detector
Clock Generator
+
Reset Generator
High-Speed
on-chip oscillator
1 to 24 MHz
TOOL
TxD
TOOL
RxD
RL78
CPU
core
Buzzer/clock
output control
Key return
6ch
Interrupt control
4ch
Window watchdog
timer
12-bit Intervaltimer
10-bit A/D converter
11ch
RAM
1.5 KB
Interrupt control
DMA
Note
2ch
Code flash: 16 KB
Data flash: 2 KB
Note
SAU0 (2ch)
UART0
CSI00
CSI01
Note
IIC00
Note
IIC01
Note
TI00/TO00
TAU0 (4ch)
ch00
ch01
ch02
ch03
TI01/TO01
TI02/TO02
TI03/TO03
RxD0
TxD0
SCK00
SI00
SO00
SCK01
SI01
SO01
SCL00
SDA00
SCL01
SDA01
Main OSC
1 to 20 MHz
VDD
VSS
X1 X2/EXCLK
Note
Provided only in the R5F102 products.


Similar Part No. - R5F102A9D

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F102A9 RENESAS-R5F102A9 Datasheet
153Kb / 17P
   PG-FP5
More results

Similar Description - R5F102A9D

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RL78-G10 RENESAS-RL78-G10 Datasheet
661Kb / 35P
   True Low Power Platform (as low as 46 關A/MHz), 2.0 to 5.5V Operation
RL78G1A_15 RENESAS-RL78G1A_15_15 Datasheet
1Mb / 126P
   Combines Multi-channel 12-Bit A/D Converter, True Low Power Platform (as low as 66 關A/MHz
RL78 RENESAS-RL78 Datasheet
854Kb / 100P
   True Low Power Platform (as low as 66 ?쵡/MHz, and 0.60 ?쵡 for RTC LVD), 1.6 V to 5.5 V operation
R7F0C901B2 RENESAS-R7F0C901B2 Datasheet
1Mb / 90P
   True Low Power Platform (as low as 66 µA/MHz), 1.6 V to 5.5 V operation, 48 to 64 Kbyte Flash, 41 DMIPS at 32 MHz, for General Purpose Applications
Jun 24, 2014
R5F10E8AALA RENESAS-R5F10E8AALA Datasheet
965Kb / 79P
   Combines Multi-channel 12-Bit A/D Converter, True Low Power Platform (as low as 66 關A/MHz, and 0.57 關A for RTC LVD), 1.6 V to 3.6 V operation, 16 to 64 Kbyte Flash, 41 DMIPS at 32 MHz
RL78L13 RENESAS-RL78L13_15 Datasheet
187Kb / 14P
   Integrated LCD controller/driver, True Low Power Platform (as low as 112.5 關A/MHz, and 0.61 關A for RTC LVD), 1.6 V to 5.5 V operation, 16 to 128 Kbyte Flash, 31 DMIPS at 24 MHz, for All LCD Based Applications
RL78L12 RENESAS-RL78L12_15 Datasheet
922Kb / 80P
   Integrated LCD controller/driver, True Low Power Platform (as low as 62.5 關A/MHz, and 0.64 關A for RTC LVD), 1.6 V to 5.5 V operation, 8 to 32 Kbyte Flash, 31 DMIPS at 24 MHz, for All LCD Based Applications
R5F10RB8AFP RENESAS-R5F10RB8AFP Datasheet
816Kb / 76P
   Integrated LCD controller/driver, True Low Power Platform (as low as 75 關A/MHz, and 0.64 關A for RTC LVD), 1.6 V to 5.5 V operation, 8 to 32 Kbyte Flash, 31 DMIPS at 24 MHz, for All LCD Based Applications
RL78-G14 RENESAS-RL78-G14 Datasheet
2Mb / 213P
   True Low Power Platform
logo
Freescale Semiconductor...
AR4100 FREESCALE-AR4100 Datasheet
659Kb / 29P
   Low power modes consuming as little as 5 關A of current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com