Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R5F11BBCA Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # R5F11BBCA
Description  Ultra-low power consumption technology
Download  143 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F11BBCA Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button R5F11BBCA Datasheet HTML 3Page - Renesas Technology Corp R5F11BBCA Datasheet HTML 4Page - Renesas Technology Corp R5F11BBCA Datasheet HTML 5Page - Renesas Technology Corp R5F11BBCA Datasheet HTML 6Page - Renesas Technology Corp R5F11BBCA Datasheet HTML 7Page - Renesas Technology Corp R5F11BBCA Datasheet HTML 8Page - Renesas Technology Corp R5F11BBCA Datasheet HTML 9Page - Renesas Technology Corp R5F11BBCA Datasheet HTML 10Page - Renesas Technology Corp R5F11BBCA Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 143 page
background image
RL78/G1F
1. OUTLINE
R01DS0246EJ0110 Rev. 1.10
Page 7 of 140
Aug 12, 2016
1.3.3
36-pin products
• 36-pin plastic WFLGA (4 × 4 mm, 0.5 mm pitch)
Caution 1. Connect the REGC pin to VSS pin via a capacitor (0.47 to 1
μF).
Caution 2. Make VDD pin the potential that is higher than EVDD0 pin.
Remark 1.
For pin identification, see 1.4 Pin Identification.
Remark 2.
Functions in parentheses in the above figure can be assigned via settings in the peripheral I/O redirection registers 0 to 3
(PIOR0 to PIOR3).
Remark 3.
When using the microcontroller for an application where the noise generated inside the microcontroller must be reduced,
it is recommended to supply separate powers to the VDD and EVDD0 pins.
AB
C
D
E
F
6
EVDD0
VDD
P121/X1
P122/X2/EXCLK
P137/INTP0
P40/TOOL0
6
5
P61/SDAA0
P60/SCLA0
VSS
REGC
RESET
P124/XT2/
EXCLKS
5
4
P31/TI03/TO03/
INTP4/PCLBUZ0/
SSI00/(TRJIO0)/
VCOUT1
P14/ANI24/RxD2/
SI20/SDA20/
TRDIOD0/
(SCLA0)/IrRxD
P20/ANI0/
AVREFP/IVCMP12/
INTP11
P21/ANI1/
AVREFM/IVCMP13
P01/ANI16/TO00/
RxD1/TRGCLKB/
TRJIO0/INTP10/
IVCMP11
P123/XT1
4
3
P50/INTP1/SI00/
RxD0/TOOLRxD/
SDA00/TRGIOA/
(TRJO0)/
(TRDIOC1)
P70/INTP6/
(VCOUT0)/
(VCOUT1)
P15/PCLBUZ1/
SCK20/SCL20/
TRDIOB0/
(SDAA0)
P23/ANI3/ANO1/
PGAGND
P00/ANI17/TI00/
TxD1/TRGCLKA/
(TRJO0)/INTP8/
IVCMP10
P120/ANI19/
VCOUT0
3
2
P30/INTP3/
RTC1HZ/SCK00/
SCL00/TRJO0/
(TRDIOB1)
P16/TI01/TO01/
INTP5/TRDIOC0/
(RxD0)/
(TRDIOA1)
P12/ANI22/SO11/
TRDIOB1
P11/ANI21/SI11/
SDA11/TRDIOC1
P24/ANI4
P22/ANI2/ANO0/
PGAI/IVCMP0
2
1
P51/INTP2/SO00/
TxD0/TOOLTxD/
TRGIOB/
(TRDIOD1)
P17/TI02/TO02/
TRDIOA0/
TRDCLK0/(TxD0)/
(TRDIOD0)
P13/ANI23/TxD2/
SO20/TRDIOA1/
IrTxD
P10/ANI20/
SCK11/SCL11/
TRDIOD1/(TxD2)
P147/ANI18/
IVREF0
P25/ANI5
1
AB
C
D
E
F
Top View
Bottom View
6
5
4
3
2
1
INDEX MARK
AB
C
D
E
F
FE
D
C
B
A


Similar Part No. - R5F11BBCA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F110ME RENESAS-R5F110ME Datasheet
1Mb / 153P
   RENESAS MCU
R5F110ME RENESAS-R5F110ME Datasheet
153Kb / 17P
   PG-FP5
R5F110MEA RENESAS-R5F110MEA Datasheet
1Mb / 153P
   Ultra-Low Power Technology
R5F110MEG RENESAS-R5F110MEG Datasheet
1Mb / 153P
   Ultra-Low Power Technology
R5F110MF RENESAS-R5F110MF Datasheet
1Mb / 153P
   RENESAS MCU
More results

Similar Description - R5F11BBCA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RL78-G1G RENESAS-RL78-G1G Datasheet
837Kb / 70P
   Ultra-low power consumption technology
RL78-I1E RENESAS-RL78-I1E Datasheet
1Mb / 111P
   Ultra-low power consumption technology
RL78-I1D RENESAS-RL78-I1D Datasheet
977Kb / 102P
   Ultra-low power consumption technology
RL78-L13 RENESAS-RL78-L13 Datasheet
1Mb / 126P
   Ultra-low power consumption technology
RAJ240090 RENESAS-RAJ240090 Datasheet
1Mb / 69P
   Ultra-low power consumption technology
logo
ATMEL Corporation
SAM4L ATMEL-SAM4L_14 Datasheet
2Mb / 176P
   Technology for Ultra-low Power Consumption
logo
Taoglas antenna solutio...
AP.10G.01 TAOGLAS-AP.10G.01 Datasheet
724Kb / 12P
   Ultra low power consumption
logo
List of Unclassifed Man...
N20M-BM ETC2-N20M-BM Datasheet
305Kb / 1P
   Ultra low power consumption
logo
Laird Tech Smart Techno...
LT1110 LSTD-LT1110 Datasheet
922Kb / 2P
   Ultra-low power consumption
logo
Taoglas antenna solutio...
AP.10E.07.0039B TAOGLAS-AP.10E.07.0039B Datasheet
401Kb / 13P
   Ultra low power consumption
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com