Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SLA-570LT3F Datasheet(PDF) 1 Page - Rohm

Part # SLA-570LT3F
Description  High bright circular LED lamps (?5.0mm)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SLA-570LT3F Datasheet(HTML) 1 Page - Rohm

  SLA-570LT3F Datasheet HTML 1Page - Rohm SLA-570LT3F Datasheet HTML 2Page - Rohm SLA-570LT3F Datasheet HTML 3Page - Rohm SLA-570LT3F Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SLA-560 / SLA-570 / SLA-580 Series
LED lamps
High bright circular LED lamps
(
φ5.0mm)
SLA-560 / SLA-570 / SLA-580 Series
The SLA-560, SLA-570 and SLA-580 series are high luminance LEDs which give you a choice of narrow to wide viewing
angles. One red type and one green type are available in three packages for a total of six different types, and they
suitable for use in a wide variety of applications.
!
!
!
!
Features
1) Very bright.
2) High reliability.
!
!
!
!
External dimensions (Units : mm)
0.5
0.5
0.5
CATHODE
φ5.0
CATHODE
CATHODE
(2.5)
(2.5)
(2.5)
φ5.0
φ5.0
4
−0.6
4
−0.6
4
−0.6
SLA-570
SLA-560
SLA-580
Tolerances are
±0.2 unless otherwise noted:
!
!
!
!
Selection guide
Emitting color
Lens
Single-hetero
GaAlAs (red)
GaP (green)
SLA-580LT3F
SLA-570LT3F
SLA-560LT3F
SLA-580MT3F
SLA-570MT3F
SLA-560MT3F
Narrow tupe
Medium tupe
Wide viewng tupe


Similar Part No. - SLA-570LT3F

ManufacturerPart #DatasheetDescription
logo
Rohm
SLA-570LT ROHM-SLA-570LT Datasheet
211Kb / 3P
   High Brightness Type 5.0 Circular Type LED Lamps
More results

Similar Description - SLA-570LT3F

ManufacturerPart #DatasheetDescription
logo
Rohm
SLI-560 ROHM-SLI-560 Datasheet
105Kb / 4P
   Ultra high bright circular LED lamps
logo
List of Unclassifed Man...
LVX3333 ETC1-LVX3333 Datasheet
164Kb / 1P
   5.0mm HIGH INTENSITY LED LAMPS
logo
Marktech Corporate
MT206-R MARKTECH-MT206-R Datasheet
28Kb / 1P
   2mm CIRCULAR LED LAMPS
logo
Everlight Electronics C...
7343-2SYGD-S530-E3 EVERLIGHT-7343-2SYGD-S530-E3 Datasheet
118Kb / 6P
   5.0mm Round Type LED Lamps
1383SDRD-S530-A3 EVERLIGHT-1383SDRD-S530-A3 Datasheet
123Kb / 6P
   5.0mm Round Type LED Lamps
1383SURT-S530-A3 EVERLIGHT-1383SURT-S530-A3 Datasheet
105Kb / 6P
   5.0mm Round Type LED Lamps
333-2SURC-S530-A2 EVERLIGHT-333-2SURC-S530-A2 Datasheet
72Kb / 4P
   5.0mm Round Type LED Lamps
383-2SUBC EVERLIGHT-383-2SUBC Datasheet
98Kb / 6P
   5.0mm Round Type LED Lamps
383-2SUBC-C470 EVERLIGHT-383-2SUBC-C470 Datasheet
95Kb / 6P
   5.0mm Round Type LED Lamps
383-2SUBC-C470-S400 EVERLIGHT-383-2SUBC-C470-S400 Datasheet
123Kb / 7P
   5.0mm Round Type LED Lamps
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com