Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RJF0609JSP Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # RJF0609JSP
Description  60V - 1.5V Silicon N Channel Thermal FET Power Switching
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJF0609JSP Datasheet(HTML) 6 Page - Renesas Technology Corp

  RJF0609JSP_16 Datasheet HTML 1Page - Renesas Technology Corp RJF0609JSP_16 Datasheet HTML 2Page - Renesas Technology Corp RJF0609JSP_16 Datasheet HTML 3Page - Renesas Technology Corp RJF0609JSP_16 Datasheet HTML 4Page - Renesas Technology Corp RJF0609JSP_16 Datasheet HTML 5Page - Renesas Technology Corp RJF0609JSP_16 Datasheet HTML 6Page - Renesas Technology Corp RJF0609JSP_16 Datasheet HTML 7Page - Renesas Technology Corp RJF0609JSP_16 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
RJF0609JSP
Preliminary
R07DS1066EJ0200 Rev.2.00
Page 6 of 7
Jan 15, 2016
D. U. T
Rg
IAP
Monitor
VDS
Monitor
VDD
50
Ω
Vin
10 V
0
ID
VDS
IAP
V(BR)DSS
L
VDD
EAR =
L
• I
AP
2
2
1
V(BR)DSS
V(BR)DSS – VDD
Avalanche Test Circuit
Avalanche Waveform
Vin Monitor
D.U.T.
Vin
10V
RL
VDD
= 30 V
tr
td(on)
Vin
90%
90%
10%
10%
Vout
td(off)
Vout
Monitor
50
Ω
90%
10%
tf
Switching Time Test Circuit
Waveform


Similar Part No. - RJF0609JSP_16

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJF0609JSP RENESAS-RJF0609JSP_15 Datasheet
281Kb / 8P
   60V - 1.5V Silicon N Channel Thermal FET Power Switching
More results

Similar Description - RJF0609JSP_16

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJF0609JSP RENESAS-RJF0609JSP Datasheet
281Kb / 8P
   60V - 1.5V Silicon N Channel Thermal FET Power Switching
RJF0609JSP RENESAS-RJF0609JSP_15 Datasheet
281Kb / 8P
   60V - 1.5V Silicon N Channel Thermal FET Power Switching
RJF0618JPE RENESAS-RJF0618JPE Datasheet
236Kb / 8P
   60V-40A Silicon N Channel Thermal FET Power Switching
RJF0604JPD RENESAS-RJF0604JPD_15 Datasheet
105Kb / 8P
   60V, 5A Silicon N Channel Thermal FET Power Switching
RJF0619JPE RENESAS-RJF0619JPE_15 Datasheet
141Kb / 8P
   60V, 30A Silicon N Channel Thermal FET Power Switching
RJF0619JPD RENESAS-RJF0619JPD Datasheet
154Kb / 8P
   60V, 30A Silicon N Channel Thermal FET Power Switching
Sep. 02, 2013
RJF0619JPD RENESAS-RJF0619JPD_15 Datasheet
155Kb / 8P
   60V, 30A Silicon N Channel Thermal FET Power Switching
RJF0606JPE RENESAS-RJF0606JPE_13 Datasheet
236Kb / 8P
   60V-40A Silicon N Channel Thermal FET Power Switching
RJF0619JPE RENESAS-RJF0619JPE Datasheet
141Kb / 8P
   60V, 30A Silicon N Channel Thermal FET Power Switching
RJF0606JPE RENESAS-RJF0606JPE_15 Datasheet
236Kb / 8P
   60V-40A Silicon N Channel Thermal FET Power Switching
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com