Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RAA230151 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # RAA230151
Description  28.0V Input, Step-Down DC/DC Converter
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RAA230151 Datasheet(HTML) 1 Page - Renesas Technology Corp

  RAA230151 Datasheet HTML 1Page - Renesas Technology Corp RAA230151 Datasheet HTML 2Page - Renesas Technology Corp RAA230151 Datasheet HTML 3Page - Renesas Technology Corp RAA230151 Datasheet HTML 4Page - Renesas Technology Corp RAA230151 Datasheet HTML 5Page - Renesas Technology Corp RAA230151 Datasheet HTML 6Page - Renesas Technology Corp RAA230151 Datasheet HTML 7Page - Renesas Technology Corp RAA230151 Datasheet HTML 8Page - Renesas Technology Corp RAA230151 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
Page 1 of 25
RAA23014x RAA23015x
R18DS0019EJ0100 REV.1.00
Sep.09.2015
Description
The RAA23014x and RAA23015x are 1CH step-down DC/DC converter, 7V to 28V input voltage range. Auto
PFM mode makes devices low power operation at light load, so it makes a system lower power.
The RAA23014x is suitable for battery backup system using lithium primary cell with built-in battery backup
circuit.
Features
DC/DC
Synchronous rectification type step-down DC/DC
Auto PFM mode
Battery backup circuit (RAA23014x)
Input voltage range
7V to 28V
Output voltage range
0.8V to 6V
Maximum output current
3A
Shutdown current
1uA (typ.)
Switching frequency
1.1MHz (fixed)
Soft start
2ms (fixed)
Integrated power MOSFETs
Discharge circuit
Internal phase compensator
Protection circuit
Short circuit protection (latch type)
Thermal shutdown circuit
165°C (typ.)
Under voltage lockout circuit (recovery type)
Package
16-pin HTSSOP (RAA23014x)
8-pin HLSOP (RAA23015x)
Application
Communication (Router, Home Gate Way, Radio, etc.)
Industrial (Surveillance camera, Various controller, etc.)
Building (Security device, Emergency device, Various controller, etc.)
OA (Printer, Plane paper copier, etc.)
Smart meter
Smart home appliances
And, usable various application
Note: A quality grade of the devices is “Standard”. Recommended applications are indicated below.
Computers, office equipment, communications equipment, test and measurement equipment,
audio and visual equipment, home electronic appliances, machine tools, personal electronic
equipment, and industrial robots, etc.
RAA23014x RAA23015x
28.0V Input, Step-Down DC/DC Converter
+ Battery Backup
R18DS0019EJ0100
REV.1.00
Sep.09.2015
Datasheet


Similar Part No. - RAA230151

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RAA230121 RENESAS-RAA230121 Datasheet
1Mb / 28P
   16V Input, 3A, Step-Down DC/DC Converter
RAA230122 RENESAS-RAA230122 Datasheet
1Mb / 28P
   16V Input, 3A, Step-Down DC/DC Converter
RAA230123 RENESAS-RAA230123 Datasheet
1Mb / 28P
   16V Input, 3A, Step-Down DC/DC Converter
RAA23012X RENESAS-RAA23012X Datasheet
1Mb / 28P
   16V Input, 3A, Step-Down DC/DC Converter
RAA230131 RENESAS-RAA230131 Datasheet
1Mb / 28P
   16V Input, 3A, Step-Down DC/DC Converter
More results

Similar Description - RAA230151

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RAA23012X RENESAS-RAA23012X Datasheet
1Mb / 28P
   16V Input, 3A, Step-Down DC/DC Converter
logo
Rohm
BP5226-18 ROHM-BP5226-18 Datasheet
478Kb / 3P
   Step-down DC/DC converter
logo
Texas Instruments
LM3212 TI1-LM3212_16 Datasheet
981Kb / 25P
[Old version datasheet]   Step-Down DC-DC Converter
LM53625-Q1 TI1-LM53625-Q1_16 Datasheet
5Mb / 55P
[Old version datasheet]   Step-Down DC-DC Converter
TPS57140-Q1 TI1-TPS57140-Q1_16 Datasheet
2Mb / 53P
[Old version datasheet]   Step-Down DC-DC Converter
TPS54340-Q1 TI1-TPS54340-Q1_15 Datasheet
1Mb / 48P
[Old version datasheet]   Step-Down DC-DC Converter
logo
KODENSHI_AUK CORP.
PAM2301 KODENSHI-PAM2301 Datasheet
863Kb / 13P
   STEP-DOWN DC-DC CONVERTER
logo
Texas Instruments
LM3203 TI1-LM3203_16 Datasheet
3Mb / 22P
[Old version datasheet]   Step-Down DC-DC Converter
TPS54040 TI1-TPS54040_16 Datasheet
2Mb / 51P
[Old version datasheet]   Step Down DC/DC Converter
logo
Diodes Incorporated
PAM2301 DIODES-PAM2301 Datasheet
1Mb / 13P
   STEP-DOWN DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com