Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RAA23022X Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # RAA23022X
Description  16V Input, 3A, Dual Step-Down DC/DC Converter
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RAA23022X Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button RAA23022X Datasheet HTML 6Page - Renesas Technology Corp RAA23022X Datasheet HTML 7Page - Renesas Technology Corp RAA23022X Datasheet HTML 8Page - Renesas Technology Corp RAA23022X Datasheet HTML 9Page - Renesas Technology Corp RAA23022X Datasheet HTML 10Page - Renesas Technology Corp RAA23022X Datasheet HTML 11Page - Renesas Technology Corp RAA23022X Datasheet HTML 12Page - Renesas Technology Corp RAA23022X Datasheet HTML 13Page - Renesas Technology Corp RAA23022X Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
Page 10 of 30
RAA23022x RAA23023x
R18DS0017EJ0100 REV.1.00
Apr.21.2015
Electrical Characteristics
(Unless otherwise specified, TA = 25°C, VIN1 = VIN2 = 12V)
Parameter
Symbol
MIN.
TYP.
MAX.
Unit
Condition
Total
Shutdown current
IDD(SHDN)
1
10
uA
EN1 = EN2 = GND
Under
voltage lock
out circuit
(UVLO)
Operating start voltage
Vrls(vin)
3.6
3.9
4.2
V
VIN1 and VIN2 rising are
detected
Operating stop voltage
Vdet(vin)
3.4
3.7
4.0
V
VIN1 and VIN2 falling are
detected
Internal
power
supply
(VREG)
Internal power supply voltage
VREG
4.7
5.0
5.3
V
Ireg = 0mA, VIN1 = 6V to 16V
Output
(PWM mode)
E/A feedback voltage
vref07
0.693
0.700
0.707
V
Include input offset
at external resistor setting
Output voltage accuracy
Vacc
-2.5
+2.5
%
Fixed VOUT products
High side FET on-resistance
Ronh
180
m
Ω Io=100mA
Low side FET on-resistance
Ronl
130
m
Ω Io=-100mA
Discharge
circuit
On-resistance
Rondc
100
200
Ω
CH1, CH2, Io=15mA
Soft start
Soft start time *1
tss
1.2
2
3.5
ms
Thermal
shutdown
circuit
Detect temperature*2
165
°C
Hysteresis temperature*2
20
°C
Logic input
High level threshold voltage
VIH
1.3
VIN+0.3
V
EN1, EN2, x_AutoPFM
Low level threshold voltage
VIL
-0.3
0.4
V
EN1, EN2, x_AutoPFM
Input current
IEN
1
uA
EN1 = 3.3V, EN2 = 3.3V
x_AutoPFM = 3.3V
Battery
backup
(RAA23022x)
VBB_IN input voltage range
VBB
2.7
3.0
3.7
V
On-resistance between
VBB_IN and VBB_OUT
Ron_vbat
400
Ω
VBB_OUT = VBB_IN, Io=0.5mA
On-resistance between
VOUT1 and VBB_OUT
Ron_vout1
100
Ω
VBB_OUT = VOUT1, Io=0.5mA
VBB leak current *1
IL_BB
0.5
uA
VBB_OUT = VBB_IN = 3.0V,
No load
Note: *1 Reference value
*2 Not production tested.


Similar Part No. - RAA23022X

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RAA230214GSB RENESAS-RAA230214GSB Datasheet
1Mb / 36P
   5.5V Input, 3A, Step-Down DC/DC Converter LDO
RAA230214GSBHA0 RENESAS-RAA230214GSBHA0 Datasheet
1Mb / 36P
   5.5V Input, 3A, Step-Down DC/DC Converter LDO
Jul 23, 2014
RAA230215GSB RENESAS-RAA230215GSB Datasheet
1Mb / 36P
   5.5V Input, 3A, Step-Down DC/DC Converter LDO
RAA230215GSBHA0 RENESAS-RAA230215GSBHA0 Datasheet
1Mb / 36P
   5.5V Input, 3A, Step-Down DC/DC Converter LDO
Jul 23, 2014
RAA23021X RENESAS-RAA23021X Datasheet
1Mb / 36P
   5.5V Input, 3A, Step-Down DC/DC Converter LDO
Jul 23, 2014
More results

Similar Description - RAA23022X

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RAA23012X RENESAS-RAA23012X Datasheet
1Mb / 28P
   16V Input, 3A, Step-Down DC/DC Converter
logo
AiT Semiconductor Inc.
A7231A AITSEMI-A7231A Datasheet
893Kb / 13P
   DC-DC CONVERTER BUCK (STEP-DOWN) 500kHz, 3A, 16V SYNCHRONOUS
REV1.0
logo
Renesas Technology Corp
RAA23021X RENESAS-RAA23021X Datasheet
1Mb / 36P
   5.5V Input, 3A, Step-Down DC/DC Converter LDO
Jul 23, 2014
RAA23021X RENESAS-RAA23021X_15 Datasheet
1Mb / 36P
   5.5V Input, 3A, Step-Down DC/DC Converter LDO
logo
Zilog, Inc.
IXD3220 ZILOG-IXD3220 Datasheet
1Mb / 18P
   16V Input Voltage Step-Down DC/DC Controller
logo
Linear Technology
LTC3615IUF LINER-LTC3615IUF Datasheet
527Kb / 32P
   Dual 4MHz, 3A Synchronous Step-Down DC/DC Converter
LTC3615 LINER-LTC3615 Datasheet
3Mb / 32P
   Dual 4MHz, 3A Synchronous Step-Down DC/DC Converter
LTC3615-1 LINER-LTC3615-1_15 Datasheet
590Kb / 32P
   Dual 4MHz, 3A Synchronous Step-Down DC/DC Converter
LTC3615 LINER-LTC3615_15 Datasheet
590Kb / 32P
   Dual 4MHz, 3A Synchronous Step-Down DC/DC Converter
logo
Advanced Analogic Techn...
AAT1160 ANALOGICTECH-AAT1160 Datasheet
662Kb / 17P
   12V, 3A Step-Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com