Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RAA230131 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # RAA230131
Description  16V Input, 3A, Step-Down DC/DC Converter
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RAA230131 Datasheet(HTML) 4 Page - Renesas Technology Corp

  RAA230131 Datasheet HTML 1Page - Renesas Technology Corp RAA230131 Datasheet HTML 2Page - Renesas Technology Corp RAA230131 Datasheet HTML 3Page - Renesas Technology Corp RAA230131 Datasheet HTML 4Page - Renesas Technology Corp RAA230131 Datasheet HTML 5Page - Renesas Technology Corp RAA230131 Datasheet HTML 6Page - Renesas Technology Corp RAA230131 Datasheet HTML 7Page - Renesas Technology Corp RAA230131 Datasheet HTML 8Page - Renesas Technology Corp RAA230131 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
Page 4 of 26
RAA23012x RAA23013x
R18DS0015EJ0100 REV.1.00
Apr.15.2015
RAA23013x (1CHDCDC, VOUT set by external resistors)


Similar Part No. - RAA230131

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RAA230141 RENESAS-RAA230141 Datasheet
821Kb / 27P
   28.0V Input, Step-Down DC/DC Converter
RAA230142 RENESAS-RAA230142 Datasheet
821Kb / 27P
   28.0V Input, Step-Down DC/DC Converter
RAA230143 RENESAS-RAA230143 Datasheet
821Kb / 27P
   28.0V Input, Step-Down DC/DC Converter
RAA23014X RENESAS-RAA23014X Datasheet
821Kb / 27P
   28.0V Input, Step-Down DC/DC Converter
RAA230151 RENESAS-RAA230151 Datasheet
821Kb / 27P
   28.0V Input, Step-Down DC/DC Converter
More results

Similar Description - RAA230131

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RAA23022X RENESAS-RAA23022X Datasheet
1Mb / 32P
   16V Input, 3A, Dual Step-Down DC/DC Converter
logo
AiT Semiconductor Inc.
A7231A AITSEMI-A7231A Datasheet
893Kb / 13P
   DC-DC CONVERTER BUCK (STEP-DOWN) 500kHz, 3A, 16V SYNCHRONOUS
REV1.0
logo
Renesas Technology Corp
RAA23021X RENESAS-RAA23021X Datasheet
1Mb / 36P
   5.5V Input, 3A, Step-Down DC/DC Converter LDO
Jul 23, 2014
RAA23021X RENESAS-RAA23021X_15 Datasheet
1Mb / 36P
   5.5V Input, 3A, Step-Down DC/DC Converter LDO
logo
Zilog, Inc.
IXD3220 ZILOG-IXD3220 Datasheet
1Mb / 18P
   16V Input Voltage Step-Down DC/DC Controller
logo
Advanced Analogic Techn...
AAT1160 ANALOGICTECH-AAT1160 Datasheet
662Kb / 17P
   12V, 3A Step-Down DC/DC Converter
AAT1154 ANALOGICTECH-AAT1154_07 Datasheet
449Kb / 16P
   1MHz 3A Step-Down DC/DC Converter
logo
Holtek Semiconductor In...
HT7466 HOLTEK-HT7466 Datasheet
1Mb / 9P
   3A Step-Down DC to DC Converter
logo
Active-Semi, Inc
ACT2113 ACTIVE-SEMI-ACT2113_14 Datasheet
690Kb / 17P
   18V/3A Step-Down DC/DC Converter
Rev 3, 23-May-12
ACT2103 ACTIVE-SEMI-ACT2103 Datasheet
733Kb / 16P
   18V/3A Step-Down DC/DC Converter
Rev 2, 23-May-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com