Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LWK43733 Datasheet(PDF) 2 Page - LIGITEK electronics co., ltd.

Part # LWK43733
Description  OVAL ROUND TYPE LED LAMPS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LWK43733 Datasheet(HTML) 2 Page - LIGITEK electronics co., ltd.

  LWK43733 Datasheet HTML 1Page - LIGITEK electronics co., ltd. LWK43733 Datasheet HTML 2Page - LIGITEK electronics co., ltd. LWK43733 Datasheet HTML 3Page - LIGITEK electronics co., ltd. LWK43733 Datasheet HTML 4Page - LIGITEK electronics co., ltd. LWK43733 Datasheet HTML 5Page - LIGITEK electronics co., ltd. LWK43733 Datasheet HTML 6Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Radiation Angle(0.5):H 78 Degree/V 30 Degree
Vertical Axis 30
°
Horizontal Axis 78
°
50%
100% 75%
-60
°
-30
°
50%
25%
0
25%
100%
75%
30
°
0
°
60
°
1.5
MAX
25.0MIN
1.0MIN
2.54TYP
0.5
TYP
5.2
3.8
7.0
Page 1/5
PART NO. LWK43733
Package Dimensions
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Directivity Radiation
Note : 1.All dimension are in millimeter tolerance is
±0.25mm unless otherwise noted.
2.Specifications are subject to change without notice.
+
-


Similar Part No. - LWK43733

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LWK43742 LIGITEK-LWK43742 Datasheet
151Kb / 7P
   OVAL TYPE LED LAMPS
More results

Similar Description - LWK43733

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LUYS43733 LIGITEK-LUYS43733 Datasheet
70Kb / 5P
   SUPER BRIGHT OVAL ROUND TYPE LED LAMPS
LHRF43733-PF LIGITEK-LHRF43733-PF Datasheet
110Kb / 6P
   SUPER BRIGHT OVAL ROUND TYPE LED LAMPS
LDGM23533 LIGITEK-LDGM23533 Datasheet
78Kb / 6P
   OVAL TYPE LED LAMPS
LDGM32840-P1 LIGITEK-LDGM32840-P1 Datasheet
127Kb / 6P
   OVAL TYPE LED LAMPS
LDBK43743 LIGITEK-LDBK43743 Datasheet
112Kb / 6P
   OVAL TYPE LED LAMPS
LUY13430H LIGITEK-LUY13430H Datasheet
118Kb / 6P
   OVAL TYPE LED LAMPS
LDGM13430 LIGITEK-LDGM13430 Datasheet
109Kb / 6P
   OVAL TYPE LED LAMPS
LDGM32840 LIGITEK-LDGM32840 Datasheet
138Kb / 6P
   OVAL TYPE LED LAMPS
LWK43742 LIGITEK-LWK43742 Datasheet
151Kb / 7P
   OVAL TYPE LED LAMPS
L8SR13430-PF LIGITEK-L8SR13430-PF Datasheet
110Kb / 6P
   OVAL TYPE LED LAMPS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com