Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ER202G Datasheet(PDF) 2 Page - Guangdong Juxing Electronics Technology Co., Ltd.

Part # ER202G
Description  Superfast Recovery Rectitiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JUXING [Guangdong Juxing Electronics Technology Co., Ltd.]
Direct Link  http://www.trr-jx.com
Logo JUXING - Guangdong Juxing Electronics Technology Co., Ltd.

ER202G Datasheet(HTML) 2 Page - Guangdong Juxing Electronics Technology Co., Ltd.

  ER202G Datasheet HTML 1Page - Guangdong Juxing Electronics Technology Co., Ltd. ER202G Datasheet HTML 2Page - Guangdong Juxing Electronics Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FIG.2 MA X I MUMNON-REPEITIVESURGECURRENT
FIG.1MAX IMUMAVERAGEFORWARDCURRENTRATING
FIG.3 TY P ICALREVERSECHARACTERISTICS
NUMBER OF CYCLES AT 60Hz
AMBIENT TEMPERATURE, C
O
.
2.0
3.0
4.0
.
1.0.
.
0
0
20
40
60
80
100
120
140
160
180
SINGLE PHASE, HALF-WAVE, 60Hz RESISTIVE
OR INDUCTIVE LOAD .375" (9mm) LEAD LENGTHS
REVERSE VOLTAGE, VOLTS
INSTANTANEOUS FORWARD VOLTAGE VOLTS
1
100
0
1.0
0.1
.01
0.4
0.8
1.2
1.6
2.0
2.4
2.8
0
T= 25 C
J
O
600V
50-200V
300-400V
1000
100
10
1.0
0.1
20
40
60
80
100
120
T= 75 C
J
O
T= 25 C
J
O
T= 100 C
J
O
PERCENTAGE OF PEAK REVERSE VOLTAGE,%
60
50
40
30
20
10
12
5
10
20
50
100
60
50
40
30
20
10
0.1
0.5
1
5
10 20
50 100 200
500 1000
FIG.4 TYPICAL FORWARD CHARACTERISTICS
FIG.5 TYPICAL JUNCTION CAPACITANCE
http://www.trr-jx.com
RATINGS AND CHARACTERISTIC CURVES
Superfast Recovery Rectitiers
ER201G THRU ER208G


Similar Part No. - ER202G

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
ER202 PANJIT-ER202 Datasheet
67Kb / 2P
   SUPERFAST RECOVERY RECTIFIERS(VOLTAGE - 50 to 600 Volts CURRENT - 2.0 Amperes)
logo
Galaxy Semi-Conductor H...
ER202 BILIN-ER202 Datasheet
286Kb / 2P
   SUPER FAST RECTIFIERS
logo
Transys Electronics
ER202 TRSYS-ER202 Datasheet
188Kb / 3P
   SUPERFAST RECOVERY RECTIFIERS
logo
Zibo Seno Electronic En...
ER202 ZSELEC-ER202 Datasheet
116Kb / 2P
   2.0A SUPERFAST RECTIFIER
logo
Pan Jit International I...
ER202 PANJIT-ER202 Datasheet
54Kb / 2P
   SUPERFAST RECOVERY RECTIFIERS
More results

Similar Description - ER202G

ManufacturerPart #DatasheetDescription
logo
Guangdong Juxing Electr...
SF51 JUXING-SF51 Datasheet
569Kb / 2P
   Superfast Recovery Rectitiers
SFA06 JUXING-SFA06_15 Datasheet
1Mb / 2P
   Superfast Recovery Rectitiers
SF31G JUXING-SF31G Datasheet
680Kb / 2P
   Superfast Recovery Rectitiers
SF21G JUXING-SF21G Datasheet
788Kb / 2P
   Superfast Recovery Rectitiers
DS601 JUXING-DS601 Datasheet
2Mb / 3P
   Superfast Recovery Rectitiers
ER300 JUXING-ER300 Datasheet
717Kb / 2P
   Superfast Recovery Rectitiers
SF31 JUXING-SF31_18 Datasheet
707Kb / 2P
   Superfast Recovery Rectitiers
SF51 JUXING-SF51_18 Datasheet
641Kb / 2P
   Superfast Recovery Rectitiers
SF501 JUXING-SF501 Datasheet
1Mb / 3P
   Superfast Recovery Rectitiers
SF508 JUXING-SF508 Datasheet
3Mb / 3P
   Superfast Recovery Rectitiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com