Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0533980571 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0533980571
Description  1.25mm Pitch PicoBlade Header, Surface Mount, Vertical, 5 Circuits
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX1 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.

0533980571 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0533980571_17 Datasheet HTML 1Page - Molex Electronics Ltd. 0533980571_17 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 05/29/2017
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0533980571
Status:
Active
Overview:
PicoBlade™ Connector System
Description:
1.25mm Pitch PicoBlade™ Header, Surface Mount, Vertical, 5 Circuits
Documents:
3D Model
Packaging Specification SPK-53398-002-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-51021-024-001 (PDF)
Agency Certification
UL
E29179
General
Product Family
PCB Headers
Series
53398
Application
Signal, Wire-to-Board
Current Derating Order No
987651-3691
Overview
PicoBlade™ Connector System
Product Name
PicoBlade™
UPC
822348164325
Physical
Breakaway
No
Circuits (Loaded)
5
Circuits (maximum)
5
Color - Resin
Natural
Durability (mating cycles max)
30
First Mate / Last Break
No
Flammability
94V-0
Glow-Wire Compliant
No
Guide to Mating Part
No
Lock to Mating Part
Yes
Mated Height
5.70mm
Material - Metal
Phosphor Bronze
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Material - Resin
Nylon
Net Weight
192.400/mg
Number of Rows
1
Orientation
Vertical
PC Tail Length
0.60mm
PCB Locator
No
PCB Retention
Yes
Packaging Type
Embossed Tape on Reel
Pitch - Mating Interface
1.25mm
Polarized to Mating Part
Yes
Polarized to PCB
Yes
Shrouded
Partial
Stackable
No
Temperature Range - Operating
-40°C to +85°C
Termination Interface: Style
Surface Mount
Electrical
Current - Maximum per Contact
1.0A
Voltage - Maximum
125V
Material Info
Series image - Reference only
EU ELV
Not Relevant
EU RoHS
China RoHS
Compliant
REACH SVHC
Not Contained Per
-ED/01/2017 (12
January 2017)
Halogen-Free
Status
Not Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Green Image
ELV
Not Relevant
RoHS Phthalates
Not Contained
Search Parts in this Series
53398 Series
Mates With
PicoBlade™ Housing 51021
<br>PicoBlade™ Cable Assembly 15134


Similar Part No. - 0533980571_17

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0533980571 MOLEX7-0533980571 Datasheet
464Kb / 7P
   1.25mm (.049") Pitch PicoBlade??Header, Surface Mount, Vertical, Lead-free, 5Circuits
0533980571 MOLEX11-0533980571 Datasheet
438Kb / 5P
   1.25 W/B CONN. ASSY FOR SMT(ST.)
More results

Similar Description - 0533980571_17

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0533980771 MOLEX1-0533980771_17 Datasheet
29Kb / 2P
   1.25mm Pitch PicoBlade Header, Surface Mount, Vertical, 7 Circuits
0533981371 MOLEX1-0533981371_17 Datasheet
29Kb / 2P
   1.25mm Pitch PicoBlade Header, Surface Mount, Vertical, 13 Circuits
0533981571 MOLEX1-0533981571_17 Datasheet
29Kb / 2P
   1.25mm Pitch PicoBlade Header, Surface Mount, Vertical, 15 Circuits
0533980471 MOLEX1-0533980471_17 Datasheet
29Kb / 2P
   1.25mm Pitch PicoBlade Header, Surface Mount, Vertical, 4 Circuits
0533980971 MOLEX1-0533980971_17 Datasheet
29Kb / 2P
   1.25mm Pitch PicoBlade Header, Surface Mount, Vertical, 9 Circuits
0533981471 MOLEX1-0533981471_17 Datasheet
29Kb / 2P
   1.25mm Pitch PicoBlade Header, Surface Mount, Vertical, 14 Circuits
0533980271 MOLEX1-0533980271_17 Datasheet
29Kb / 2P
   1.25mm Pitch PicoBlade Header, Surface Mount, Vertical, 2 Circuits
0533981071 MOLEX1-0533981071_17 Datasheet
29Kb / 2P
   1.25mm Pitch PicoBlade Header, Surface Mount, Vertical, 10 Circuits
0533980371 MOLEX1-0533980371_17 Datasheet
29Kb / 2P
   1.25mm Pitch PicoBlade Header, Surface Mount, Vertical, 3 Circuits
0533980671 MOLEX1-0533980671_17 Datasheet
29Kb / 2P
   1.25mm Pitch PicoBlade??Header, Surface Mount, Vertical, 6 Circuits
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com