Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0532610971 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 0532610971
Description  1.25mm Pitch PicoBlade Header, Surface Mount, Right Angle, 9 Circuits
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX1 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.

0532610971 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  0532610971_17 Datasheet HTML 1Page - Molex Electronics Ltd. 0532610971_17 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Voltage - Maximum
125V
Material Info
Reference - Drawing Numbers
Packaging Specification
SPK-53261-002-001
Product Specification
PS-51021-024-001
Sales Drawing
SD-51021-002, SD-53261-023, SD-53261-024
This document was generated on 05/24/2017
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0532610971_17

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0532610971 MOLEX7-0532610971 Datasheet
436Kb / 7P
   1.25mm (.049") Pitch PicoBlade??Header, Surface Mount, Right Angle, Lead-free, 9Circuits
More results

Similar Description - 0532610971_17

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0530480910 MOLEX1-0530480910_17 Datasheet
29Kb / 2P
   1.25mm Pitch PicoBlade Header, Right Angle, 9 Circuits
0532610671 MOLEX1-0532610671_17 Datasheet
29Kb / 2P
   1.25mm Pitch PicoBlade Header, Surface Mount, Right Angle, 6 Circuits
0530480910 MOLEX7-0530480910 Datasheet
97Kb / 3P
   1.25mm (.049") Pitch PicoBlade??Header, Right Angle, 9 Circuits
0533980971 MOLEX1-0533980971_17 Datasheet
29Kb / 2P
   1.25mm Pitch PicoBlade Header, Surface Mount, Vertical, 9 Circuits
0532610271 MOLEX1-0532610271_17 Datasheet
29Kb / 2P
   1.25mm Pitch PicoBlade Header, Surface Mount, Right Angle, 2 Circuits
0532610571 MOLEX1-0532610571_17 Datasheet
29Kb / 2P
   1.25mm Pitch PicoBlade Header, Surface Mount, Right Angle, 5 Circuits
0532611471 MOLEX1-0532611471_17 Datasheet
29Kb / 2P
   1.25mm Pitch PicoBlade Header, Surface Mount, Right Angle, 14 Circuits
0532610471 MOLEX1-0532610471_17 Datasheet
29Kb / 2P
   1.25mm Pitch PicoBlade Header, Surface Mount, Right Angle, 4 Circuits
0532610871 MOLEX1-0532610871_17 Datasheet
29Kb / 2P
   1.25mm Pitch PicoBlade Header, Surface Mount, Right Angle, 8 Circuits
0532611571 MOLEX1-0532611571_17 Datasheet
29Kb / 2P
   1.25mm Pitch PicoBlade Header, Surface Mount, Right Angle, 15 Circuits
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com