Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI1026X Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SI1026X
Description  N-Channel 60-V (D-S) MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI1026X Datasheet(HTML) 3 Page - Vishay Siliconix

  SI1026X Datasheet HTML 1Page - Vishay Siliconix SI1026X Datasheet HTML 2Page - Vishay Siliconix SI1026X Datasheet HTML 3Page - Vishay Siliconix SI1026X Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Si1026X
Vishay Siliconix
New Product
Document Number: 71434
S-03518—Rev. A, 23-Apr-01
www.vishay.com
3
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
0
300
600
900
1200
0123456
0.0
0.2
0.4
0.6
0.8
1.0
012345
Output Characteristics
Transfer Characteristics
VDS – Drain-to-Source Voltage (V)
VGS = 10 thru 7 V
3 V
5 V
4 V
VGS – Gate-to-Source Voltage (V)
TJ = –55_C
125
_C
25
_C
0.0
0.4
0.8
1.2
1.6
2.0
–50
–25
0
25
50
75
100
125
150
On-Resistance vs. Junction Temperature
TJ – Junction Temperature (_C)
VGS = 10 V @ 500 mA
VGS = 4.5 V
@ 200 mA
0
1
2
3
4
5
6
7
0.0
0.1
0.2
0.3
0.4
0.5
0.6
VDS = 10 V
ID = 250 mA
Gate Charge
Qg – Total Gate Charge (nC)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0
200
400
600
800
1000
On-Resistance vs. Drain Current
ID – Drain Current (mA)
VGS = 4.5 V
VGS = 10 V
0
10
20
30
40
50
0
5
10
15
20
25
Capacitance
VDS – Drain-to-Source Voltage (V)
Crss
Coss
Ciss
VGS = 0 V
f = 1 MHz
6 V


Similar Part No. - SI1026X

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI1026X VISHAY-SI1026X Datasheet
113Kb / 5P
   N-Channel 60-V (D-S) MOSFET
Rev. C, 24-Mar-08
SI1026X VISHAY-SI1026X Datasheet
117Kb / 7P
   N-Channel 60 V (D-S) MOSFET
Rev. D, 25-Oct-10
SI1026X VISHAY-SI1026X Datasheet
147Kb / 7P
   N-Channel 60 V (D-S) MOSFET
01-Jan-2022
logo
TECH PUBLIC Electronics...
SI1026X TECHPUBLIC-SI1026X Datasheet
949Kb / 3P
   60V Dual N-Channel Enhancement Mode MOSFET
logo
Vishay Siliconix
SI1026X-T1-E3 VISHAY-SI1026X-T1-E3 Datasheet
113Kb / 5P
   N-Channel 60-V (D-S) MOSFET
Rev. C, 24-Mar-08
More results

Similar Description - SI1026X

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI7478DP VISHAY-SI7478DP Datasheet
231Kb / 5P
   N-Channel 60-V (D-S) MOSFET
Rev. B, 07-Nov-05
2N7000KL VISHAY-2N7000KL Datasheet
73Kb / 4P
   N-Channel 60-V (D-S) MOSFET
Rev. A, 16-Feb-04
logo
DinTek Semiconductor Co...
DTL9604 DINTEK-DTL9604 Datasheet
246Kb / 8P
   N-Channel 60 V (D-S) MOSFET
logo
Bruckewell Technology L...
MSD20N06 BWTECH-MSD20N06 Datasheet
566Kb / 5P
   N-Channel 60-V (D-S) MOSFET
MSD30N06 BWTECH-MSD30N06 Datasheet
702Kb / 8P
   N-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
SIR664DP VISHAY-SIR664DP Datasheet
161Kb / 9P
   N-Channel 60 V (D-S) MOSFET
Rev. A, 13-May-13
logo
Analog Power
AM110N06-08FP ANALOGPOWER-AM110N06-08FP Datasheet
577Kb / 5P
   N-Channel 60-V (D-S) MOSFET
AM2362N ANALOGPOWER-AM2362N Datasheet
311Kb / 5P
   N-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
SUM50020EL VISHAY-SUM50020EL Datasheet
189Kb / 9P
   N-Channel 60 V (D-S) MOSFET
Rev. A, 10-Aug-15
SIS862DN VISHAY-SIS862DN Datasheet
565Kb / 13P
   N-Channel 60 V (D-S) MOSFET
Rev. A, 27-May-13
logo
Analog Power
AM7960N ANALOGPOWER-AM7960N Datasheet
310Kb / 5P
   N-Channel 60-V (D-S) MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com