Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF5J41A Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # SF5J41A
Description  TOSHIBA THYRISTOR SILICON PLANAR TYPE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

SF5J41A Datasheet(HTML) 1 Page - Toshiba Semiconductor

  SF5J41A Datasheet HTML 1Page - Toshiba Semiconductor SF5J41A Datasheet HTML 2Page - Toshiba Semiconductor SF5J41A Datasheet HTML 3Page - Toshiba Semiconductor SF5J41A Datasheet HTML 4Page - Toshiba Semiconductor SF5J41A Datasheet HTML 5Page - Toshiba Semiconductor SF5J41A Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SF5G41A,SF5J41A
2001-07-13
1
TOSHIBA THYRISTOR SILICON PLANAR TYPE
SF5G41A,SF5J41A
MEDIUM POWER CONTROL APPLICATIONS
l Repetitive Peak Off−State Voltage : VDRM = 400, 600V
Repetitive Peak Reverse Voltage
: VRRM = 400, 600V
l Average On−State Current
: IT (AV) = 5A
l Gate Trigger Current
: IGT = 15mA (MAX.)
MAXIMUM RATINGS
CHARACTERISTIC
SYMBOL
RATING
UNIT
SF5G41A
400
Repetitive Peak
Off−State Voltage and
Repetitive Peak Reverse
Voltage
SF5J41A
VDRM
VRRM
600
V
SF5G41A
500
Non−Repetitive Peak
Reverse Voltage
(Non−Repetitive<5ms,
Tj = 0~125°C)
SF5J41A
VRSM
720
V
Average On−State Current
(Half Sine Waveform Tc = 91°C)
IT (AV)
5
A
R.M.S On−State Current
IT (RMS)
7.8
A
80 (50Hz)
Peak One Cycle Surge On−State
Current (Non−Repetitive)
ITSM
88 (60Hz)
A
I
2
t Limit Value
I
2
t
32
A
2
s
Critical Rate of Rise of On−State
Current
di / dt
100
A / µs
Peak Gate Power Dissipation
PGM
5
W
Average Gate Power Dissipation
PG (AV)
0.5
W
Peak Forward Gate Voltage
VFGM
10
V
Peak Reverse Gate Voltage
VRGM
−5
V
Peak Forward Gate Current
IGM
2
A
Junction Temperature
Tj
−40~125
°C
Storage Temperature Range
Tstg
−40~125
°C
JEDEC
TO−220AB
JEITA
TOSHIBA
13−10G1B
Weight: 2g
Unit: mm


Similar Part No. - SF5J41A

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
SF5J41A KERSEMI-SF5J41A Datasheet
917Kb / 5P
   THYRISTOR SILICON PLANAR TYPE
More results

Similar Description - SF5J41A

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SF10J48 TOSHIBA-SF10J48 Datasheet
232Kb / 6P
   TOSHIBA THYRISTOR SILICON PLANAR TYPE
S6744 TOSHIBA-S6744 Datasheet
124Kb / 4P
   TOSHIBA THYRISTOR SILICON PLANAR TYPE
URSF05G49-1P TOSHIBA-URSF05G49-1P Datasheet
253Kb / 6P
   TOSHIBA THYRISTOR SILICON PLANAR TYPE
USF5G49 TOSHIBA-USF5G49 Datasheet
208Kb / 6P
   TOSHIBA Thyristor Silicon Planar Type
SF10G41A TOSHIBA-SF10G41A Datasheet
257Kb / 6P
   TOSHIBA THYRISTOR SILICON PLANAR TYPE
S6992 TOSHIBA-S6992 Datasheet
132Kb / 4P
   TOSHIBA Thyristor Silicon Planar Type
S6A13 TOSHIBA-S6A13 Datasheet
137Kb / 4P
   TOSHIBA Thyristor Silicon Planar Type
SF0R5G43 TOSHIBA-SF0R5G43 Datasheet
244Kb / 6P
   TOSHIBA THYRISTOR SILICON PLANAR TYPE
SF5G48 TOSHIBA-SF5G48 Datasheet
214Kb / 6P
   TOSHIBA THYRISTOR SILICON PLANAR TYPE
S6785G TOSHIBA-S6785G Datasheet
107Kb / 4P
   TOSHIBA HIGH SPEED THYRISTOR SILICON PLANAR TYPE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com