Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HT7530-7 Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT7530-7
Description  30V, 100mA TinyPowerTM LDO with Protections
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7530-7 Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT7530-7 Datasheet HTML 1Page - Holtek Semiconductor Inc HT7530-7 Datasheet HTML 2Page - Holtek Semiconductor Inc HT7530-7 Datasheet HTML 3Page - Holtek Semiconductor Inc HT7530-7 Datasheet HTML 4Page - Holtek Semiconductor Inc HT7530-7 Datasheet HTML 5Page - Holtek Semiconductor Inc HT7530-7 Datasheet HTML 6Page - Holtek Semiconductor Inc HT7530-7 Datasheet HTML 7Page - Holtek Semiconductor Inc HT7530-7 Datasheet HTML 8Page - Holtek Semiconductor Inc HT7530-7 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
Rev. 1.10
1
February 18, 2016
Rev. 1.00
PB
February 18, 2016
HT75xx-7
30V, 100mA TinyPowerTM LDO with Protections
Features
• Lowpowerconsumption
• Lowvoltagedrop
• Lowtemperaturecoefficient
• Highinputvoltage–upto30V
• Outputvoltageaccuracy:tolerance±2%
• Overcurrentprotection
• Overtemperatureprotection
• Chipenable/disablefunction
• Packagetypes:TO92-3,SOT89-3,andSOT23-5
Applications
• Battery-poweredequipment
• Communicationequipment
• Audio/Videoequipment
General Description
TheHT75xx-7isalowpowerhighvoltageseriesof
regulatorsimplementedinCMOStechnologywhich
hastheadvantagesoflowvoltagedropandlow
quiescentcurrent.Theyallowinputvoltagesashigh
as30Vandareavailablewithseveralfixedoutput
voltagesrangingfrom2.1Vto12.0V.
WhentheCEinputislow,afastdischargepathpulls
theoutputvoltagelowviaaninternalpull-down
resistor.Aninternalover-currentprotectioncircuit
preventsthedevicefromdamageeveniftheoutput
isshortedtoground.Anover-temperatureprotection
circuitensuresthedevicejunctiontemperaturewill
notexceedatemperatureof160°C.
Selection Table
Part No.
Output Voltage
Packages
Markings
HT7521-7
2.1V
TO92-3
SOT89-3
SOT23-5
75xx-7 marking for the TO92-3, SOT89-3 types
5xx7 for the SOT23-5 type
HT7523-7
2.3V
HT7525-7
2.5V
HT7527-7
2.7V
HT7530-7
3.0V
HT7533-7
3.3V
HT7536-7
3.6V
HT7540-7
4.0V
HT7544-7
4.4V
HT7550-7
5.0V
HT7560-7
6.0V
HT7570-7
7.0V
HT7580-7
8.0V
HT7590-7
9.0V
HT75A0-7
10.0V
HT75C0-7
12.0V
Note:"xx"standsforoutputvoltages.


Similar Part No. - HT7530-7

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT7530-1 HOLTEK-HT7530-1 Datasheet
129Kb / 14P
   100mA Low Power LDO
HT7530-1 HOLTEK-HT7530-1 Datasheet
85Kb / 4P
   100mA Voltage Regulator
HT7530-1 HOLTEK-HT7530-1 Datasheet
152Kb / 20P
   100mA Low Power LDO
HT7530-1 HOLTEK-HT7530-1 Datasheet
1Mb / 20P
   100mA Low Power LDO
HT7530-1 HOLTEK-HT7530-1 Datasheet
159Kb / 14P
   HT75XX-1 100mA Low Power LDO
More results

Similar Description - HT7530-7

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT7321-7 HOLTEK-HT7321-7 Datasheet
2Mb / 19P
   30V, 250mA TinyPowerTM LDO with Protections
HT7321-1 HOLTEK-HT7321-1 Datasheet
2Mb / 16P
   30V, 250mA TinyPowerTM LDO
HT7321-2 HOLTEK-HT7321-2 Datasheet
2Mb / 16P
   30V, 250mA TinyPowerTM LDO
HT7321-3 HOLTEK-HT7321-3 Datasheet
2Mb / 16P
   30V, 250mA TinyPowerTM LDO
HT72XX HOLTEK-HT72XX Datasheet
128Kb / 12P
   300mA TinyPowerTM LDO
HT7121-3 HOLTEK-HT7121-3 Datasheet
1Mb / 15P
   30mA TinyPowerTM LDO
HT78XX HOLTEK-HT78XX Datasheet
125Kb / 11P
   500mA TinyPowerTM LDO
HT75XX-1 HOLTEK-HT75XX-1 Datasheet
129Kb / 14P
   100mA Low Power LDO
HT75XX-1 HOLTEK-HT75XX-1_13 Datasheet
1Mb / 20P
   100mA Low Power LDO
HT75XX-2 HOLTEK-HT75XX-2 Datasheet
104Kb / 10P
   100mA Low Power LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com