Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HT7340-1 Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT7340-1
Description  30V, 250mA TinyPowerTM LDO
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7340-1 Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT7340-1 Datasheet HTML 1Page - Holtek Semiconductor Inc HT7340-1 Datasheet HTML 2Page - Holtek Semiconductor Inc HT7340-1 Datasheet HTML 3Page - Holtek Semiconductor Inc HT7340-1 Datasheet HTML 4Page - Holtek Semiconductor Inc HT7340-1 Datasheet HTML 5Page - Holtek Semiconductor Inc HT7340-1 Datasheet HTML 6Page - Holtek Semiconductor Inc HT7340-1 Datasheet HTML 7Page - Holtek Semiconductor Inc HT7340-1 Datasheet HTML 8Page - Holtek Semiconductor Inc HT7340-1 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Rev. 1.00
3
August 26, 2015
HT73xx-1
Absolute Maximum Ratings
Parameter
Value
Unit
VIN
-0.3 to +33
V
Operating Temperature Range, Ta
-40 to +85
o
C
Maximum Junction Temperature, TJ(MAX)
+150
o
C
Storage Temperature Range
-65 to +165
o
C
Junction-to-Ambient Thermal Resistance, θJA
TO-92
200
°C/W
SOT89-3
200
°C/W
8SOP-EP
125
°C/W
Power Dissipation, PD(MAX)
TO-92
0.50
W
SOT89-3
0.50
W
8SOP-EP
0.80
W
Note:PD(MAX)ismeasuredatTa=25°C
Recommended Operating Range
Parameter
Value
Unit
VIN
VOUT+2 to 30
V
Electrical Characteristics
VIN=(VOUT+2V), Ta=+25oC and CIN=COUT=10μF, unless otherwise specified
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VIN
Input Voltage
30
V
VOUT
Output Voltage Range
2.1
5.0
V
VO
Output Voltage Accuracy IOUT=10mA
–3
3
%
IOUT
Output Current
250
mA
∆VOUT
Load Regulation
1mA ≤ IOUT ≤ 100mA
45
90
mV
VDIF
Dropout Voltage
IOUT=1mA, VOUT Change=2% (Note)
6
15
mV
IOUT=30mA, VOUT Change=2% (Note)
120
300
ISS
Quiescent Current
IOUT=0mA
2.5
4.0
uA
∆VIN × VOUT
∆VOUT
Line Regulation
(VOUT+2V) ≤ VIN ≤ 30V, IOUT=40mA
0.2
0.4
%/V
∆Ta × VOUT
∆VOUT
Temperature Coefficient
IOUT=40mA, -40°C < Ta < 85°C
±100
ppm/°C
IOCP
Over Current Protection
VIN=12V
350
700
mA
Note:Dropoutvoltageisdefinedastheinputvoltageminustheoutputvoltagethatproducesa2%changeinthe
outputvoltagefromthevalueatVIN=VOUT+2Vwithafixedload.


Similar Part No. - HT7340-1

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT7340-2 HOLTEK-HT7340-2 Datasheet
2Mb / 16P
   30V, 250mA TinyPowerTM LDO
HT7340-3 HOLTEK-HT7340-3 Datasheet
2Mb / 16P
   30V, 250mA TinyPowerTM LDO
HT7340-7 HOLTEK-HT7340-7 Datasheet
2Mb / 19P
   30V, 250mA TinyPowerTM LDO with Protections
More results

Similar Description - HT7340-1

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT7321-2 HOLTEK-HT7321-2 Datasheet
2Mb / 16P
   30V, 250mA TinyPowerTM LDO
HT7321-3 HOLTEK-HT7321-3 Datasheet
2Mb / 16P
   30V, 250mA TinyPowerTM LDO
HT7321-7 HOLTEK-HT7321-7 Datasheet
2Mb / 19P
   30V, 250mA TinyPowerTM LDO with Protections
HT7521-7 HOLTEK-HT7521-7 Datasheet
2Mb / 25P
   30V, 100mA TinyPowerTM LDO with Protections
HT72XX HOLTEK-HT72XX Datasheet
128Kb / 12P
   300mA TinyPowerTM LDO
HT7121-3 HOLTEK-HT7121-3 Datasheet
1Mb / 15P
   30mA TinyPowerTM LDO
HT78XX HOLTEK-HT78XX Datasheet
125Kb / 11P
   500mA TinyPowerTM LDO
logo
List of Unclassifed Man...
BM9166 ETC1-BM9166 Datasheet
253Kb / 9P
   250mA CMOS LDO
logo
Mitsumi Electronics, Co...
MM1886 MITSUMI-MM1886 Datasheet
183Kb / 21P
   250mA/300mA LDO
logo
Analog Microelectronics
AME8822 AME-AME8822 Datasheet
217Kb / 18P
   High PSRR, 250mA CMOS LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com