Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HT7330-2 Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT7330-2
Description  30V, 250mA TinyPowerTM LDO
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7330-2 Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT7330-2 Datasheet HTML 1Page - Holtek Semiconductor Inc HT7330-2 Datasheet HTML 2Page - Holtek Semiconductor Inc HT7330-2 Datasheet HTML 3Page - Holtek Semiconductor Inc HT7330-2 Datasheet HTML 4Page - Holtek Semiconductor Inc HT7330-2 Datasheet HTML 5Page - Holtek Semiconductor Inc HT7330-2 Datasheet HTML 6Page - Holtek Semiconductor Inc HT7330-2 Datasheet HTML 7Page - Holtek Semiconductor Inc HT7330-2 Datasheet HTML 8Page - Holtek Semiconductor Inc HT7330-2 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Rev. 1.00
1
August 26, 2015
Rev. 1.00
PB
August 26, 2015
HT73xx-2
30V, 250mA TinyPowerTM LDO
Features
• Lowpowerconsumption
• Lowvoltagedrop
• Lowtemperaturecoefficient
• Highinputvoltage-upto30V
• Outputvoltageaccuracy:tolerance±1%
• Overcurrentprotection
• TO-92,SOT89-3,and8-pinSOP-EPpackages
Applications
• Battery-poweredequipment
• Communicationequipment
• Audio/Videoequipment
General Description
TheHT73xx-2deviceseriesarelowpowerhigh
voltageregulatorsimplementedinCMOStechnology
whichhavetheadvantagesoflowvoltagedropand
lowquiescentcurrent.Theyallowinputvoltagesas
highas30V.Theyareavailablewithseveralfixed
outputvoltagesrangingfrom2.1Vto5.0V.Thesoft-
startfunctioninhibitstheproblemofoutputovershoot
duringpoweron.
Although designed primarily as fixed voltage
regulators,thesedevicescanbeusedwithexternal
componentstoobtainvariablevoltagesandcurrents.
Selection Table
Part No.
Output Voltage
Package
Marking
HT7321-2
2.1V
TO-92
SOT89-3
8SOP-EP
73xx-2 (for TO-92, SOT89-3)
HT73xx-2 (for 8SOP-EP)
HT7323-2
2.3V
HT7325-2
2.5V
HT7327-2
2.7V
HT7330-2
3.0V
HT7333-2
3.3V
HT7336-2
3.6V
HT7340-2
4.0V
HT7344-2
4.4V
HT7350-2
5.0V
Note:″xx″standsforoutputvoltages


Similar Part No. - HT7330-2

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT7330-1 HOLTEK-HT7330-1 Datasheet
2Mb / 16P
   30V, 250mA TinyPowerTM LDO
HT7330-3 HOLTEK-HT7330-3 Datasheet
2Mb / 16P
   30V, 250mA TinyPowerTM LDO
HT7330-7 HOLTEK-HT7330-7 Datasheet
2Mb / 19P
   30V, 250mA TinyPowerTM LDO with Protections
logo
Guangdong Youtai Semico...
HT7330-A UMW-HT7330-A Datasheet
4Mb / 7P
   LDO Linear Regulator
More results

Similar Description - HT7330-2

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT7321-1 HOLTEK-HT7321-1 Datasheet
2Mb / 16P
   30V, 250mA TinyPowerTM LDO
HT7321-3 HOLTEK-HT7321-3 Datasheet
2Mb / 16P
   30V, 250mA TinyPowerTM LDO
HT7321-7 HOLTEK-HT7321-7 Datasheet
2Mb / 19P
   30V, 250mA TinyPowerTM LDO with Protections
HT7521-7 HOLTEK-HT7521-7 Datasheet
2Mb / 25P
   30V, 100mA TinyPowerTM LDO with Protections
HT72XX HOLTEK-HT72XX Datasheet
128Kb / 12P
   300mA TinyPowerTM LDO
HT7121-3 HOLTEK-HT7121-3 Datasheet
1Mb / 15P
   30mA TinyPowerTM LDO
HT78XX HOLTEK-HT78XX Datasheet
125Kb / 11P
   500mA TinyPowerTM LDO
logo
List of Unclassifed Man...
BM9166 ETC1-BM9166 Datasheet
253Kb / 9P
   250mA CMOS LDO
logo
Mitsumi Electronics, Co...
MM1886 MITSUMI-MM1886 Datasheet
183Kb / 21P
   250mA/300mA LDO
logo
Analog Microelectronics
AME8822 AME-AME8822 Datasheet
217Kb / 18P
   High PSRR, 250mA CMOS LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com