Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SBYV27-150 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SBYV27-150
Description  Soft Recovery Ultrafast Plastic Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SBYV27-150 Datasheet(HTML) 1 Page - Vishay Siliconix

  SBYV27-150 Datasheet HTML 1Page - Vishay Siliconix SBYV27-150 Datasheet HTML 2Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SBYV27-50 THRU SBYV27-200
Vishay Semiconductors
formerly General Semiconductor
Document Number 88736
www.vishay.com
14-May-03
1
Soft Recovery Ultrafast
Plastic Rectifier
Reverse Voltage 50 to 200V
Forward Current 2.0A
Maximum Ratings & Thermal Characteristics Ratings at 25°C ambient temperature unless otherwise specified.
Parameter
Symbols SBYV27-50 SBYV27-100 SBYV27-150 SBYV27-200 Units
Maximum repetitive peak reverse voltage
VRRM
50
100
150
200
V
Maximum RMS voltage
VRMS
35
70
105
140
V
Maximum DC blocking voltage
VDC
50
100
150
200
V
Minimum reverse breakdown voltage at 100
µAVBR
55
110
165
220
V
Maximum average forward rectified current
IF(AV)
2.0
A
0.375” (9.5mm) lead lengths at TL = 85ºC
Peak forward surge current 10 ms single half sine-wave
superimposed on rated load (JEDEC Method) at TJ = 150ºC
IFSM
50
A
Typical thermal resistance (NOTE 1)
R
ΘJA
45
°C/W
Operating junction and storage temperature range
TJ, TSTG
-55 to +150°C
°C
Electrical Characteristics Ratings at 25°C ambient temperature unless otherwise specified.
Parameter
Symbols SBYV27-50 SBYV27-100 SBYV27-150 SBYV27-200 Units
Maximum instantaneous forward
TJ = 25°C
1.07
voltage at 3.0A (NOTE 2)
TJ = 150°C
VF
0.88
V
Maximum DC reverse current
TA = 25°C
IR
5.0
µA
at rated DC blocking voltage
TA =100°C
200
Maximum reverse recovery time at IF=0.5A, IR=1.0A, Irr=0.25A
trr
15
ns
Typical junction capacitance at 4.0V, 1MHz
CJ
15
pF
Notes:
(1) Thermal resistance from junction to ambient at 0.375” (9.5mm) lead length
(2) Pulse test: 300
µs pulse width, duty cycle ≤ 2%
Features
• Plastic package has Underwriters Laboratories
Flammability Classification 94V-0
• Ideally suited for use in very high frequency switching
power supplies, inverters and as free wheeling diodes
• Ultrafast recovery time for high efficiency
• Excellent high temperature switching
• Soft recovery characteristics
• Glass passivated junction
• High temperature soldering guaranteed:
250°C/10 seconds, 0.375" (9.5mm) lead length,
5 lbs. (2.3kg) tension
Mechanical Data
Case: JEDEC DO-204AC molded plastic body over
passivated chip
Terminals: Plated axial leads, solderable per
MIL-STD-750, Method 2026
Polarity: Color band denotes cathode end
Mounting Position: Any
Weight: 0.015 ounce, 0.4 gram
0.034 (0.86)
0.028 (0.71)
Dia.
0.140 (3.6)
0.104 (2.6)
Dia.
0.230 (5.8)
0.300 (7.6)
1.0 (25.4)
min.
1.0 (25.4)
min.
DO-204AC (DO-15)
Dimensions in inches
and (millimeters)


Similar Part No. - SBYV27-150

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SBYV27-150 VISHAY-SBYV27-150 Datasheet
71Kb / 4P
   Soft Recovery Ultrafast Plastic Rectifier
Revision: 22-Oct-09
logo
Shenzhen Taychipst Elec...
SBYV27-150 TAYCHIPST-SBYV27-150 Datasheet
15Mb / 2P
   Soft Recovery Ultrafast Plastic Rectifier
logo
Vishay Siliconix
SBYV27-150 VISHAY-SBYV27-150 Datasheet
75Kb / 5P
   Soft Recovery Ultrafast Plastic Rectifier
01-Jan-2022
More results

Similar Description - SBYV27-150

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SBYV27-50 VISHAY-SBYV27-50_07 Datasheet
97Kb / 4P
   Soft Recovery Ultrafast Plastic Rectifier
Revision: 20-Aug-07
SBYV27-50 VISHAY-SBYV27-50_09 Datasheet
71Kb / 4P
   Soft Recovery Ultrafast Plastic Rectifier
Revision: 22-Oct-09
logo
Shenzhen Taychipst Elec...
SBYV28-50 TAYCHIPST-SBYV28-50 Datasheet
15Mb / 2P
   Soft Recovery Ultrafast Plastic Rectifier
logo
Vishay Siliconix
SBYV28-50 VISHAY-SBYV28-50_09 Datasheet
70Kb / 4P
   Soft Recovery Ultrafast Plastic Rectifier
Revision: 22-Oct-09
UF5400 VISHAY-UF5400_07 Datasheet
71Kb / 4P
   Soft Recovery Ultrafast Plastic Rectifier
Revision: 23-Oct-09
SBYV28-50 VISHAY-SBYV28-50_V01 Datasheet
78Kb / 4P
   Soft Recovery Ultrafast Plastic Rectifier
01-Jan-2022
logo
Shenzhen Taychipst Elec...
SBYV27-50 TAYCHIPST-SBYV27-50 Datasheet
15Mb / 2P
   Soft Recovery Ultrafast Plastic Rectifier
logo
Vishay Siliconix
SBYV28-50 VISHAY-SBYV28-50 Datasheet
96Kb / 4P
   Soft Recovery Ultrafast Plastic Rectifier
Revision: 20-Aug-07
SBYV27-50 VISHAY-SBYV27-50_V01 Datasheet
75Kb / 5P
   Soft Recovery Ultrafast Plastic Rectifier
01-Jan-2022
UF5400 VISHAY-UF5400 Datasheet
97Kb / 4P
   Soft Recovery Ultrafast Plastic Rectifier
Revision: 20-Aug-07
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com