Electronic Components Datasheet Search |
|
C0603Y104M4RALTU Datasheet(PDF) 8 Page - Kemet Corporation |
|
C0603Y104M4RALTU Datasheet(HTML) 8 Page - Kemet Corporation |
8 / 21 page © KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com C1015_X7R_FF-CAP_SMD • 10/14/2016 8 Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs) Floating Electrode Design with Flexible Termination System (FF-CAP), X7R Dielectric, (Commercial & Automotive Grade) Table 2A – Chip Thickness/Tape & Reel Packaging Quantities Thickness Code Case Size1 Thickness ± Range (mm) Paper Quantity1 Plastic Quantity 7" Reel 13" Reel 7" Reel 13" Reel CJ 0603 0.80 ± 0.15 4,000 15,000 0 0 DR 0805 0.78 ± 0.20 0 0 4,000 10,000 DD 0805 0.90 ± 0.10 0 0 4,000 10,000 DG 0805 1.25 ± 0.15 0 0 2,500 10,000 EQ 1206 0.78 ± 0.20 4,000 10,000 4,000 10,000 ER 1206 0.90 ± 0.20 0 0 4,000 10,000 FN 1210 0.78 ± 0.20 0 0 4,000 10,000 FQ 1210 0.90 ± 0.20 0 0 4,000 10,000 FX 1210 0.95 ± 0.20 0 0 4,000 10,000 GB 1812 1.00 ± 0.10 0 0 1,000 4,000 Thickness Code Case Size1 Thickness ± Range (mm) 7" Reel 13" Reel 7" Reel 13" Reel Paper Quantity1 Plastic Quantity Package quantity based on finished chip thickness specifications. 1 If ordering using the 2 mm Tape and Reel pitch option, the packaging quantity outlined in the table above will be doubled. This option is limited to EIA 0603 (1608 metric) case size devices. For more information regarding 2 mm pitch option see "Tape & Reel Packaging Information". Table 2B – Bulk Packaging Quantities Packaging Type Loose Packaging Bulk Bag (default) Packaging C-Spec1 N/A2 Case Size Packaging Quantities (pieces/unit packaging) EIA (in) Metric (mm) Minimum Maximum 0402 1005 1 50,000 0603 1608 0805 2012 1206 3216 1210 3225 1808 4520 20,000 1812 4532 1825 4564 2220 5650 2225 5664 1 The "Packaging C-Spec" is a 4 to 8 digit code which identifies the packaging type and/or product grade. When ordering, the proper code must be included in the 15th through 22nd character positions of the ordering code. See "Ordering Information" section of this document for further details. Commercial Grade product ordered without a packaging C-Spec will default to our standard "Bulk Bag" packaging. Contact KEMET if you require a bulk bag packaging option for Automotive Grade products. 2 A packaging C-Spec (see note 1 above) is not required for "Bulk Bag" packaging (excluding Anti-Static Bulk Bag and Automotive Grade products). The 15th through 22nd character positions of the ordering code should be left blank. All product ordered without a packaging C-Spec will default to our standard "Bulk Bag" packaging. |
Similar Part No. - C0603Y104M4RALTU |
|
Similar Description - C0603Y104M4RALTU |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |