Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HT68F005 Datasheet(PDF) 8 Page - Holtek Semiconductor Inc

Part # HT68F005
Description  Enhanced I/O Flash Type MCU
Download  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT68F005 Datasheet(HTML) 8 Page - Holtek Semiconductor Inc

Back Button HT68F005 Datasheet HTML 4Page - Holtek Semiconductor Inc HT68F005 Datasheet HTML 5Page - Holtek Semiconductor Inc HT68F005 Datasheet HTML 6Page - Holtek Semiconductor Inc HT68F005 Datasheet HTML 7Page - Holtek Semiconductor Inc HT68F005 Datasheet HTML 8Page - Holtek Semiconductor Inc HT68F005 Datasheet HTML 9Page - Holtek Semiconductor Inc HT68F005 Datasheet HTML 10Page - Holtek Semiconductor Inc HT68F005 Datasheet HTML 11Page - Holtek Semiconductor Inc HT68F005 Datasheet HTML 12Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 93 page
background image
Rev. 1.00
8
��to�e� ��� �01�
Rev. 1.00
9
��to�e� ��� �01�
HT68F005/HT68F006
Enhanced I/O Flash Type MCU
HT68F005/HT68F006
Enhanced I/O Flash Type MCU
Block Diagram
Fl as h/ EEPR OM
Pr ogr a mmi ng
Ci rc ui tr y
Wa tc hdog
Ti me r
8- bi t
RI SC
MC U
Co re
Re se t
Ci rc ui t
In te rr up t
Co nt ro lle r
Ex te rn al
Xt al
Os c illa to r
In te r nal R C
Os ci lla to rs
St ac k
EEPR OM
Da ta
Me mo ry
Fl as h
Pr og ra m
Me mo ry
RA M
Da ta
Me mo ry
Ti me r
M odu le s
Lo w
Vo lt ag e
Re se t
Ti me B as e
I/O
Pin Assignment
HT 68F 005/ HT 68F 006
10 MS OP -A
PA3 /[I NT ]
PA 2/ [I NT ]/ TC K1 /T P0 _0
PA1 /[T P0 _1 ]
PA0 /[T P0 _0 ]
VS S
PA 4/ [T CK 1] /T P1 _1
PA 5/ IN T/ TP 0_1 /O SC 2
PA 6/ [T CK 0] /T P1 _0/ OS C1
PA 7/ [I NT ]/ TC K0 /[T CK 1] /[ TP 1_0]
VD D
10
9
8
7
6
1
2
3
4
5
Note:1.Bracketedpinnamesindicatenon-defaultpinoutremappinglocations.
2.Ifthepin-sharedpinfunctionshavemultipleoutputssimultaneously,itspinnamesattherightsideofthe
“/”signcanbeusedforhigherpriority.


Similar Part No. - HT68F005

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT68F001 HOLTEK-HT68F001 Datasheet
5Mb / 55P
   Cost-Effective Flash MCU
HT68F002 HOLTEK-HT68F002 Datasheet
6Mb / 119P
   Cost-Effective Flash MCU with EEPROM
HT68F0025 HOLTEK-HT68F0025 Datasheet
6Mb / 119P
   Cost-Effective Flash MCU with EEPROM
HT68F003 HOLTEK-HT68F003 Datasheet
6Mb / 119P
   Cost-Effective Flash MCU with EEPROM
More results

Similar Description - HT68F005

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT68F13 HOLTEK-HT68F13 Datasheet
2Mb / 161P
   Enhanced I/O Flash Type MCU
HT68F20 HOLTEK-HT68F20_11 Datasheet
2Mb / 244P
   Enhanced I/O Flash Type MCU with EEPROM
HT68F20 HOLTEK-HT68F20_10 Datasheet
1Mb / 232P
   Enhanced I/O Flash Type MCU 8-Bit MCU with EEPROM
HT68F20_1006 HOLTEK-HT68F20_1006 Datasheet
1Mb / 236P
   Enhanced I/O Flash Type MCU 8-Bit MCU with EEPROM
HT68F20 HOLTEK-HT68F20 Datasheet
1Mb / 210P
   Enhanced I/O Flash Type MCU 8-Bit MCU with EEPROM
HT48R064G HOLTEK-HT48R064G_12 Datasheet
786Kb / 128P
   Enhanced I/O Type MCU with OPA
HT48R064G HOLTEK-HT48R064G Datasheet
731Kb / 126P
   Enhanced I/O Type MCU with OPA
HT48F06E HOLTEK-HT48F06E Datasheet
508Kb / 69P
   I/O Flash Type MCU with EEPROM
HT48F50E HOLTEK-HT48F50E Datasheet
423Kb / 62P
   I/O Flash Type MCU with EEPROM
HT48F06E HOLTEK-HT48F06E_09 Datasheet
463Kb / 74P
   I/O Flash Type MCU with EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com