Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HT67F5630 Datasheet(PDF) 6 Page - Holtek Semiconductor Inc

Part # HT67F5630
Description  TinyPowerTM 24-Bit Delta Sigma A/D Flash MCU with LCD & EEPROM
Download  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT67F5630 Datasheet(HTML) 6 Page - Holtek Semiconductor Inc

Back Button HT67F5630 Datasheet HTML 2Page - Holtek Semiconductor Inc HT67F5630 Datasheet HTML 3Page - Holtek Semiconductor Inc HT67F5630 Datasheet HTML 4Page - Holtek Semiconductor Inc HT67F5630 Datasheet HTML 5Page - Holtek Semiconductor Inc HT67F5630 Datasheet HTML 6Page - Holtek Semiconductor Inc HT67F5630 Datasheet HTML 7Page - Holtek Semiconductor Inc HT67F5630 Datasheet HTML 8Page - Holtek Semiconductor Inc HT67F5630 Datasheet HTML 9Page - Holtek Semiconductor Inc HT67F5630 Datasheet HTML 10Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 147 page
background image
Rev. 1.20
De�e��e� 1�� 201�
Rev. 1.20
7
De�e��e� 1�� 201�
HT67F5630
TinyPowerTM 24-Bit Delta Sigma
A/D Flash MCU with LCD & EEPROM
HT67F5630
TinyPowerTM 24-Bit Delta Sigma
A/D Flash MCU with LCD & EEPROM
Features
CPU Features
• OperatingVoltage
fSYS=8MHz:2.2V~5.5V
fSYS=12MHz:2.7V~5.5V
fSYS=20MHz:4.5V~5.5V
• Upto0.2μsinstructioncyclewith20MHzsystemclockatVDD=5V
• Powerdownandwake-upfunctionstoreducepowerconsumption
• Threeoscillators
ExternalCrystal–HXT
InternalRC–HIRC
Internal32kHzRC–LIRC
• Multi-modeoperation:NORMAL,SLOW,IDLEandSLEEP
• Fullyintegratedinternal4.9152MHz,4.9152×2MHzand4.9152×3MHzoscillatorrequiresno
externalcomponents
• Allinstructionsexecutedinoneortwoinstructioncycles
• Tablereadinstructions
• 63powerfulinstructions
• 6-levelsubroutinenesting
• Bitmanipulationinstruction
Peripheral Features
• FlashProgramMemory:2K×16
• RAMDataMemory:128×8
• TrueEEPROMMemory:32×8
• WatchdogTimerfunction
• LCDCOMdriverwith1/3bias
• 35bidirectionalI/Olines
• Dualpin-sharedexternalinterrupts
• MultipleTimerModulefortimemeasure,inputcapture,comparematchoutput,PWMoutputor
singlepulseoutputfunction
• DualTime-Basefunctionsforgenerationoffixedtimeinterruptsignals
• 2differentialchannels24-bitresolutionDeltaSigmaA/Dconverter
• Lowvoltageresetfunction
• Lowvoltagedetectfunction
• InternalLDOforPGA,ADCorexternalsensorpowersupply
• Onecomparator
• Packagetype:48-pinLQFP


Similar Part No. - HT67F5630

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT67F5640 HOLTEK-HT67F5640 Datasheet
5Mb / 179P
   20-Bit Delta Sigma A/D LCD Flash MCU
HT67F5650 HOLTEK-HT67F5650 Datasheet
7Mb / 235P
   24-Bit Delta Sigma A/D LCD Flash MCU
HT67F5652 HOLTEK-HT67F5652 Datasheet
7Mb / 224P
   24-Bit Delta Sigma A/D LCD Flash MCU
HT67F5660 HOLTEK-HT67F5660 Datasheet
7Mb / 235P
   24-Bit Delta Sigma A/D LCD Flash MCU
More results

Similar Description - HT67F5630

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT67F5650 HOLTEK-HT67F5650 Datasheet
7Mb / 235P
   24-Bit Delta Sigma A/D LCD Flash MCU
HT67F5652 HOLTEK-HT67F5652 Datasheet
7Mb / 224P
   24-Bit Delta Sigma A/D LCD Flash MCU
HT67F60A HOLTEK-HT67F60A Datasheet
6Mb / 242P
   TinyPowerTM A/D Flash MCU with LCD & EEPROM
HT67F488 HOLTEK-HT67F488 Datasheet
6Mb / 171P
   TinyPowerTM A/D Flash MCU with LCD & EEPROM
BH66F5232 HOLTEK-BH66F5232 Datasheet
7Mb / 145P
   24-Bit Delta Sigma A/D Flash MCU
HT67F5640 HOLTEK-HT67F5640 Datasheet
5Mb / 179P
   20-Bit Delta Sigma A/D LCD Flash MCU
HT67F30 HOLTEK-HT67F30 Datasheet
6Mb / 242P
   TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM
BH67F5245 HOLTEK-BH67F5245 Datasheet
6Mb / 166P
   24-Bit Delta Sigma A/D Flash MCU with LCD and Touch Key
BH66F5233 HOLTEK-BH66F5233 Datasheet
6Mb / 137P
   24-Bit Delta Sigma A/D MCU
HT69F30A HOLTEK-HT69F30A Datasheet
8Mb / 202P
   TinyPowerTM I/O Flash 8-Bit MCU with LCD & EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com