Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HT66F3197 Datasheet(PDF) 6 Page - Holtek Semiconductor Inc

Part # HT66F3197
Description  Enhanced A/D MCU with EEPROM and UART
Download  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F3197 Datasheet(HTML) 6 Page - Holtek Semiconductor Inc

Back Button HT66F3197 Datasheet HTML 2Page - Holtek Semiconductor Inc HT66F3197 Datasheet HTML 3Page - Holtek Semiconductor Inc HT66F3197 Datasheet HTML 4Page - Holtek Semiconductor Inc HT66F3197 Datasheet HTML 5Page - Holtek Semiconductor Inc HT66F3197 Datasheet HTML 6Page - Holtek Semiconductor Inc HT66F3197 Datasheet HTML 7Page - Holtek Semiconductor Inc HT66F3197 Datasheet HTML 8Page - Holtek Semiconductor Inc HT66F3197 Datasheet HTML 9Page - Holtek Semiconductor Inc HT66F3197 Datasheet HTML 10Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 210 page
background image
Rev. 1.10
6
November 24, 2016
Rev. 1.10
7
November 24, 2016
HT66F3197
Enhanced A/D MCU with EEPROM and UART
HT66F3197
Enhanced A/D MCU with EEPROM and UART
Features
CPU Features
• OperatingVoltage:
fSYS=4MHz:1.8V~5.5V
fSYS=8MHz:2.0V~5.5V
fSYS=12MHz:2.7V~5.5V
fSYS=16MHz:3.3V~5.5V
• Upto0.25μsinstructioncyclewith16MHzsystemclockatVDD=5V
• Powerdownandwake-upfunctionstoreducepowerconsumption
• Oscillators:
ExternalHighSpeedCrystal–HXT
InternalHighSpeedRC–HIRC
External32.768kHzCrystal–LXT
Internal32kHzRC–LIRC
• Multi-modeoperation:NORMAL,SLOW,IDLEandSLEEP
• Fullyintegratedinternal4/8/12MHzoscillatorrequiresnoexternalcomponents
• Allinstructionsexecutedinonetothreeinstructioncycles
• Tablereadinstructions
• 115powerfulinstructions
• 16-levelsubroutinenesting
• Bitmanipulationinstruction
Peripheral Features
• FlashProgramMemory:8K×16
• RAMDataMemory:256×8
• TrueEEPROMMemory:64×8
• WatchdogTimerfunction
• 44bidirectionalI/Olines
• Softwarecontrolled4-SCOMlinesLCDdriverwith1/2bias
• TwoexternalinterruptlinessharedwithI/Opins
• MultipleTimerModulesfortimemeasure,inputcapture,comparematchoutput,PWMoutputor
singlepulseoutputfunctions
• Comparatorfunction
• DualTime-Basefunctionsforgenerationoffixedtimeinterruptsignals
• 16-channel12-bitresolutionA/Dconverter
• SerialInterfaces–SPI,I2Candfull-duplexUART
• PMOSsourcecurrentadjustable
• LowVoltageResetfunction
• LowVoltageDetectfunction
• Packagetype:48-pinLQFP


Similar Part No. - HT66F3197

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT66F319 HOLTEK-HT66F319 Datasheet
8Mb / 185P
   Enhanced A/D Flash MCU with EEPROM and UART
More results

Similar Description - HT66F3197

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT66F319 HOLTEK-HT66F319 Datasheet
8Mb / 185P
   Enhanced A/D Flash MCU with EEPROM and UART
HT66FU60A HOLTEK-HT66FU60A Datasheet
3Mb / 23P
   Enhanced A/D Flash Type 8-Bit MCU with EEPROM and UART Interface
HT67F4892 HOLTEK-HT67F4892 Datasheet
6Mb / 188P
   Enhanced A/D Flash MCU with LCD & EEPROM
HT66F20 HOLTEK-HT66F20_10 Datasheet
1Mb / 246P
   Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
HT66F20 HOLTEK-HT66F20 Datasheet
1Mb / 224P
   Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
HT66F20_1006 HOLTEK-HT66F20_1006 Datasheet
1Mb / 250P
   Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
HT66F20 HOLTEK-HT66F20_11 Datasheet
2Mb / 259P
   Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
HT66F20_1109 HOLTEK-HT66F20_1109 Datasheet
2Mb / 244P
   Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
HT66F60A HOLTEK-HT66F60A Datasheet
8Mb / 237P
   Enhanced A/D Flash Type 8-Bit MCU with EEPROM
HT66F20 HOLTEK-HT66F20_13 Datasheet
10Mb / 298P
   Enhanced A/D Flash Type 8-Bit MCU with EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com