Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S8S3122X16-TCR1 Datasheet(PDF) 7 Page - Samsung semiconductor

Part # S8S3122X16-TCR1
Description  256K x 16 SDRAM
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S8S3122X16-TCR1 Datasheet(HTML) 7 Page - Samsung semiconductor

Back Button S8S3122X16-TCR1 Datasheet HTML 3Page - Samsung semiconductor S8S3122X16-TCR1 Datasheet HTML 4Page - Samsung semiconductor S8S3122X16-TCR1 Datasheet HTML 5Page - Samsung semiconductor S8S3122X16-TCR1 Datasheet HTML 6Page - Samsung semiconductor S8S3122X16-TCR1 Datasheet HTML 7Page - Samsung semiconductor S8S3122X16-TCR1 Datasheet HTML 8Page - Samsung semiconductor S8S3122X16-TCR1 Datasheet HTML 9Page - Samsung semiconductor S8S3122X16-TCR1 Datasheet HTML 10Page - Samsung semiconductor S8S3122X16-TCR1 Datasheet HTML 11Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 44 page
background image
S8S3122X16
CMOS SDRAM
Ver 0.0 Sep. '01
1. Unless otherwise notes, Input level is CMOS(VIH/VIL=VDDQ/VSSQ) in LVTTL.
2. Measured with outputs open. Addresses are changed only one time during tcc(min).
3. Refresh period is 16ms. Addresses are changed only one time during tcc(min).
Note :
DC CHARACTERISTICS
(Recommended operating condition unless otherwise noted, TA = 0 to 70
°C)
Parameter
Sym-
bol
Test Condition
CAS
Latency
Version
Unit Note
-TCR2 -TCR1
Operating Current
(One Bank Active)
ICC1
Burst Length =1
tRC
≥tRC(min)
Io = 0 mA
3
100
90
mA
2
2
100
90
Precharge Standby Cur-
rent in power-down mode
ICC2P
CKE
≤VIL(max), tCC = 15ns
2
mA
ICC2PS CKE & CLK
≤VIL(max), tCC = ∞
2
Precharge Standby Current
in non power-down mode
ICC2N
CKE
≥VIH(min), CS≥VIH(min), tCC = 15ns
Input signals are changed one time during 30ns
15
mA
ICC2NS
CKE
≥VIH(min), CLK≤VIL(max), tCC = ∞
Input signals are stable
5
Active Standby Current
in power-down mode
ICC3P
CKE
≤VIL(max), tCC = 15ns
3
mA
ICC3PS CKE & CLK
≤VIL(max), tCC = ∞
3
Active Standby Current
in non power-down mode
(One Bank Active)
ICC3N
CKE
≥VIH(min), CS≥VIH(min), tCC = 15ns
Input signals are changed one time during 30ns
25
mA
ICC3NS
CKE
≥VIH(min), CLK≤VIL(max), tCC = ∞
Input signals are stable
15
mA
Operating Current
(Burst Mode)
ICC4
Io = 0 mA
Page Burst 2Banks Activated
tCCD = 2CLKs
3
100
100
mA
2
2
95
95
Refresh Current
ICC5
tRC
≥tRC(min)
3
100
90
mA
3
2
100
90
Self Refresh Current
ICC6
CKE
≤0.2V
2
mA


Similar Description - S8S3122X16-TCR1

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61SP25616 ISSI-IS61SP25616 Datasheet
120Kb / 15P
   256K x 16, 256K x 18 SYNCHRONOUS PIPELINED STATIC RAM
logo
Samsung semiconductor
K4S161622E SAMSUNG-K4S161622E Datasheet
675Kb / 42P
   1M x 16 SDRAM
logo
Taiwan Memory Technolog...
T4312816A TMT-T4312816A Datasheet
711Kb / 29P
   8M x 16 SDRAM???
T431616A TMT-T431616A Datasheet
1Mb / 31P
   1M x 16 SDRAM????
logo
Cypress Semiconductor
CY7C1041BV33 CYPRESS-CY7C1041BV33 Datasheet
187Kb / 11P
   256K x 16 Static RAM
CY7C1041 CYPRESS-CY7C1041 Datasheet
182Kb / 10P
   256K x 16 Static RAM
CY62146CV18 CYPRESS-CY62146CV18 Datasheet
299Kb / 12P
   256K x 16 Static RAM
CY62147CV18 CYPRESS-CY62147CV18_02 Datasheet
300Kb / 11P
   256K x 16 Static RAM
CY7C1041BNV33 CYPRESS-CY7C1041BNV33 Datasheet
414Kb / 8P
   256K x 16 Static RAM
logo
Everspin Technologies I...
MR2A16A EVERSPIN-MR2A16A Datasheet
1Mb / 20P
   256K x 16 MRAM Memory
Rev. 11.3 3/2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com