Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS53681 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPS53681
Description  Dual-Channel (6-Phase 2-Phase) or (5-Phase 3-Phase) D-CAP Step-Down Multiphase Controller with NVM and PMBus
Download  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS53681 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS53681 Datasheet HTML 5Page - Texas Instruments TPS53681 Datasheet HTML 6Page - Texas Instruments TPS53681 Datasheet HTML 7Page - Texas Instruments TPS53681 Datasheet HTML 8Page - Texas Instruments TPS53681 Datasheet HTML 9Page - Texas Instruments TPS53681 Datasheet HTML 10Page - Texas Instruments TPS53681 Datasheet HTML 11Page - Texas Instruments TPS53681 Datasheet HTML 12Page - Texas Instruments TPS53681 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 125 page
background image
9
TPS53681
www.ti.com
SLUSCT1 – JUNE 2017
Product Folder Links: TPS53681
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
6.8 Telemetry
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VREAD_VOUT
MFR_READ_VOUT Accuracy
5 mV DAC : 0.25 V
≤ VVSP ≤ 1.52 V
10 mV DAC: 0.5
≤ VVSP ≤ 2.4 V
–12
12
mV
VREAD_VIN
READ_VIN Accuracy
4.50 V
≤ VIN ≤ 17 V
–2.25%
2.25%
IMON_ACC
Digital current monitor
accuracy, Rail A (READ_IOUT)
6-phase, ICC(max) = 228 A, IOUT = 22.8 A
–7.3%
7.3%
6-phase, ICC(max) = 228 A, IOUT = 45.6 A
–4.2%
4.2%
6-phase, ICC(max) = 228 A, IOUT = 68.4 A
–3.1%
3.1%
6-phase, ICC(max) = 228 A, IOUT = 91.2 A
–2.5%
2.5%
6-phase, ICC(max) = 228 A, IOUT = 114 A
–2.3%
2.3%
6-phase, ICC(max) = 228 A, IOUT = 136.8 A
–2%
2%
6-phase, ICC(max) = 228 A, IOUT = 228 A
–1.6%
1.6%
6-phase, ICC(max) = 228 A, IOUT = 255 A
–1.5%
1.5%
IMON_ACC
Digital current monitor
accuracy, Rail A (READ_IOUT)
5-phase, ICC(max) = 228 A, IOUT = 22.8 A
–6.4%
6.4%
5-phase, ICC(max) = 228 A, IOUT = 45.6 A
–3.7%
3.7%
5-phase, ICC(max) = 228 A, IOUT = 68.4 A
–2.9%
2.9%
5-phase, ICC(max) = 228 A, IOUT = 91.2 A
–2.3%
2.3%
5-phase, ICC(max) = 228 A, IOUT = 114 A
–2.1%
2.1%
5-phase, ICC(max) = 228 A, IOUT = 136.8 A
–1.9%
1.9%
5-phase, ICC(max) = 228 A, IOUT = 228 A
–1.5%
1.5%
IMON_ACC
Digital current monitor
accuracy, Rail A (READ_IOUT)
4-phase, ICC(max) = 200 A, IOUT = 20 A
–6.5%
6.5%
4-phase, ICC(max) = 200 A, IOUT = 40 A
–3.7%
3.7%
4-phase, ICC(max) = 200 A, IOUT = 60 A
–2.8%
2.8%
4-phase, ICC(max) = 200 A, IOUT = 80 A
–2.3%
2.3%
4-phase, ICC(max) = 200 A, IOUT = 100 A
–2.1%
2.1%
4-phase, ICC(max) = 200 A, IOUT = 120 A
–1.9%
1.9%
4-phase, ICC(max) = 200 A, IOUT = 200 A
–1.5%
1.5%
IMON_ACC
Digital current monitor
accuracy, Rail B (READ_IOUT)
3-phase, ICC(max) = 82 A, IOUT = 8.2 A
–11.4%
11.4%
3-phase, ICC(max) = 82 A, IOUT = 16.4 A
–6.1%
6.1%
3-phase, ICC(max) = 82 A, IOUT = 24.6 A
–4.6%
4.6%
3-phase, ICC(max) = 82 A, IOUT = 32.8 A
–3.4%
3.4%
3-phase, ICC(max) = 82 A, IOUT = 41 A
–3%
3%
3-phase, ICC(max) = 82 A, IOUT = 49.2 A
–2.8%
2.8%
3-phase, ICC(max) = 82 A, IOUT = 82 A
–2%
2%
IMON_ACC
Digital current monitor
accuracy, Rail B (READ_IOUT)
2-phase, ICC(max) = 82 A, IOUT = 8.2 A
–8.7%
8.7%
2-phase, ICC(max) = 82 A, IOUT = 16.4 A
–4.7%
4.7%
2-phase, ICC(max) = 82 A, IOUT = 24.6 A
–3.7%
3.7%
2-phase, ICC(max) = 82 A, IOUT = 32.8 A
–2.7%
2.7%
2-phase, ICC(max) = 82 A, IOUT = 41 A
–2.5%
2.5%
2-phase, ICC(max) = 82 A, IOUT = 49.2 A
–2.4%
2.4%
2-phase, ICC(max) = 82 A, IOUT = 82 A
–1.8%
1.8%
Temp
READ_TEMP1
0.28 V (–40°C)
≤ TSEN ≤ 1.8 V (150°C)
–2
0
2
°C


Similar Part No. - TPS53681

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS53685 TI-TPS53685 Datasheet
1Mb / 11P
[Old version datasheet]   TPS53685 Dual-Channel (N M ≤ 8 phase) D-CAP™, Step-Down, Multiphase Controller with AMD-SVI3 and PMBus Interfaces
DECEMBER 2022
TPS53685RSBR TI-TPS53685RSBR Datasheet
1Mb / 11P
[Old version datasheet]   TPS53685 Dual-Channel (N M ≤ 8 phase) D-CAP™, Step-Down, Multiphase Controller with AMD-SVI3 and PMBus Interfaces
DECEMBER 2022
TPS53688 TI1-TPS53688 Datasheet
200Kb / 8P
[Old version datasheet]   TPS53688 Dual-Channel (N M ??8 phase) D-CAP?? Step-Down, Digital Multiphase Controller with VR13.HC SVID
TPS53688RSBR TI1-TPS53688RSBR Datasheet
200Kb / 8P
[Old version datasheet]   TPS53688 Dual-Channel (N M ??8 phase) D-CAP?? Step-Down, Digital Multiphase Controller with VR13.HC SVID
TPS53688RSBT TI1-TPS53688RSBT Datasheet
200Kb / 8P
[Old version datasheet]   TPS53688 Dual-Channel (N M ??8 phase) D-CAP?? Step-Down, Digital Multiphase Controller with VR13.HC SVID
More results

Similar Description - TPS53681

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS53679 TI1-TPS53679 Datasheet
744Kb / 11P
[Old version datasheet]   Dual-Channel (6-Phase 1-Phase) or (5-Phase 2-Phase) D-CAP Step-Down Multiphase Controller with NVM and PMBus for VR13 Server
TPS53659 TI1-TPS53659 Datasheet
744Kb / 11P
[Old version datasheet]   Dual-Channel (4-Phase 1-Phase) or (3-Phase 2-Phase) D-CAP Step-Down Multiphase Controller with NVM and PMBus for VR13 Server Memory
TPS53622 TI1-TPS53622 Datasheet
730Kb / 11P
[Old version datasheet]   Dual-Channel (1-Phase 1-Phase) or (2-Phase 0-Phase) D-CAP Step-Down Multiphase Controller with NVM and PMBus for VR13 Server
TPS51650 TI1-TPS51650 Datasheet
1Mb / 50P
[Old version datasheet]   Dual-Channel (3-Phase CPU/2-Phase GPU) SVID, D-CAP??Step-Down Controller
TPS536C9 TI-TPS536C9_V01 Datasheet
1Mb / 11P
[Old version datasheet]   TPS536C9 Dual-channel (N M ??12 phase) D-CAP?? Step-down, Multiphase Controller with PMBus and VR14 SVID Interfaces
DECEMBER 2021
TPS536C9 TI-TPS536C9 Datasheet
568Kb / 8P
[Old version datasheet]   TPS536C9 Dual-channel (N M ??12 phase) D-CAP?? Step-down, Multiphase Controller with PMBus and VR14 SVID Interfaces
JUNE 2021
TPS53689 TI-TPS53689 Datasheet
525Kb / 8P
[Old version datasheet]   TPS53689 Dual-channel (N M ??8 phase) D-CAP?? Step-down, Multiphase Controller with PMBus and VR14 SVID Interfaces
JUNE 2021
TPS536C5 TI-TPS536C5 Datasheet
872Kb / 14P
[Old version datasheet]   TPS536C5 Dual-Channel (N M ≤ 12 phase) D-CAP™, Step-Down, Multiphase Controller with AMD-SVI3 and PMBus Interfaces
DECEMBER 2022
TPS53685 TI-TPS53685 Datasheet
1Mb / 11P
[Old version datasheet]   TPS53685 Dual-Channel (N M ≤ 8 phase) D-CAP™, Step-Down, Multiphase Controller with AMD-SVI3 and PMBus Interfaces
DECEMBER 2022
TPS51640A TI1-TPS51640A Datasheet
1Mb / 54P
[Old version datasheet]   Dual-Channel (3-Phase CPU/1-Phase GPU) SVID, D-CAP??Step-Down Controller for
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com