Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCM1865 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1865
Description  Automotive, 4-Channel or 2-Channel, 192-kHz, Audio ADCs
Download  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM1865 Datasheet(HTML) 6 Page - Texas Instruments

Back Button PCM1865 Datasheet HTML 2Page - Texas Instruments PCM1865 Datasheet HTML 3Page - Texas Instruments PCM1865 Datasheet HTML 4Page - Texas Instruments PCM1865 Datasheet HTML 5Page - Texas Instruments PCM1865 Datasheet HTML 6Page - Texas Instruments PCM1865 Datasheet HTML 7Page - Texas Instruments PCM1865 Datasheet HTML 8Page - Texas Instruments PCM1865 Datasheet HTML 9Page - Texas Instruments PCM1865 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 141 page
background image
6
PCM1860-Q1, PCM1861-Q1, PCM1862-Q1
PCM1863-Q1, PCM1864-Q1, PCM1865-Q1
SLASE64A – DECEMBER 2014 – REVISED JUNE 2017
www.ti.com
Product Folder Links: PCM1860-Q1 PCM1861-Q1 PCM1862-Q1 PCM1863-Q1 PCM1864-Q1 PCM1865-Q1
Submit Documentation Feedback
Copyright © 2014–2017, Texas Instruments Incorporated
5 Device Comparison Table
PART NUMBER
PCM1860-Q1
PCM1861-Q1
PCM1862-Q1
PCM1863-Q1
PCM1864-Q1
PCM1865-Q1
Control method
H/W
I2C or SPI
Differential
SNR performance A weighted
data
103 dB
110 dB
103 dB
110 dB
103 dB
110 dB
Analog front end
2.1 VRMS MUX with fixed PGA gains
2.1 VRMS MUX, MIX, PGA and auxiliary ADC
Simultaneous channel
capability
2
2
4
Energysense signal detect
Yes (fixed threshold)
Yes (programmable threshold)
Energysense signal loss
No
Yes (programmable threshold)
Controlsense
No
Yes (programmable threshold)
Interrupt controller
No
Yes
Digital microphone support
No
Yes (2)
Yes (4)
Clock PLL
BCK to generate internal master clock
Fully programmable
Lowest power standby mode
(1.8-V IOVDD)
7.96 mW
0.22 mW
Digital mixing with digital and
analog inputs
No
Yes
Digital output formats
Left-justified, I2S
Left-justified, right-justified, I2S, TDM
Interrupt capabilities
Energysense signal detect
Energysense signal loss and detect, controlsense, post PGA clipping, RX digital
toggle


Similar Part No. - PCM1865

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM1865 TI-PCM1865 Datasheet
5Mb / 115P
[Old version datasheet]   PCM186x 110dB 2ch and 4ch Audio ADCs with Universal Front End
PCM1865-Q1 TI1-PCM1865-Q1 Datasheet
5Mb / 108P
[Old version datasheet]   Universal Front End
PCM1865DBT TI-PCM1865DBT Datasheet
5Mb / 115P
[Old version datasheet]   PCM186x 110dB 2ch and 4ch Audio ADCs with Universal Front End
PCM1865DBTR TI-PCM1865DBTR Datasheet
5Mb / 115P
[Old version datasheet]   PCM186x 110dB 2ch and 4ch Audio ADCs with Universal Front End
PCM1865QDBTRQ1 TI1-PCM1865QDBTRQ1 Datasheet
5Mb / 108P
[Old version datasheet]   Universal Front End
More results

Similar Description - PCM1865

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4619 AKM-AK4619 Datasheet
1Mb / 73P
   192 kHz 4-ch Audio CODEC
logo
List of Unclassifed Man...
STAC9460 ETC1-STAC9460 Datasheet
210Kb / 21P
   Two and Six-Channel, 24-Bit, 192 kHz Audio Codec
logo
Texas Instruments
PCM5310 TI-PCM5310 Datasheet
1Mb / 103P
[Old version datasheet]   24-Bit, 96-/192-kHz, Asynchronous, 4-Channel/4-Channel Audio Codec with 2-VRMS Driver, Headphone Driver, and 6 Audio Interface Ports
logo
Cirrus Logic
CS5364 CIRRUS-CS5364_09 Datasheet
380Kb / 42P
   114 dB, 192 kHz, 4-Channel A/D Converter
CS5364 CIRRUS-CS5364_08 Datasheet
592Kb / 41P
   114 dB, 192 kHz, 4-Channel A/D Converter
CS5364 CIRRUS-CS5364 Datasheet
708Kb / 41P
   114 dB, 192 kHz, 4-Channel A/D Converter
logo
Texas Instruments
PCM1840 TI1-PCM1840 Datasheet
1Mb / 34P
[Old version datasheet]   PCM1840 Quad Channel, 32-Bit, 192-kHz, Burr-BrownTM Audio ADC
PCM1820 TI-PCM1820_V01 Datasheet
3Mb / 41P
[Old version datasheet]   PCM182x Stereo Channel, 32-Bit, 192-kHz, Burr-BrownTM Audio ADC
logo
Cirrus Logic
CS8406 CIRRUS-CS8406_12 Datasheet
406Kb / 39P
   192 kHz Digital Audio Interface Transmitter
CS8416 CIRRUS-CS8416_07 Datasheet
991Kb / 60P
   192 kHZ DIGITAL AUDIO INTERFACE RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com