Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS22970 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS22970
Description  3.6-V, 4-A, 5.3-m(ohm) On-Resistance Load Switch
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS22970 Datasheet(HTML) 5 Page - Texas Instruments

  TPS22970 Datasheet HTML 1Page - Texas Instruments TPS22970 Datasheet HTML 2Page - Texas Instruments TPS22970 Datasheet HTML 3Page - Texas Instruments TPS22970 Datasheet HTML 4Page - Texas Instruments TPS22970 Datasheet HTML 5Page - Texas Instruments TPS22970 Datasheet HTML 6Page - Texas Instruments TPS22970 Datasheet HTML 7Page - Texas Instruments TPS22970 Datasheet HTML 8Page - Texas Instruments TPS22970 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
5
TPS22970
www.ti.com
SLVSDF2 – MAY 2017
Product Folder Links: TPS22970
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
(1)
See the Quick Output Discharge (QOD) section.
6.5 Electrical Characteristics
Unless otherwise noted, VIN = 0.65 V to 3.6 V
PARAMETER
TEST CONDITIONS
TA
MIN
TYP
MAX
UNIT
IQ
Quiescent current
VOUT = Open,
Switch enabled
VIN = 3.6 V
–40°C to +85°C
35
75
µA
–40°C to +105°C
90
VIN = 2.5 V
–40°C to +85°C
32
70
–40°C to +105°C
84
VIN = 1.8 V
–40°C to +85°C
30
68
–40°C to +105°C
82
VIN = 1.2 V
–40°C to +85°C
25
60
–40°C to +105°C
72
VIN = 1.05 V
–40°C to +85°C
20
55
–40°C to +105°C
66
VIN = 0.65 V
–40°C to +85°C
18
55
–40°C to +105°C
66
ISD
Shutdown current
VOUT = GND, Switch
disabled
VIN = 3.6 V
–40°C to +85°C
1
9
µA
–40°C to +105°C
16
VIN = 2.5 V
–40°C to +85°C
1
8
–40°C to +105°C
12
VIN = 1.8 V
–40°C to +85°C
1
8
–40°C to +105°C
12
VIN = 1.2 V
–40°C to +85°C
1
6
–40°C to +105°C
9
VIN = 1.05 V
–40°C to +85°C
1
6
–40°C to +105°C
9
VIN = 0.65 V
–40°C to +85°C
1
6
–40°C to +105°C
9
RON
ON-resistance
IOUT = –200 mA
VIN = 3.6 V
25°C
5.3
8.5
–40°C to +85°C
9.5
–40°C to +105°C
11.5
VIN = 2.5 V
25°C
5.3
8.5
–40°C to +85°C
9.5
–40°C to +105°C
11.5
VIN = 1.8 V
25°C
5.3
8.5
–40°C to +85°C
9.5
–40°C to +105°C
11.5
VIN = 1.2 V
25°C
5.5
9.1
–40°C to +85°C
10.1
–40°C to +105°C
12.1
VIN = 1.05 V
25°C
5.8
9.4
–40°C to +85°C
10.4
–40°C to +105°C
12.4
VIN = 0.65 V
25°C
7.5
11.5
–40°C to +85°C
12.5
–40°C to +105°C
14.5
RPD
Output pull down
resistance(1)
IOUT = 3 mA, Switch
disabled
VIN = 3.6 V
–40°C to +105°C
150
Ω
VIN = 0.65 V
–40°C to +105°C
710
Ω
ION
ON input leakage
current
VON = 0 V to 3.6 V
–40°C to +105°C
0.1
µA


Similar Part No. - TPS22970

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22971 TI1-TPS22971 Datasheet
427Kb / 20P
[Old version datasheet]   3.6-V, 3-A, 7.5-m(ohm) On-Resistance Load Switch With Adjustable Fast Turnon and Power Good
TPS22971YZPR TI1-TPS22971YZPR Datasheet
427Kb / 20P
[Old version datasheet]   3.6-V, 3-A, 7.5-m(ohm) On-Resistance Load Switch With Adjustable Fast Turnon and Power Good
TPS22971YZPT TI1-TPS22971YZPT Datasheet
427Kb / 20P
[Old version datasheet]   3.6-V, 3-A, 7.5-m(ohm) On-Resistance Load Switch With Adjustable Fast Turnon and Power Good
TPS22975 TI1-TPS22975 Datasheet
1Mb / 28P
[Old version datasheet]   5.7-V, 6-A, 16-m廓 On-Resistance Load Switch
TPS22975DSGR TI1-TPS22975DSGR Datasheet
1Mb / 28P
[Old version datasheet]   5.7-V, 6-A, 16-m廓 On-Resistance Load Switch
More results

Similar Description - TPS22970

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22925 TI1-TPS22925 Datasheet
629Kb / 25P
[Old version datasheet]   3.6-V, 3-A, 9Ohm On-Resistance Load Switch
TPS22959 TI1-TPS22959 Datasheet
7Mb / 29P
[Old version datasheet]   5.5-V, 15-A, 4.4-m(ohm) On-Resistance Load Switch
TPS22962 TI1-TPS22962 Datasheet
7Mb / 29P
[Old version datasheet]   5.5-V, 10-A, 4.4-m(ohm) On-Resistance Load Switch
TPS22918 TI1-TPS22918_16 Datasheet
1Mb / 30P
[Old version datasheet]   5.5-V, 2-A, 52-m(ohm) On-Resistance Load Switch
TPS22954 TI1-TPS22954 Datasheet
1Mb / 46P
[Old version datasheet]   5.7 V, 5 A, 14 m(ohm) On-Resistance Load Switch
TPS22918-Q1 TI1-TPS22918-Q1 Datasheet
1Mb / 30P
[Old version datasheet]   5.5-V, 2-A, 52-m(ohm) On-Resistance Load Switch
TPS22971 TI1-TPS22971 Datasheet
427Kb / 20P
[Old version datasheet]   3.6-V, 3-A, 7.5-m(ohm) On-Resistance Load Switch With Adjustable Fast Turnon and Power Good
TPS22914B TI1-TPS22914B Datasheet
1Mb / 26P
[Old version datasheet]   5.5-V, 2-A, 37m(ohm) On-Resistance Load Switch
TPS22976 TI1-TPS22976 Datasheet
1Mb / 32P
[Old version datasheet]   5.7-V, 6-A, 14-m(ohm) On-Resistance Dual-Channel Load Switch
TPS22968-Q1 TI1-TPS22968-Q1 Datasheet
2Mb / 32P
[Old version datasheet]   5.5-V, 4-A, 27Ohm On-Resistance Load Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com