Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV76050DBZT Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TLV76050DBZT
Description  100-mA, 30-V, Fixed-Output, Linear-Voltage Regulator
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV76050DBZT Datasheet(HTML) 4 Page - Texas Instruments

  TLV76050DBZT Datasheet HTML 1Page - Texas Instruments TLV76050DBZT Datasheet HTML 2Page - Texas Instruments TLV76050DBZT Datasheet HTML 3Page - Texas Instruments TLV76050DBZT Datasheet HTML 4Page - Texas Instruments TLV76050DBZT Datasheet HTML 5Page - Texas Instruments TLV76050DBZT Datasheet HTML 6Page - Texas Instruments TLV76050DBZT Datasheet HTML 7Page - Texas Instruments TLV76050DBZT Datasheet HTML 8Page - Texas Instruments TLV76050DBZT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
4
TLV760
SNVSAV1 – JUNE 2017
www.ti.com
Product Folder Links: TLV760
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings(1) may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
See Recommended Operating Conditions section for more details.
6 Specifications
6.1 Absolute Maximum Ratings
(1)
MIN
MAX
UNIT
Input voltage (IN to GND)
–0.3
35
V
Output Voltage (OUT)
VIN + 0.3
V
Output Current
Internally limited(2)
mA
Junction temperature
–40
150
°C
Storage temperature, Tstg
−65
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic
discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±500
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
Maximum input voltage (IN to GND)
30
V
Output current (IOUT)
100
mA
Input and output capacitor (COUT)
0.1
µF
Junction temperature, TJ
–40
125
°C
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
6.4 Thermal Information
THERMAL METRIC(1)
TLV760
UNIT
DBZ (SOT-23)
3 PINS
RθJA
Junction-to-ambient thermal resistance
275.2
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
92.8
°C/W
RθJB
Junction-to-board thermal resistance
56.8
°C/W
ψJT
Junction-to-top characterization parameter
2.9
°C/W
ψJB
Junction-to-board characterization parameter
55.6
°C/W


Similar Part No. - TLV76050DBZT

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
TLV76033DBZR TECHPUBLIC-TLV76033DBZR Datasheet
1Mb / 4P
   100-mA, SOT-23, Quasi Low-Dropout Linear Voltage Regulator
More results

Similar Description - TLV76050DBZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM78L TI1-LM78L Datasheet
1Mb / 35P
[Old version datasheet]   LM78L 100-mA Fixed Output Linear Regulator
JUNE 2020
logo
Infineon Technologies A...
TLE4275V33 INFINEON-TLE4275V33 Datasheet
319Kb / 12P
   Linear Voltage Regulator 3.3 V Fixed Output Voltage
Rev. 1.0, 2006-09-22
logo
ON Semiconductor
NCP781 ONSEMI-NCP781 Datasheet
168Kb / 14P
   150 V, 100mA Very High Voltage Linear Regulator
April, 2017 ??Rev. 0
logo
Texas Instruments
TPS7A4001-EP TI1-TPS7A4001-EP_16 Datasheet
996Kb / 23P
[Old version datasheet]   100-V Input Voltage, 50-mA, Very High Voltage Linear Regulator
logo
Infineon Technologies A...
TLE4678 INFINEON-TLE4678 Datasheet
642Kb / 31P
   Low Drop Out Linear Voltage Regulator 5 V Fixed Output Voltage
Rev. 1.1, August 2009
TLE4678-2LD INFINEON-TLE4678-2LD Datasheet
2Mb / 33P
   Low Drop Out Linear Voltage Regulator 5 V Fixed Output Voltage
Rev. 1.0, 2014-03-03
TLE4699GM INFINEON-TLE4699GM Datasheet
1Mb / 31P
   Low Drop Out Linear Voltage Regulator 5 V Fixed Output Voltage
Rev. 1.0, 2010-11-30
logo
Texas Instruments
TLV761 TI1-TLV761 Datasheet
304Kb / 16P
[Old version datasheet]   TLV761 16-V,1-A, Fixed Output Linear Voltage Regulator
TLV761 TI-TLV761_V01 Datasheet
362Kb / 15P
[Old version datasheet]   TLV761 16-V,1-A, Fixed Output Linear Voltage Regulator
FEBRUARY 2020
logo
Infineon Technologies A...
TLE4699 INFINEON-TLE4699 Datasheet
1Mb / 31P
   Low Drop Out Linear Voltage Regulator 5 V Fixed Output Voltage
Rev. 1.0, 2010-11-30
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com