Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCM1860 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1860
Description  Automotive, 4-Channel or 2-Channel, 192-kHz, Audio ADCs
Download  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM1860 Datasheet(HTML) 3 Page - Texas Instruments

  PCM1860 Datasheet HTML 1Page - Texas Instruments PCM1860 Datasheet HTML 2Page - Texas Instruments PCM1860 Datasheet HTML 3Page - Texas Instruments PCM1860 Datasheet HTML 4Page - Texas Instruments PCM1860 Datasheet HTML 5Page - Texas Instruments PCM1860 Datasheet HTML 6Page - Texas Instruments PCM1860 Datasheet HTML 7Page - Texas Instruments PCM1860 Datasheet HTML 8Page - Texas Instruments PCM1860 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 141 page
background image
3
PCM1860-Q1, PCM1861-Q1, PCM1862-Q1
PCM1863-Q1, PCM1864-Q1, PCM1865-Q1
www.ti.com
SLASE64A – DECEMBER 2014 – REVISED JUNE 2017
Product Folder Links: PCM1860-Q1 PCM1861-Q1 PCM1862-Q1 PCM1863-Q1 PCM1864-Q1 PCM1865-Q1
Submit Documentation Feedback
Copyright © 2014–2017, Texas Instruments Incorporated
Revision History (continued)
Added operating ambient temperature and junction temperature to Absolute Maximum Ratings table .............................. 11
Changed ground voltage differences range from "AGND, DGND" to "AGND to DGND" ................................................... 11
Changed storage temperature max value from 125°C to 150°C.......................................................................................... 11
Changed CDM value from ±1500 V to ±750 V and updated ESD Ratings table to align with automotive devices ............. 11
Changed "Operating junction temperature range" to "Operating ambient temperature, TA" in Recommended
Operating Conditions table ................................................................................................................................................... 11
Changed Thermal Information table to standard automotive format .................................................................................... 11
Changed Electrical Characteristics: Primary PGA and ADC performance to include secondary ADC performance
data, and deleted separate Electrical Characteristics: Secondary ADC Performance table ............................................... 12
Added new table note to clarify test condition at 32-dB PGA gain....................................................................................... 12
Added min value of 85 dB to input channel signal-to-noise ratio for 32 dB ......................................................................... 12
Added min value of –76 dB to input channel THD+N, differential input for 32 dB .............................................................. 12
Deleted "per input pin" and "out of phase" from full-scale voltage input parameter in Electrical Characteristics ................ 12
Changed input channel signal-to-noise ratio, single-ended input value for PCM1865-Q1 from 110 dB to 106 dB;
differential conditions used previously.................................................................................................................................. 12
Changed "Energysense Detection Threshold" to "............................................................................................................... 12
Default Energysense Signal Detection Threshold" in Electrical Characteristics, Secondary ADC Performance................. 12
Changed secondary ADC sampling rate from "same as audio sampling rate" to min of 8 kHz and max of 192 kHz ......... 12
Changed Electrical Characteristics, DC conditions from master to slave mode; system clock from 256 × fS to 512 x fS.... 13
Changed POWER section of the Electrical Characteristics, DC; updated section structure for clarity................................ 13
Deleted all rows with XTAL as condition; not required for normal operation ....................................................................... 13
Deleted all rows with Powerdown; not a valid operating mode ........................................................................................... 13
Changed AVDD current typ value for 2-channel, 3.3-V, active mode from 16 mA to 18 mA .............................................. 13
Changed Total power value for 2-channel, 3.3 V, sleep mode from 24 mW to 17.6 mW.................................................... 13
Changed DVDD current for 2-channel, 3.3 V, standby mode from 353 µA to 0.015 mA..................................................... 13
Changed Total power for 2-channel, 3.3 V, standby mode for software device from 0.59 mW to 0.64 mW ...................... 13
Changed Total power for 2-channel, 3.3 V and 1.8 V active mode from 68 mW to 69.2 mW ............................................. 13
Changed Total power for 4-channel, 3.3 V, active mode from 145 mW to 135.3 mW ....................................................... 13
Changed Total power for 4-channel, 3.3 V and 1.8 V, active mode from 128 mW to 117.3 mW ........................................ 14
Deleted redundant text "Valid with recommended values on analog rails (AVDD, VREF, and so on)" from PSRR ........... 14
Changed "HPF frequency response" to "HPF –3-dB cutoff frequency" in Electrical Characteristics: Digital Filter.............. 15
Added maximum BCK frequency rows to Timing Requirements, External Clock table ....................................................... 15
Added Figure 3; replaces old Figure 4 with new data for the PCM1865-Q1........................................................................ 20
Changed Figure 4; now associated to PCM1860-Q1, PCM1862-Q1, PCM1864-Q1........................................................... 20
Added new Figure 5; replaces old Figure 5 with new data for the PCM1865-Q1................................................................ 20
Changed Figure 6; now associated to PCM1860-Q1, PCM1862-Q1, PCM1864-Q1........................................................... 20
Changed all FFT plot X axes from log scale to linear scale................................................................................................. 20
Added new Figure 7; replaces old Figure 6 with new data for the PCM1865-Q1................................................................ 20
Changed Figure 8; now associated to PCM1860-Q1, PCM1862-Q1, PCM1864-Q1........................................................... 20
Added new Figure 9; replaces old Figure 7 with new data for the PCM1865-Q1................................................................ 21
Changed Figure 10; now associated to PCM1860-Q1, PCM1862-Q1, PCM1864-Q1......................................................... 21
Deleted Figure 10, FFT With -1 dBFS Input......................................................................................................................... 21
Added new Figure 11; replaces old Figure 8 with new data for the PCM1865-Q1.............................................................. 21
Deleted Figure 11, FFT With –60 dBFS Input ...................................................................................................................... 21
Changed Figure 12; now associated to PCM1860-Q1, PCM1862-Q1, PCM1864-Q1......................................................... 21
Added new paragraph to start of Overview section ............................................................................................................ 24


Similar Part No. - PCM1860

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM1860 TI1-PCM1860 Datasheet
6Mb / 115P
[Old version datasheet]   4ch Audio ADCs With Universal Front End
PCM1860DBT TI1-PCM1860DBT Datasheet
6Mb / 115P
[Old version datasheet]   4ch Audio ADCs With Universal Front End
PCM1860DBTR TI1-PCM1860DBTR Datasheet
6Mb / 115P
[Old version datasheet]   4ch Audio ADCs With Universal Front End
PCM1860 TI-PCM1860_15 Datasheet
5Mb / 115P
[Old version datasheet]   PCM186x 103 dB 2ch and 4ch Audio ADCs With Universal Front End
More results

Similar Description - PCM1860

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4619 AKM-AK4619 Datasheet
1Mb / 73P
   192 kHz 4-ch Audio CODEC
logo
List of Unclassifed Man...
STAC9460 ETC1-STAC9460 Datasheet
210Kb / 21P
   Two and Six-Channel, 24-Bit, 192 kHz Audio Codec
logo
Texas Instruments
PCM5310 TI-PCM5310 Datasheet
1Mb / 103P
[Old version datasheet]   24-Bit, 96-/192-kHz, Asynchronous, 4-Channel/4-Channel Audio Codec with 2-VRMS Driver, Headphone Driver, and 6 Audio Interface Ports
logo
Cirrus Logic
CS5364 CIRRUS-CS5364_09 Datasheet
380Kb / 42P
   114 dB, 192 kHz, 4-Channel A/D Converter
CS5364 CIRRUS-CS5364_08 Datasheet
592Kb / 41P
   114 dB, 192 kHz, 4-Channel A/D Converter
CS5364 CIRRUS-CS5364 Datasheet
708Kb / 41P
   114 dB, 192 kHz, 4-Channel A/D Converter
logo
Texas Instruments
PCM1840 TI1-PCM1840 Datasheet
1Mb / 34P
[Old version datasheet]   PCM1840 Quad Channel, 32-Bit, 192-kHz, Burr-BrownTM Audio ADC
PCM1820 TI-PCM1820_V01 Datasheet
3Mb / 41P
[Old version datasheet]   PCM182x Stereo Channel, 32-Bit, 192-kHz, Burr-BrownTM Audio ADC
logo
Cirrus Logic
CS8406 CIRRUS-CS8406_12 Datasheet
406Kb / 39P
   192 kHz Digital Audio Interface Transmitter
CS8416 CIRRUS-CS8416_07 Datasheet
991Kb / 60P
   192 kHZ DIGITAL AUDIO INTERFACE RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com