Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TCAN1051X-Q1 Datasheet(PDF) 8 Page - Texas Instruments

Part # TCAN1051X-Q1
Description  Automotive Fault Protected CAN Transceiver with CAN FD
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TCAN1051X-Q1 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TCAN1051X-Q1 Datasheet HTML 4Page - Texas Instruments TCAN1051X-Q1 Datasheet HTML 5Page - Texas Instruments TCAN1051X-Q1 Datasheet HTML 6Page - Texas Instruments TCAN1051X-Q1 Datasheet HTML 7Page - Texas Instruments TCAN1051X-Q1 Datasheet HTML 8Page - Texas Instruments TCAN1051X-Q1 Datasheet HTML 9Page - Texas Instruments TCAN1051X-Q1 Datasheet HTML 10Page - Texas Instruments TCAN1051X-Q1 Datasheet HTML 11Page - Texas Instruments TCAN1051X-Q1 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
8
TCAN1051-Q1, TCAN1051V-Q1, TCAN1051H-Q1
TCAN1051HV-Q1, TCAN1051G-Q1, TCAN1051GV-Q1
TCAN1051HG-Q1, TCAN1051HGV-Q1
SLLSET0C – OCTOBER 2016 – REVISED MAY 2017
www.ti.com
Product Folder Links: TCAN1051-Q1 TCAN1051V-Q1 TCAN1051H-Q1 TCAN1051HV-Q1 TCAN1051G-Q1
TCAN1051GV-Q1 TCAN1051HG-Q1 TCAN1051HGV-Q1
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
(1)
All typical values are at 25°C and supply voltages of VCC = 5 V and VIO = 5 V, RL = 60 Ω.
7.6 Electrical Characteristics
Over recommended operating conditions, TA = –55°C to 125°C (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
SUPPLY CHARACTERISTICS
ICC
5-V Supply current
Normal mode
(dominant)
See Figure 5, TXD = 0 V, RL = 60 Ω, CL =
open, RCM = open, S = 0V
40
70
mA
See Figure 5, TXD = 0 V, RL = 50 Ω, CL =
open, RCM = open, S = 0V
45
80
Normal mode
(dominant – bus fault)
See Figure 5, TXD = 0 V, S = 0V, CANH =
-12V, RL = open, CL = open, RCM = open
180
Normal mode
(recessive)
See Figure 5, TXD = VCC, RL = 50 Ω, CL =
open, RCM = open,
S = 0V
1.5
2.5
Silent mode
See Figure 5, TXD = VCC, RL = 50 Ω,CL =
open, RCM = open,
S = VCC
1.5
2.5
IIO
I/O supply current
Normal and Silent
modes
RXD Floating, TXD = S = 0 or 5.5 V
90
300
µA
UVVCC
Rising undervoltage detection on VCC for
protected mode
All devices
4.2
4.4
V
Falling undervoltage detection on VCC for
protected mode
3.8
4.0
4.25
VHYS(UVVCC)
Hysteresis voltage on UVVCC
200
mV
UVVIO
Undervoltage detection on VIO for protected
mode
Devices with the "V" Suffix (I/O level-
shifting)
1.3
2.75
V
VHYS(UVVIO)
Hysteresis voltage on UVVIO for protected mode
80
mV
S TERMINAL (MODE SELECT INPUT)
VIH
High-level input voltage
Devices with the "V" suffix (I/O level-shifting)
0.7 x VIO
V
Devices without the "V" suffix (5-V only)
2
VIL
Low-level input voltage
Devices with the "V" suffix (I/O level-shifting)
0.3 x VIO
Devices without the "V" suffix (5-V only)
0.8
IIH
High-level input leakage current
S = VCC or VIO = 5.5 V
30
µA
IIL
Low-level input leakage current
S = 0 V, VCC = VIO = 5.5 V
–2
0
2
Ilkg(OFF)
Unpowered leakage current
S = 5.5 V, VCC = VIO = 0 V
-1
1
TXD TERMINAL (CAN TRANSMIT DATA INPUT)
VIH
High-level input voltage
Devices with the "V" suffix (I/O level-shifting)
0.7 x VIO
V
Devices without the "V" suffix (5-V only)
2
VIL
Low-level input voltage
Devices with the "V" suffix (I/O level-shifting)
0.3 x VIO
Devices without the "V" suffix (5-V only)
0.8
IIH
High-level input leakage current
TXD = VCC = VIO = 5.5 V
–2.5
0
1
µA
IIL
Low-level input leakage current
TXD = 0 V, VCC = VIO = 5.5 V
–100
-25
–7
Ilkg(OFF)
Unpowered leakage current
TXD = 5.5 V, VCC = VIO = 0 V
–1
0
1
CI
Input capacitance
VIN = 0.4 * sin(4E6 * π * t) + 2.5 V
5
pF


Similar Part No. - TCAN1051X-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCAN1051X-Q1 TI1-TCAN1051X-Q1 Datasheet
510Kb / 35P
[Old version datasheet]   Automotive Fault Protected CAN Transceiver with CAN FD
More results

Similar Description - TCAN1051X-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCAN1051-Q1 TI1-TCAN1051-Q1 Datasheet
510Kb / 35P
[Old version datasheet]   Automotive Fault Protected CAN Transceiver with CAN FD
TCAN1042-Q1 TI1-TCAN1042-Q1_17 Datasheet
590Kb / 40P
[Old version datasheet]   Automotive Fault Protected CAN Transceiver with CAN FD
TCAN1042-Q1 TI1-TCAN1042-Q1_16 Datasheet
561Kb / 37P
[Old version datasheet]   Automotive Fault Protected CAN Transceiver with CAN FD
TCAN1051H TI1-TCAN1051H Datasheet
451Kb / 35P
[Old version datasheet]   Fault Protected CAN Transceiver with CAN FD
TCAN1042H TI1-TCAN1042H_16 Datasheet
499Kb / 37P
[Old version datasheet]   Fault Protected CAN Transceiver with CAN FD
TCAN1043-Q1 TI1-TCAN1043-Q1 Datasheet
635Kb / 43P
[Old version datasheet]   Fault Protected CAN Transceiver with CAN FD
TCAN1044-Q1 TI1-TCAN1044-Q1_V02 Datasheet
1Mb / 40P
[Old version datasheet]   TCAN1044-Q1 Automotive Fault-Protected CAN FD Transceiver
TCAN1044-Q1 TI1-TCAN1044-Q1_V03 Datasheet
1Mb / 40P
[Old version datasheet]   TCAN1044-Q1 Automotive Fault-Protected CAN FD Transceiver
TCAN1044-Q1 TI1-TCAN1044-Q1_V01 Datasheet
1Mb / 36P
[Old version datasheet]   TCAN1044-Q1 Automotive Fault-Protected CAN FD Transceiver
TCAN1046-Q1 TI-TCAN1046-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   TCAN1046-Q1 Automotive Fault-Protected Dual CAN FD Transceiver with Standby Mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com