Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TCAN1051X-Q1 Datasheet(PDF) 5 Page - Texas Instruments

Part # TCAN1051X-Q1
Description  Automotive Fault Protected CAN Transceiver with CAN FD
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TCAN1051X-Q1 Datasheet(HTML) 5 Page - Texas Instruments

  TCAN1051X-Q1 Datasheet HTML 1Page - Texas Instruments TCAN1051X-Q1 Datasheet HTML 2Page - Texas Instruments TCAN1051X-Q1 Datasheet HTML 3Page - Texas Instruments TCAN1051X-Q1 Datasheet HTML 4Page - Texas Instruments TCAN1051X-Q1 Datasheet HTML 5Page - Texas Instruments TCAN1051X-Q1 Datasheet HTML 6Page - Texas Instruments TCAN1051X-Q1 Datasheet HTML 7Page - Texas Instruments TCAN1051X-Q1 Datasheet HTML 8Page - Texas Instruments TCAN1051X-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 38 page
background image
5
TCAN1051-Q1, TCAN1051V-Q1, TCAN1051H-Q1
TCAN1051HV-Q1, TCAN1051G-Q1, TCAN1051GV-Q1
TCAN1051HG-Q1, TCAN1051HGV-Q1
www.ti.com
SLLSET0C – OCTOBER 2016 – REVISED MAY 2017
Product Folder Links: TCAN1051-Q1 TCAN1051V-Q1 TCAN1051H-Q1 TCAN1051HV-Q1 TCAN1051G-Q1
TCAN1051GV-Q1 TCAN1051HG-Q1 TCAN1051HGV-Q1
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated condition for extended periods may affect device reliability.
(2)
All voltage values, except differential I/O bus voltages, are with respect to ground terminal.
7 Specifications
7.1 Absolute Maximum Ratings
(1) (2)
MIN
MAX
UNIT
VCC
5-V Bus Supply Voltage Range
All Devices
–0.3
7
V
VIO
I/O Level-Shifting Voltage Range
Devices with the "V" Suffix
–0.3
7
V
VBUS
CAN Bus I/O voltage range (CANH,
CANL)
Devices without the "H" Suffix
–58
58
V
V(Diff)
Max differential voltage between
CANH and CANL
Devices without the “H” suffix
–58
58
V
VBUS
CAN Bus I/O voltage range (CANH,
CANL)
Devices with the "H" Suffix
-70
70
V
V(Diff)
Max differential voltage between
CANH and CANL
Devices with the “H” suffix
–70
70
V
V(Logic_Input)
Logic input terminal voltage range (TXD,
S)
All Devices
–0.3
+7 and VI ≤ VIO + 0.3
V
V(Logic_Output)
Logic output terminal voltage range
(RXD)
–0.3
+7 and VI ≤ VIO + 0.3
V
IO(RXD)
RXD (Receiver) output current
–8
8
mA
TJ
Virtual junction temperature range (see Thermal Information)
–55
150
°C
TSTG
Storage temperature range (see Thermal Information)
–65
150
°C
(1)
Tested in accordance to JEDEC Standard 22, Test Method A114.
(2)
Test method based upon JEDEC Standard 22 Test Method A114, CAN bus is stressed with respect to GND.
(3)
Tested in accordance to JEDEC Standard 22, Test Method C101.
(4)
Tested in accordance to JEDEC Standard 22, Test Method A115.
(5)
ISO7637 is a system level transient test. Results given here are specific to the GIFT-ICT CAN EMC Test specification conditions.
Different system level configurations may lead to different results.
7.2 ESD Ratings
TEST CONDITIONS
VALUE
UNIT
D (SOIC) Package
Human Body Model (HBM) ESD stress voltage
All terminals(1)
±6000
V
CAN bus terminals (CANH, CANL) to GND(2)
±16000
Charged Device Model (CDM) ESD stress voltage
All terminals(3)
±1500
V
Machine Model
All terminals(4)
±200
V
System Level Electro-Static Discharge (ESD)
CAN bus terminals
(CANH, CANL) to GND
SAE J2962-2 per ISO 10605:
Powered Air Discharge
±15000
V
SAE J2962-2 per ISO 10605:
Powered Contact Discharge
±8000
System Level Electro-Static Discharge (ESD)
CAN bus terminals
(CANH, CANL) to GND
IEC 61000-4-2: Unpowered
Contact Discharge
±15000
V
IEC 61000-4-2: Powered Contact
Discharge
±8000
System Level Electrical fast transient (EFT)
CAN bus terminals
(CANH, CANL) to GND
IEC 61000-4-4: Criteria A
±4000
V
ISO7637 Transients according to GIFT - ICT CAN EMC test
spec(5)
CAN bus terminals
(CANH, CANL) to GND
Pulse 1
–100
V
Pulse 2
+75
Pulse 3a
–150
Pulse 3b
+100
ISO7637-3 Transients
CAN bus terminals
(CANH, CANL) to GND
Direct Coupling Capacitor "Slow
Transient Pulse" with100 nF
coupling capacitor - Powered
±85
V
DRB (VSON) Package
Human Body Model (HBM) ESD stress voltage
All terminals(1)
±6000
V
CAN bus terminals (CANH, CANL) to GND(2)
±16000
Charged Device Model (CDM) ESD stress voltage
All terminals(3)
±1500
V


Similar Part No. - TCAN1051X-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCAN1051X-Q1 TI1-TCAN1051X-Q1 Datasheet
510Kb / 35P
[Old version datasheet]   Automotive Fault Protected CAN Transceiver with CAN FD
More results

Similar Description - TCAN1051X-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCAN1051-Q1 TI1-TCAN1051-Q1 Datasheet
510Kb / 35P
[Old version datasheet]   Automotive Fault Protected CAN Transceiver with CAN FD
TCAN1042-Q1 TI1-TCAN1042-Q1_17 Datasheet
590Kb / 40P
[Old version datasheet]   Automotive Fault Protected CAN Transceiver with CAN FD
TCAN1042-Q1 TI1-TCAN1042-Q1_16 Datasheet
561Kb / 37P
[Old version datasheet]   Automotive Fault Protected CAN Transceiver with CAN FD
TCAN1051H TI1-TCAN1051H Datasheet
451Kb / 35P
[Old version datasheet]   Fault Protected CAN Transceiver with CAN FD
TCAN1042H TI1-TCAN1042H_16 Datasheet
499Kb / 37P
[Old version datasheet]   Fault Protected CAN Transceiver with CAN FD
TCAN1043-Q1 TI1-TCAN1043-Q1 Datasheet
635Kb / 43P
[Old version datasheet]   Fault Protected CAN Transceiver with CAN FD
TCAN1044-Q1 TI1-TCAN1044-Q1_V02 Datasheet
1Mb / 40P
[Old version datasheet]   TCAN1044-Q1 Automotive Fault-Protected CAN FD Transceiver
TCAN1044-Q1 TI1-TCAN1044-Q1_V03 Datasheet
1Mb / 40P
[Old version datasheet]   TCAN1044-Q1 Automotive Fault-Protected CAN FD Transceiver
TCAN1044-Q1 TI1-TCAN1044-Q1_V01 Datasheet
1Mb / 36P
[Old version datasheet]   TCAN1044-Q1 Automotive Fault-Protected CAN FD Transceiver
TCAN1046-Q1 TI-TCAN1046-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   TCAN1046-Q1 Automotive Fault-Protected Dual CAN FD Transceiver with Standby Mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com