Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV76033DBZR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TLV76033DBZR
Description  100-mA, 30-V, Fixed-Output, Linear-Voltage Regulator
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV76033DBZR Datasheet(HTML) 5 Page - Texas Instruments

  TLV76033DBZR Datasheet HTML 1Page - Texas Instruments TLV76033DBZR Datasheet HTML 2Page - Texas Instruments TLV76033DBZR Datasheet HTML 3Page - Texas Instruments TLV76033DBZR Datasheet HTML 4Page - Texas Instruments TLV76033DBZR Datasheet HTML 5Page - Texas Instruments TLV76033DBZR Datasheet HTML 6Page - Texas Instruments TLV76033DBZR Datasheet HTML 7Page - Texas Instruments TLV76033DBZR Datasheet HTML 8Page - Texas Instruments TLV76033DBZR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
5
TLV760
www.ti.com
SNVSAV1 – JUNE 2017
Product Folder Links: TLV760
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
6.5 Electrical Characteristics
Typical and other limits apply for TA = TJ = 25°C, VOUT(NOM) = 3.3 V, 5 V, 12 V, and 15 V, unless otherwise specified.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOUT
Output voltage
accuracy
VIN = VOUT(NOM)+ 1.5 V,
1 mA
≤ IOUT ≤ 100 mA
–4%
4%
V
VIN = VOUT(NOM) + 1.5 V,
1 mA
≤ IOUT ≤ 100 mA,
−40°C ≤ TJ ≤ 125°C
–5%
5%
ΔV(ΔVIN)
Line regulation
VOUT(NOM) + 1.5 V ≤ VIN ≤ 30 V
IOUT = 1 mA ,
−40°C ≤ TJ ≤ 125°C
VOUT(NOM) = 3.3 V, 5 V
10
30
mV
VOUT(NOM) = 12 V, 15 V
14
45
ΔV(ΔIOUT) Load regulation
VIN =VOUT(NOM) + 1.5 V ,
10 mA
≤ IOUT ≤ 100 mA,
−40°C ≤ TJ ≤ 125°C
VOUT(NOM) = 3.3 V, 5 V
20
45
mV
VOUT(NOM) = 12 V, 15 V
45
80
IGND
Ground pin current
VOUT(NOM) + 1.5 V ≤ VIN ≤ 30 V, no load,
−40°C ≤ TJ ≤ 125°C
2
5
mA
VDO
Dropout voltage
IOUT = 10 mA
0.7
0.9
V
IOUT = 10 mA , −40°C ≤ TJ ≤ 125°C
1
IOUT = 100 mA
0.9
1.1
IOUT = 100 mA, −40°C ≤ TJ ≤ 125°C
1.2
TSD
Thermal shutdown
temperature
150
°C


Similar Part No. - TLV76033DBZR

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
TLV76033DBZR TECHPUBLIC-TLV76033DBZR Datasheet
1Mb / 4P
   100-mA, SOT-23, Quasi Low-Dropout Linear Voltage Regulator
More results

Similar Description - TLV76033DBZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM78L TI1-LM78L Datasheet
1Mb / 35P
[Old version datasheet]   LM78L 100-mA Fixed Output Linear Regulator
JUNE 2020
logo
Infineon Technologies A...
TLE4275V33 INFINEON-TLE4275V33 Datasheet
319Kb / 12P
   Linear Voltage Regulator 3.3 V Fixed Output Voltage
Rev. 1.0, 2006-09-22
logo
ON Semiconductor
NCP781 ONSEMI-NCP781 Datasheet
168Kb / 14P
   150 V, 100mA Very High Voltage Linear Regulator
April, 2017 ??Rev. 0
logo
Texas Instruments
TPS7A4001-EP TI1-TPS7A4001-EP_16 Datasheet
996Kb / 23P
[Old version datasheet]   100-V Input Voltage, 50-mA, Very High Voltage Linear Regulator
logo
Infineon Technologies A...
TLE4678 INFINEON-TLE4678 Datasheet
642Kb / 31P
   Low Drop Out Linear Voltage Regulator 5 V Fixed Output Voltage
Rev. 1.1, August 2009
TLE4678-2LD INFINEON-TLE4678-2LD Datasheet
2Mb / 33P
   Low Drop Out Linear Voltage Regulator 5 V Fixed Output Voltage
Rev. 1.0, 2014-03-03
TLE4699GM INFINEON-TLE4699GM Datasheet
1Mb / 31P
   Low Drop Out Linear Voltage Regulator 5 V Fixed Output Voltage
Rev. 1.0, 2010-11-30
logo
Texas Instruments
TLV761 TI1-TLV761 Datasheet
304Kb / 16P
[Old version datasheet]   TLV761 16-V,1-A, Fixed Output Linear Voltage Regulator
TLV761 TI-TLV761_V01 Datasheet
362Kb / 15P
[Old version datasheet]   TLV761 16-V,1-A, Fixed Output Linear Voltage Regulator
FEBRUARY 2020
logo
Infineon Technologies A...
TLE4699 INFINEON-TLE4699 Datasheet
1Mb / 31P
   Low Drop Out Linear Voltage Regulator 5 V Fixed Output Voltage
Rev. 1.0, 2010-11-30
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com