Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RPM871 Datasheet(PDF) 1 Page - Rohm

Part # RPM871
Description  IrDA Infrared communication Module
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RPM871 Datasheet(HTML) 1 Page - Rohm

  RPM871 Datasheet HTML 1Page - Rohm RPM871 Datasheet HTML 2Page - Rohm RPM871 Datasheet HTML 3Page - Rohm RPM871 Datasheet HTML 4Page - Rohm RPM871 Datasheet HTML 5Page - Rohm RPM871 Datasheet HTML 6Page - Rohm RPM871 Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
RPM871-H7
Photo Link Module
IrDA Infrared communication Module
RPM871-H7
RPM871-H7 is an infrared communication module for IrDA Ver. 1.2 (Low Power). The infrared LED, PIN photo diode,
waveform shaping LSI are all integrated into a single package. This module is designed with power down function and
low current consumption at stand-by mode. The ultra small package makes it a perfect fit for mobile devices.
!
!
!
!
Features
1) Applied to IrDA version 1.2. (Low Power)
2) Designed for low power consumption at stand-by for receiving (Typ.73
µA).
3) Suitable for sets driven by battery due to power down control function.
4) Power supply voltage range : 2.6V
∼3.6V
5) Constant LED load resistance can change communication range. (Approx. 20
∼60cm)
!
!
!
!
Applications
Cellular phones, PDAs, etc.
!
!
!
!
Absolute maximum ratings (Ta = 25
°C)
Parameter
Symbol
Limits
Unit
Power supply voltage
VCC
−0.3~+7.0
−20~+85
−30~+100
V
mA
mW
200∗2
150∗1
Operating temperature range
Storage temperature range
LED peak current
Power dissipation
Topr
Tstg
IFP
Pd
°C
°C
∗1 70mm×70mm, t=1.6mm, glass epoxy mounting. Derating : 2mW/°C for operation above Ta=25°C
∗2 LED peak current<90µs. ON duty<20%
!
!
!
!
Recommended operating conditions (Ta = 25
°C)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Power supply voltage
VCC
2.8
V
2.6
3.6
VLEDA
2.8
V
2.6
5.5


Similar Part No. - RPM871

ManufacturerPart #DatasheetDescription
logo
Rohm
RPM871 ROHM-RPM871 Datasheet
95Kb / 8P
   IrDA Infrared communication Module
RPM871 ROHM-RPM871 Datasheet
92Kb / 8P
   IrDA Infrared communication Module
RPM871 ROHM-RPM871 Datasheet
75Kb / 8P
   IrDA Infrared communication Module
RPM871-E4 ROHM-RPM871-E4 Datasheet
75Kb / 8P
   IrDA Infrared communication Module
RPM871-H12 ROHM-RPM871-H12 Datasheet
103Kb / 8P
   IrDA Infrared communication Module
More results

Similar Description - RPM871

ManufacturerPart #DatasheetDescription
logo
Rohm
RPM872-H7 ROHM-RPM872-H7 Datasheet
89Kb / 7P
   IrDA infrared communication module
RPM882-H14 ROHM-RPM882-H14 Datasheet
126Kb / 10P
   IrDA Infrared Communication Module
RPM871-H12 ROHM-RPM871-H12 Datasheet
103Kb / 8P
   IrDA Infrared communication Module
RPM841-H16 ROHM-RPM841-H16 Datasheet
92Kb / 10P
   IrDA Infrared Communication Module
RPM841-H11 ROHM-RPM841-H11 Datasheet
119Kb / 10P
   IrDA Infrared Communication Module
RPM922-H11 ROHM-RPM922-H11 Datasheet
99Kb / 6P
   IrDA Infrared Communication Module
RPM872-H14 ROHM-RPM872-H14_06 Datasheet
94Kb / 7P
   IrDA infrared communication module
RPM871-H12E4A ROHM-RPM871-H12E4A Datasheet
83Kb / 8P
   IrDA Infrared communication Module
RPM970-H14 ROHM-RPM970-H14 Datasheet
127Kb / 8P
   IrDA Infrared Communication Module
RPM972-H14 ROHM-RPM972-H14 Datasheet
117Kb / 10P
   IrDA Infrared Communication Module
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com