Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SS21V-050360 Datasheet(PDF) 1 Page - Kemet Corporation

Part # SS21V-050360
Description  SS Coils, SS21V Type
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

SS21V-050360 Datasheet(HTML) 1 Page - Kemet Corporation

  SS21V-050360 Datasheet HTML 1Page - Kemet Corporation SS21V-050360 Datasheet HTML 2Page - Kemet Corporation SS21V-050360 Datasheet HTML 3Page - Kemet Corporation SS21V-050360 Datasheet HTML 4Page - Kemet Corporation SS21V-050360 Datasheet HTML 5Page - Kemet Corporation SS21V-050360 Datasheet HTML 6Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
LF0028_SS21V • 7/30/2015
One world. One KEMET
Benefits
• Widevarietyofsizesandspecifications
• High inductance in a compact design
• Pin pitch is identical to SS24V Type and SS11V Type,
making design and replacement easier
• Inductances up to 138 mH
• Rated Currents up to 3 A
• DCResistancesaslowas0.07Ω
Overview
TheKEMETSSCoils,SS21VTypeAClinefiltersareofferedina
widevarietyofsizesandspecifications.
Applications
• Consumer Electronics
• Common mode choke
AC Line Filters
SS Coils, SS21V Type
Part Number System
SS
21
V-
R
03
1380
Series
Core Size (mm)
Core Orientation
Core Type
Rated Current (A)
Minimum Inductance (mH)
SS
21 = 21.0
V- = Vertical
Blank = Standard
R = High permeability
0x = 0.x A (e.g., 03 = 0.3 A)
xx = x.x A (e.g., 13 = 1.3 A)
xxx0 = xxx mH (e.g., 1380 = 138 mH)
0xxx = xx mH (e.g., 0179 = 17.9 mH)
00xx = x.x mH (e.g., 0026 = 2.6 mH)
000x = 0.x mH (e.g., 0008 = 0.8 mH)


Similar Part No. - SS21V-050360

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
SS21V-060220 KEMET-SS21V-060220 Datasheet
117Kb / 1P
   Commercial Grade, SS21V, 0.022 H
More results

Similar Description - SS21V-050360

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
SS20H-R03660 KEMET-SS20H-R03660 Datasheet
265Kb / 4P
   SS Coils, SS20H Type
SS30V-R080960 KEMET-SS30V-R080960 Datasheet
337Kb / 5P
   SS Coils, SS30V Type
SS26V-R051170 KEMET-SS26V-R051170 Datasheet
377Kb / 6P
   SS Coils, SS26V Type
SS17HB-R13020 KEMET-SS17HB-R13020 Datasheet
409Kb / 6P
   SS Coils, SS17HB Type
SS17VA-R03155 KEMET-SS17VA-R03155 Datasheet
479Kb / 8P
   SS Coils, SS17VA/HA Type
SS35V-15300 KEMET-SS35V-15300 Datasheet
387Kb / 5P
   SS Coils, SS35V/H Type
SS28V-R08600-CH KEMET-SS28V-R08600-CH Datasheet
297Kb / 4P
   SS Coils, SS28V/H-CH Type
SS24V-R05600-CH KEMET-SS24V-R05600-CH Datasheet
267Kb / 4P
   SS Coils, SS24V/H-CH Type
SS11VL-R03550 KEMET-SS11VL-R03550 Datasheet
363Kb / 6P
   SS Coils, SS11VL High Frequency Type
SS11V-R03550-CH KEMET-SS11V-R03550-CH Datasheet
411Kb / 6P
   SS Coils, SS11V/H-CH Type
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com