Part Name
         Description
M52742ASP

 BUS CONTROLLED 3-CHANNEL VIDEO PREAMP FOR CRT DISPLAY MONITOR ( 21 Page)


MITSUBISHI
100% 
Zoom Out Zoom In
 
 4 page
background image
MITSUBISHI ICs (Monitor)
M52742ASP
BUS CONTROLLED 3-CHANNEL VIDEO PREAMP FOR CRT DISPLAY MONITOR
4
ELECTRICAL CHARACTERISTICS (cont.)
Symbol
Parameter
Test
point
(s)
Input
CTL
voltage
BUS CTL (H)
Limits
Unit
2,6,11
RGB
in
1
OSD
BLK
4,9,13
OSD
in
19
CP in
27
ReT
BLK
7
SOG
in
16
UNI
in
30
Bri-
ght
15
ABL
00H
Main
cont
01H
Sub
cont
1
02H
Sub
cont
2
03H
Sub
cont
3
04H
OSD
Adj
05H
BLK
Adj
06H
D/A
OUT
1
07H
D/A
OUT
2
08H
D/A
OUT
3
09H
D/A
OUT
4
0BH
INT
EXT
Min. Typ. Max.
VMSC
Main/sub
contrast control
characteristics
OUT
b
SG1
a
a
b
SG5
a
a
a
2.0 5.0
C8H
200
C8H
200
C8H
200
C8H
200
3.5
4.1
4.7
VP-P
∆VMSC
Main/sub contrast
control relative
characteristics
-
-
-
-
-
-
-
-
-
-
-
-
-
-
0.8
1.0
1.2
-
ABL1
ABL control
characteristics1
OUT
b
SG1
a
a
b
SG5
a
a
a
2.0 4.0
FFH
255
FFH
255
FFH
255
FFH
255
4.7
5.0
5.8
VP-P
∆ABL1
ABL control
relative
characteristics1
-
-
-
-
-
-
-
-
-
-
0.8
1.0
1.2
-
ABL2
ABL control
characteristics2
OUT
b
SG1
a
a
b
SG5
a
a
a
2.0 2.0
2.6
3.1
3.6
VP-P
∆ABL2
ABL control
relative
characteristics2
-
-
-
-
-
-
-
-
-
-
0.8
1.0
1.2
-
VB1
Brightness
control
characteristics1
OUT
a
a
a
b
SG5
a
a
a
4.0 5.0
3.3
3.7
4.1
V
∆VB1
Brightness
control relative
characteristics1
-
-
-
-
-
-
-
-
-
-
-0.3
0
0.3
V
VB2
Brightness
control
characteristics2
OUT
a
a
a
b
SG5
a
a
a
2.0 5.0
1.5
1.8
2.1
V
∆VB2
Brightness
control relative
characteristics2
-
-
-
-
-
-
-
-
-
-
-0.3
0
0.3
V
VB3
Brightness
control
characteristics3
OUT
a
a
a
b
SG5
a
a
a
1.0 5.0
0.7
0.9
1.1
V
∆VB3
Brightness
control relative
characteristics3
-
-
-
-
-
-
-
-
-
-
-0.3
0
0.3
V
FC1
Frequency
characteristics1
(f=50MHz)
OUT
b
SG3
a
a
a
5V
a
a
a
Vari
able
5.0
Va
ria
ble
-2.0
0
2.5
dB
∆FC1
Frequency relative
characteristics1
(f=50MHz)
-
-
-
-
-
-
-
-
-
-
-
-1.0
0
1.0
dB
FC1’
Frequency
characteristics1
(f=200MHz)
OUT
b
SG3
a
a
a
5V
a
a
a
Vari
able
5.0
Va
ria
ble
FFH
255
FFH
255
FFH
255
00H
0
00H
0
FFH
255
FFH
255
FFH
255
FFH
255
00H
0
-3.0
0
3.0
dB
∆FC1’
Frequency relative
characteristics1
(f=200MHz)
-
-
-
-
-
-
-
-
-1.0
0
1.0
dB
FC2
Frequency
characteristics2
(f=200MHz)
OUT
b
SG3
a
a
a
5V
a
a
a
Vari
able
5.0
-3.0
3.0
5.0
dB
∆FC2
Frequency relative
characteristics2
(f=200MHz)
-
-
-
-
-
-
-
-
-
-
-1.0
0
1.0
dB
C.T.1
Crosstalk 1
(f=50MHz)
OUT(29)
OUT(32)
2bSG3
6a
11a
a
a
a
5V
a
a
a
Vari
able
5.0
FFH
255
-
-25
-20
dB
C.T.1’
Crosstalk 1
(f=200MHz)
OUT(29)
OUT(32)
2bSG3
6a
11a
a
a
a
5V
a
a
a
Vari
able
5.0
-
-15
-10
dB
C.T.2
Crosstalk 2
(f=50MHz)
OUT(29)
OUT(35)
2a
6bSG3
11a
a
a
a
5V
a
a
a
Vari
able
5.0
-
-25
-20
dB
C.T.2’
Crosstalk 2
(f=200MHz)
OUT(29)
OUT(35)
2a
6bSG3
11a
a
a
a
5V
a
a
a
Vari
able
5.0
-
-15
-10
dB
C.T.3
Crosstalk 3
(f=50MHz)
OUT(32)
OUT(35)
2a
6a
11bSG3
a
a
a
5V
a
a
a
Vari
able
5.0
-
-25
-20
dB
C.T.3’
Crosstalk 3
(f=200MHz)
OUT(32)
OUT(35)
2a
6a
11bSG3
a
a
a
5V
a
a
a
Vari
able
5.0
-
-15
-10
dB
PRELIMINARY
Notice:This
is not
a final
specification.
Some parametric
limits are
subject
to change.



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
M52742SPBUS CONTROLLED 3-CHANNEL VIDEO PREAMP FOR CRT DISPLAY MONITOR 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M52745SPBUS CONTROLLED 3-CHANNEL VIDEO PREAMP FOR CRT DISPLAY MONITOR 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M52746SPBUS CONTROLLED 3CH VIDEO PRE-AMP FOR CRT DISPLAY MONITOR 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M52749FPBUS CONTROLLED 3CH VIDEO PRE-AMP FOR CRT DISPLAY MONITOR 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M61301SPBUS CONTROLLED 3CH VIDEO PRE-AMP FOR CRT DISPLAY MONITOR 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M52780-XXXSPI2C BUS CONTROLLED 3CH VIDEO PRE-AMP WITH OSD CONTROLLER FOR HIGH RESOLUTION COLOR DISPLAY MONITOR 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M61303FPIIC BUS controled 3channel video pre-amplifier for LCD display monitor 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M61314SPI2C BUS CONTROLLED VIDEO PRE-AMP FOR HIGH RESOLUTION COLOR DISPLAY 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M61311SPI2C BUS CONTROLLED VIDEO PRE-AMP FOR HIGH RESOLUTION COLOR DISPLAY 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M51387P3-CHANNEL VIDEO AMPLIFIER FOR HIGH-RESOLUTION COLOR DISPLAY 1 2 3 4 5 MoreMitsubishi Electric Semiconductor

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl