Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LWK73433Z-CW-D01 Datasheet(PDF) 3 Page - LIGITEK electronics co., ltd.

Part # LWK73433Z-CW-D01
Description  ROUND TYPE LED LAMPS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LWK73433Z-CW-D01 Datasheet(HTML) 3 Page - LIGITEK electronics co., ltd.

  LWK73433Z-CW-D01 Datasheet HTML 1Page - LIGITEK electronics co., ltd. LWK73433Z-CW-D01 Datasheet HTML 2Page - LIGITEK electronics co., ltd. LWK73433Z-CW-D01 Datasheet HTML 3Page - LIGITEK electronics co., ltd. LWK73433Z-CW-D01 Datasheet HTML 4Page - LIGITEK electronics co., ltd. LWK73433Z-CW-D01 Datasheet HTML 5Page - LIGITEK electronics co., ltd. LWK73433Z-CW-D01 Datasheet HTML 6Page - LIGITEK electronics co., ltd. LWK73433Z-CW-D01 Datasheet HTML 7Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
* Static Electricity or power surge will damage the LED. Use of a conductive wrist band or anti-electrosatic
glove is recommended when handing these LED. All devices, equipment and machinery must be properly
grounded.
2200
1800
Electrostatic Discharge( * )
ESD
8000
V
0.32
0.31
UNIT
Ratings
WK
mW
mA
100
80≤PD≤120
μA
10
-30~ +80
mA
30
Page 2/6
Typ.
Min.
110
Max.
2.8
3.5
Forward
voltage
@20mA(V)
Viewing
angle
2
θ 1/2
(deg)
Luminous
intensity
@20mA(mcd)
-40~ +100
Symbol
Parameter
IFP
PD
Ir
Topr
Peak Forward Current
Duty 1/10@10KHz
Power Dissipation
Reverse Current @5V
Operating Temperature
Forward Current
IF
COLOR
Lens
Water Clear
White
InGaN/GaN
Emitted
LWK73433Z-CW-D01
MATERIAL
PART NO
Storage Temperature
Tstg
Note : 1.The forward voltage data did not including
±0.1V testing tolerance.
2. The luminous intensity data did not including
±15% testing tolerance.
Typical Electrical & Optical Characteristics (Ta=25
)
Absolute Maximum Ratings at Ta=25
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
PART NO. LWK73433Z-CW-D01
Chromaticity
Coordinates
(Typ.)
XY
CRI
@20
mA
Min.
80
CCT
@20
mA
Min.
5650
Max.
7100
Luminous
intensity
@20mA(LM)
Min.
5.5
5.7
Typ.
Min.
3.The CRI data did not including
±2% testing tolerance.


Similar Part No. - LWK73433Z-CW-D01

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LWK73433Z-WW-D01 LIGITEK-LWK73433Z-WW-D01 Datasheet
223Kb / 7P
   ROUND TYPE LED LAMPS
More results

Similar Description - LWK73433Z-CW-D01

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
L8I2041-PF LIGITEK-L8I2041-PF Datasheet
116Kb / 6P
   ROUND TYPE LED LAMPS
L8SEF3330-PF LIGITEK-L8SEF3330-PF Datasheet
131Kb / 6P
   ROUND TYPE LED LAMPS
L8G2040-PF LIGITEK-L8G2040-PF Datasheet
111Kb / 6P
   ROUND TYPE LED LAMPS
LUY2040 LIGITEK-LUY2040 Datasheet
103Kb / 5P
   ROUND TYPE LED LAMPS
LDBK12740 LIGITEK-LDBK12740 Datasheet
70Kb / 5P
   ROUND TYPE LED LAMPS
LDBK13733-OD LIGITEK-LDBK13733-OD Datasheet
112Kb / 6P
   ROUND TYPE LED LAMPS
LDBK13740 LIGITEK-LDBK13740 Datasheet
111Kb / 6P
   ROUND TYPE LED LAMPS
LDBK13742-OD LIGITEK-LDBK13742-OD Datasheet
115Kb / 6P
   ROUND TYPE LED LAMPS
LDBK32243 LIGITEK-LDBK32243 Datasheet
111Kb / 6P
   ROUND TYPE LED LAMPS
LDBK42443Z-S10 LIGITEK-LDBK42443Z-S10 Datasheet
114Kb / 6P
   ROUND TYPE LED LAMPS
LDBK63233-P1 LIGITEK-LDBK63233-P1 Datasheet
99Kb / 5P
   ROUND TYPE LED LAMPS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com