Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SJ356C Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # 2SJ356C
Description  P-CHANNEL MOSFET FOR SWITCHING
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SJ356C Datasheet(HTML) 4 Page - Renesas Technology Corp

  2SJ356C Datasheet HTML 1Page - Renesas Technology Corp 2SJ356C Datasheet HTML 2Page - Renesas Technology Corp 2SJ356C Datasheet HTML 3Page - Renesas Technology Corp 2SJ356C Datasheet HTML 4Page - Renesas Technology Corp 2SJ356C Datasheet HTML 5Page - Renesas Technology Corp 2SJ356C Datasheet HTML 6Page - Renesas Technology Corp 2SJ356C Datasheet HTML 7Page - Renesas Technology Corp 2SJ356C Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
2SJ356C
Chapter Title
R07DS1260EJ0300 Rev.3.00
Page 4 of 6
Aug 17, 2015
DRAIN TO SOURCE ON-STATE RESISTANCE vs.
DRAIN CURRENT
DRAIN TO SOURCE ON-STATE RESISTANCE vs.
GATE TO SOURCE VOLTAGE
ID - Drain Current - A
VGS – Gate to Source Voltage - V
DRAIN TO SOURCE ON-STATE RESISTANCE vs.
CHANNEL TEMPERATURE
CAPACITANCE vs.
DRAIN TO SOURCE VOLTAGE
Tch - Channel Temperature -
C
VDS - Drain to Source Voltage – V
SWITCHING CHARACTERISTICS
DYNAMIC INPUT CHARACTERISTICS
1
10
100
1000
-0.1
-1
-10
td(off)
tr
td(on)
tf
VDD=-30V
VGS=-10V
RG=10Ω
ID - Drain Current - A
QG – Gate Chage - nC


Similar Part No. - 2SJ356C

ManufacturerPart #DatasheetDescription
logo
NEC
2SJ356 NEC-2SJ356 Datasheet
68Kb / 6P
   P-CHANNEL MOS FET FOR HIGH-SPEED SWITCHING
logo
Guangdong Kexin Industr...
2SJ356 KEXIN-2SJ356 Datasheet
49Kb / 2P
   MOS Field Effect Transistors
2SJ356 KEXIN-2SJ356 Datasheet
49Kb / 2P
   MOS Field Effect Transistors
logo
VBsemi Electronics Co.,...
2SJ356 VBSEMI-2SJ356 Datasheet
959Kb / 7P
   P-Channel 60-V (D-S) MOSFET
logo
Renesas Technology Corp
2SJ356 RENESAS-2SJ356 Datasheet
269Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
1996
More results

Similar Description - 2SJ356C

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPA573CT RENESAS-UPA573CT Datasheet
198Kb / 8P
   P-CHANNEL MOSFET FOR SWITCHING
UPA603CT RENESAS-UPA603CT Datasheet
197Kb / 8P
   P-CHANNEL MOSFET FOR SWITCHING
UPA503CT RENESAS-UPA503CT Datasheet
197Kb / 8P
   P-CHANNEL MOSFET FOR SWITCHING
2SJ210C RENESAS-2SJ210C Datasheet
162Kb / 8P
   P-CHANNEL MOSFET FOR SWITCHING
2SJ358C RENESAS-2SJ358C Datasheet
209Kb / 8P
   P-CHANNEL MOSFET FOR SWITCHING
logo
Panasonic Semiconductor
MTM761230LBF PANASONIC-MTM761230LBF Datasheet
429Kb / 7P
   Silicon P-channel MOSFET For Switching
MTM231230L PANASONIC-MTM231230L Datasheet
388Kb / 7P
   Silicon P-channel MOSFET For Switching
logo
Renesas Technology Corp
PA2592T1H RENESAS-PA2592T1H_15 Datasheet
324Kb / 13P
   N- AND P-CHANNEL MOSFET FOR SWITCHING
logo
NEC
UPA2714GR NEC-UPA2714GR Datasheet
89Kb / 8P
   SWITCHING P-CHANNEL POWER MOSFET
logo
Renesas Technology Corp
NP83P06PDG RENESAS-NP83P06PDG_15 Datasheet
299Kb / 9P
   SWITCHING P-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com