Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RN1441 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # RN1441
Description  TOSHIBA Transistor Silicon NPN Epitaxial Type (PCT Process)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

RN1441 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  RN1441 Datasheet HTML 1Page - Toshiba Semiconductor RN1441 Datasheet HTML 2Page - Toshiba Semiconductor RN1441 Datasheet HTML 3Page - Toshiba Semiconductor RN1441 Datasheet HTML 4Page - Toshiba Semiconductor RN1441 Datasheet HTML 5Page - Toshiba Semiconductor RN1441 Datasheet HTML 6Page - Toshiba Semiconductor RN1441 Datasheet HTML 7Page - Toshiba Semiconductor RN1441 Datasheet HTML 8Page - Toshiba Semiconductor RN1441 Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
RN1441
~RN1444
2001-06-07
2
Electrical Characteristics (Ta = 25
°°°°C)
Characteristic
Symbol
Test
Circuit
Test Condition
Min
Typ.
Max
Unit
Collector cut-off current
ICBO
VCB = 50V, IE = 0
0.1
µA
Emitter cut-off current
IEBO
VEB = 25V, IC = 0
0.1
µA
DC current gain
hFE (Note)
VCE = 2V, IC = 4mA
200
1200
Collector-emitter saturation voltage
VCE (sat)
IC = 30mA, IB = 3mA
0.1
V
Transition frequency
fT
VCE = 6V, IC = 4mA
30
MHz
Collector output capacitance
Cob
VCB = 10V, IE = 0, f = 1MHz
4.8
pF
RN1441
3.9
5.6
7.3
RN1442
7
10
13
RN1443
15.4
22
28.6
Input resistor
RN1444
R1
1.54
2.2
2.86
kΩ
Note : hFE classification
A: 200~700
B: 350~1200


Similar Part No. - RN1441

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
RN1441 TOSHIBA-RN1441 Datasheet
697Kb / 9P
   Silicon NPN Epitaxial Type (PCT Process) Muting And Switching Applications
RN1441 TOSHIBA-RN1441_07 Datasheet
697Kb / 9P
   Silicon NPN Epitaxial Type (PCT Process) Muting And Switching Applications
More results

Similar Description - RN1441

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
RN4605 TOSHIBA-RN4605 Datasheet
163Kb / 5P
   TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
RN4607 TOSHIBA-RN4607 Datasheet
161Kb / 5P
   TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
RN4602 TOSHIBA-RN4602 Datasheet
329Kb / 5P
   TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
RN4603 TOSHIBA-RN4603 Datasheet
166Kb / 5P
   TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
RN4608 TOSHIBA-RN4608 Datasheet
157Kb / 5P
   TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
RN4911 TOSHIBA-RN4911 Datasheet
177Kb / 6P
   TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
RN4905 TOSHIBA-RN4905 Datasheet
162Kb / 5P
   TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
RN6001 TOSHIBA-RN6001 Datasheet
90Kb / 3P
   TOSHIBA Transistor Silicon NPN Epitaxial Type (PCT Process)
2SC1815L-GR TOSHIBA-2SC1815L-GR Datasheet
256Kb / 4P
   TOSHIBA Transistor Silicon NPN Epitaxial Type (PCT process)
2SD2655 TOSHIBA-2SD2655 Datasheet
70Kb / 2P
   TOSHIBA TRANSISTOR SILICON NPN EPITAXIAL TYPE (PCT PROCESS)
TPCP8505 TOSHIBA-TPCP8505 Datasheet
205Kb / 5P
   TOSHIBA Transistor Silicon NPN Epitaxial Type (PCT Process
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com