Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NP29N06QUK-E1-AY Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # NP29N06QUK-E1-AY
Description  60 V ??30 A ??Dual N-channel Power MOS FET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

NP29N06QUK-E1-AY Datasheet(HTML) 4 Page - Renesas Technology Corp

  NP29N06QUK-E1-AY Datasheet HTML 1Page - Renesas Technology Corp NP29N06QUK-E1-AY Datasheet HTML 2Page - Renesas Technology Corp NP29N06QUK-E1-AY Datasheet HTML 3Page - Renesas Technology Corp NP29N06QUK-E1-AY Datasheet HTML 4Page - Renesas Technology Corp NP29N06QUK-E1-AY Datasheet HTML 5Page - Renesas Technology Corp NP29N06QUK-E1-AY Datasheet HTML 6Page - Renesas Technology Corp NP29N06QUK-E1-AY Datasheet HTML 7Page - Renesas Technology Corp NP29N06QUK-E1-AY Datasheet HTML 8Page - Renesas Technology Corp NP29N06QUK-E1-AY Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
NP29N06QUK
R07DS1331EJ0100 Rev.1.00
Page 4 of 7
Mar 28, 2016
Typical Characteristics
(TA = 25°C)
DERATING FACTOR OF FORWARD BIAS SAFE
OPERATING AREA
TOTAL POWER DISSIPATION vs.
CASE TEMPERATURE
0
20
40
60
80
100
120
0
50
100
150
200
TC - Case Temperature - °C
0
10
20
30
40
50
0
50
100
150
200
TC - Case Temperature - °C
FORWARD BIAS SAFE OPERATING AREA
0.01
0.1
1
10
100
1000
0.1
1
10
100
TC=25℃
Single Pulse
ID(pulse)=60A
ID(DC)=30A
Power Dissipation Limited
Secondary Breakdown Limited
VDS - Drain to Source Voltage – V
TRANSIENT THERMAL RESISTANCE vs. PULSE WIDTH
0.01
0.1
1
10
100
1000
Rth(ch-A) = 150°C/W
Rth(ch-C) = 3.37°C/W
One channel operation
Single pulse
Mounted on glass epoxy substrate of 40 mm x 40 mm x 1.6 mmt with 4% copper area(35
μm)
PW - Pulse Width - s
100
μ
1 m
10 m
100 m
1
10
100
1000


Similar Part No. - NP29N06QUK-E1-AY

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NP29N06QDK RENESAS-NP29N06QDK Datasheet
618Kb / 9P
   60 V ??30 A ??Dual N-channel Power MOS FET
NP29N06QDK-E1-AY RENESAS-NP29N06QDK-E1-AY Datasheet
618Kb / 9P
   60 V ??30 A ??Dual N-channel Power MOS FET
NP29N06QDK-E2-AY RENESAS-NP29N06QDK-E2-AY Datasheet
618Kb / 9P
   60 V ??30 A ??Dual N-channel Power MOS FET
More results

Similar Description - NP29N06QUK-E1-AY

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NP30N06QDK RENESAS-NP30N06QDK Datasheet
616Kb / 9P
   60 V ??30 A ??Dual N-channel Power MOS FET
NP29N06QDK RENESAS-NP29N06QDK Datasheet
618Kb / 9P
   60 V ??30 A ??Dual N-channel Power MOS FET
NP60N06VLK RENESAS-NP60N06VLK Datasheet
552Kb / 9P
   60 V ??60 A ??N-channel Power MOS FET
NP60N06VDK RENESAS-NP60N06VDK Datasheet
545Kb / 9P
   60 V ??60 A ??N-channel Power MOS FET
NP60N06MLK RENESAS-NP60N06MLK Datasheet
545Kb / 9P
   60 V ??60 A ??N-channel Power MOS FET
NP60N06PLK RENESAS-NP60N06PLK Datasheet
544Kb / 9P
   60 V ??60 A ??N-channel Power MOS FET
NP29N04QUK RENESAS-NP29N04QUK Datasheet
620Kb / 9P
   40 V ??30 A ??Dual N-channel Power MOS FET
NP89N06PDK RENESAS-NP89N06PDK Datasheet
548Kb / 9P
   60 V ??90 A ??N-channel Power MOS FET
RJK0631JPR RENESAS-RJK0631JPR Datasheet
99Kb / 7P
   60 V - 30 A - N Channel Power MOS FET High Speed Power Switching
RJK0631JPR RENESAS-RJK0631JPR_15 Datasheet
99Kb / 7P
   60 V - 30 A - N Channel Power MOS FET High Speed Power Switching
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com