Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ALD810018 Datasheet(PDF) 2 Page - Advanced Linear Devices

Part # ALD810018
Description  QUAD/DUAL SUPERCAPACITOR AUTO BALANCING (SAB) MOSFET ARRAY
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

ALD810018 Datasheet(HTML) 2 Page - Advanced Linear Devices

  ALD810018 Datasheet HTML 1Page - Advanced Linear Devices ALD810018 Datasheet HTML 2Page - Advanced Linear Devices ALD810018 Datasheet HTML 3Page - Advanced Linear Devices ALD810018 Datasheet HTML 4Page - Advanced Linear Devices ALD810018 Datasheet HTML 5Page - Advanced Linear Devices ALD810018 Datasheet HTML 6Page - Advanced Linear Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
ALD810018/ALD910018
Advanced Linear Devices, Inc.
2 of 6
SCHEMATIC DIAGRAM OF A TYPICAL
CONNECTION FOR A TWO-SUPERCAP STACK
1-8 DENOTES PACKAGE PIN NUMBERS
C1-C2 DENOTES SUPERCAPACITORS
M1
M2
2
3, 8
4
1, 5
6
7
ALD9100XX
C1
C2
+
+
V+ ≤ +15.0V
V1
IDS(ON) ≤ 80mA
SCHEMATIC DIAGRAM OF A TYPICAL
CONNECTION FOR A FOUR-SUPERCAP STACK
1-16 DENOTES PACKAGE PIN NUMBERS
C1-C4 DENOTES SUPERCAPACITORS
V+ ≤ +15.0V
1, 5, 8, 16
2, 12
3
4
6
7
9
10
11
13
14
15
ALD8100XX
C4
+
+
C3
+
C2
+
C1
M1
M2
M3
M4
V1
V2
V3
IDS(ON) ≤ 80mA
GENERAL DESCRIPTION (CONT.)
The voltage dependent characteristic of the ALD810018/
ALD910018 on-resistance is effective in controlling excessive volt-
age rise across a supercapacitor when connected across it. In se-
ries-connected supercapacitor stacks, when one supercapacitor
voltage rises, the voltage of the other supercapacitors drops, with
the ones that have the highest leakage currents having the lowest
supercapacitor voltages. The SAB MOSFETs connected across
these supercapacitors would exhibit complementary opposing cur-
rent levels, resulting in little additional leakage currents other than
those caused by the supercapacitors themselves.
For technical assistance, please contact ALD technical support at
techsupport@aldinc.com.
APPLYING THE ALD810018/ALD910018:
1) Select a maximum supercapacitor leakage current limit for any
supercapacitor used in the stack. This is the same as output cur-
rent, IOUT = IDS(ON), of the ALD810018/ALD910018. Test that each
supercapacitor leakage current meets this maximum current limit
before use in the stack.
2) Determine whether the input voltage VIN (VGS = VDS) at that
IOUT is acceptable for the intended application. This voltage is the
same voltage as the maximum desired operating voltage of the
supercapacitor. For example, with the ALD810018, IOUT = 1000µA
corresponds to VIN = 2.32V.
3) Determine that the operating voltage margin, due to various
tolerances and/or temperature effects, is adequate for the intended
operating environment of the supercapacitor.


Similar Part No. - ALD810018

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD810018 ALD-ALD810018 Datasheet
550Kb / 17P
   SUPERCAPACITOR AUTO BALANCING (SAB) MOSFET ARRAYS
ALD810018SCLI ALD-ALD810018SCLI Datasheet
83Kb / 4P
   4-CHANNEL SUPERCAPACITOR AUTO BALANCING PCB
More results

Similar Description - ALD810018

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD810025 ALD-ALD810025 Datasheet
449Kb / 6P
   QUAD/DUAL SUPERCAPACITOR AUTO BALANCING (SAB?? MOSFET ARRAY
2014
ALD810020 ALD-ALD810020 Datasheet
449Kb / 6P
   QUAD/DUAL SUPERCAPACITOR AUTO BALANCING (SAB) MOSFET ARRAY
ALD810024 ALD-ALD810024 Datasheet
449Kb / 6P
   QUAD/DUAL SUPERCAPACITOR AUTO BALANCING (SAB?? MOSFET ARRAY
2014
ALD810027 ALD-ALD810027 Datasheet
449Kb / 6P
   QUAD/DUAL SUPERCAPACITOR AUTO BALANCING (SAB?? MOSFET ARRAY
2014
ALD810023 ALD-ALD810023 Datasheet
523Kb / 17P
   QUAD SUPERCAPACITOR AUTO BALANCING (SAB?? MOSFET ARRAY
ALD810019 ALD-ALD810019 Datasheet
449Kb / 6P
   QUAD/DUAL SUPERCAPACITOR AUTO BALANCING (SAB) MOSFET ARRAY
ALD810022 ALD-ALD810022 Datasheet
449Kb / 6P
   QUAD/DUAL SUPERCAPACITOR AUTO BALANCING (SAB) MOSFET ARRAY
ALD810017 ALD-ALD810017 Datasheet
449Kb / 6P
   QUAD/DUAL SUPERCAPACITOR AUTO BALANCING (SAB) MOSFET ARRAY
ALD810028 ALD-ALD810028_V01 Datasheet
449Kb / 6P
   QUAD/DUAL SUPERCAPACITOR AUTO BALANCING (SAB?? MOSFET ARRAY
2014
ALD810016 ALD-ALD810016 Datasheet
449Kb / 6P
   QUAD/DUAL SUPERCAPACITOR AUTO BALANCING (SAB) MOSFET ARRAY
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com