Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NP60N06MLK Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # NP60N06MLK
Description  60 V ??60 A ??N-channel Power MOS FET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

NP60N06MLK Datasheet(HTML) 2 Page - Renesas Technology Corp

  NP60N06MLK Datasheet HTML 1Page - Renesas Technology Corp NP60N06MLK Datasheet HTML 2Page - Renesas Technology Corp NP60N06MLK Datasheet HTML 3Page - Renesas Technology Corp NP60N06MLK Datasheet HTML 4Page - Renesas Technology Corp NP60N06MLK Datasheet HTML 5Page - Renesas Technology Corp NP60N06MLK Datasheet HTML 6Page - Renesas Technology Corp NP60N06MLK Datasheet HTML 7Page - Renesas Technology Corp NP60N06MLK Datasheet HTML 8Page - Renesas Technology Corp NP60N06MLK Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
NP60N06MLK
R07DS1337EJ0100 Rev.1.00
Page 2 of 7
Apr 8, 2016
Absolute Maximum Ratings
(TA = 25°C)
Item
Symbol
Ratings
Unit
Drain to Source Voltage (VGS = 0 V)
VDSS
60
V
Gate to Source Voltage (VDS = 0 V)
VGSS
±20
V
Drain Current (DC) (TC = 25°C)
ID(DC)
±60
A
Drain Current (pulse)
1
ID(pulse)
±240
A
Total Power Dissipation (TC = 25°C)
PT1
105
W
Total Power Dissipation (TA = 25°C)
PT2
1.8
W
Channel Temperature
Tch
175
°C
Storage Temperature
Tstg
−55 to +175
°C
Repetitive Avalanche Current
2
IAR
25
A
Repetitive Avalanche Energy
2
EAR
63
mJ
Notes: *1. TC = 25°C, PW ≤ 10 μs, Duty Cycle ≤ 1%
*2. RG = 25 Ω, VGS = 20 V → 0 V
Thermal Resistance
Channel to Case Thermal Resistance
Rth(ch-C)
1.43
°C/W
Channel to Ambient Thermal Resistance
Rth(ch-A)
83.3
°C/W


Similar Part No. - NP60N06MLK

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NP60N06MLK RENESAS-NP60N06MLK Datasheet
445Kb / 9P
   60 V – 60 A – N-channel Power MOS FET Application: Automotive
May 24, 2018
NP60N06MLK-S18-AY RENESAS-NP60N06MLK-S18-AY Datasheet
445Kb / 9P
   60 V – 60 A – N-channel Power MOS FET Application: Automotive
May 24, 2018
NP60N06MLK RENESAS-NP60N06MLK_V01 Datasheet
445Kb / 9P
   60 V – 60 A – N-channel Power MOS FET Application: Automotive
May 24, 2018
More results

Similar Description - NP60N06MLK

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NP60N06VLK RENESAS-NP60N06VLK Datasheet
552Kb / 9P
   60 V ??60 A ??N-channel Power MOS FET
NP60N06VDK RENESAS-NP60N06VDK Datasheet
545Kb / 9P
   60 V ??60 A ??N-channel Power MOS FET
NP60N06PLK RENESAS-NP60N06PLK Datasheet
544Kb / 9P
   60 V ??60 A ??N-channel Power MOS FET
NP60N06MLK RENESAS-NP60N06MLK_V01 Datasheet
445Kb / 9P
   60 V – 60 A – N-channel Power MOS FET Application: Automotive
May 24, 2018
NP60N60VDK RENESAS-NP60N60VDK Datasheet
442Kb / 9P
   60 V ??60 A ??N-channel Power MOS FET Application: Automotive
NP60N06VDK RENESAS-NP60N06VDK_V01 Datasheet
442Kb / 9P
   60 V – 60 A – N-channel Power MOS FET Application: Automotive
May 24, 2018
NP60N06PDK RENESAS-NP60N06PDK_V01 Datasheet
528Kb / 9P
   60 V – 60 A – N-channel Power MOS FET Application: Automotive
May 24, 2018
NP60N06VLK RENESAS-NP60N06VLK_V01 Datasheet
446Kb / 9P
   60 V – 60 A – N-channel Power MOS FET Application: Automotive
May 24, 2018
NP60N06PLK RENESAS-NP60N06PLK_V01 Datasheet
529Kb / 9P
   60 V – 60 A – N-channel Power MOS FET Application: Automotive
May 24, 2018
NP89N06PDK RENESAS-NP89N06PDK Datasheet
548Kb / 9P
   60 V ??90 A ??N-channel Power MOS FET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com