Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMBT3906W-SOT323 Datasheet(PDF) 2 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

Part # MMBT3906W-SOT323
Description  PNP Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
Direct Link  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

MMBT3906W-SOT323 Datasheet(HTML) 2 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

  MMBT3906W-SOT323 Datasheet HTML 1Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD MMBT3906W-SOT323 Datasheet HTML 2Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD MMBT3906W-SOT323 Datasheet HTML 3Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD MMBT3906W-SOT323 Datasheet HTML 4Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Electrical Characteristics Ta = 25℃
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Collector- base breakdown voltage
VCBO
Ic= -100 μA, IE= 0
(Note.1)
-40
Collector- emitter breakdown voltage
VCEO
Ic= -1 mA, IB= 0
-40
Emitter - base breakdown voltage
VEBO
IE= -100μA, IC= 0
-5
Collector-base cut-off current
ICBO
VCB= -40 V , IE= 0 (Note.1)
-100
Base cut-off current
IBL
VCE= -30 V , VEB(off)= -3V (Note.1)
-50
Collector- emitter cut-off current
ICEX
VCE= -30 V ,VBE(off)= -3V
-50
Emitter cut-off current
IEBO
VEB= -5V , IC=0
-100
IC=-10 mA, IB=-1 mA
-0.2
IC=-50 mA, IB=-5 mA
-0.3
IC=-10 mA, IB=-1 mA
-0.85
IC=-50 mA, IB=-5 mA
-0.95
hFE(1)
VCE= -1V, IC= -100 uA
60
hFE(2)
VCE= -1V, IC= -1 mA
80
hFE(3)
VCE= -1V, IC= -10 mA
100
300
Delay time
td
35
Rise time
tr
35
Storage time
ts
225
Fall time
tf
75
Collector input capacitance
Cib
VEB= -0.5V, IE= 0,f=1MHz
10
Collector output capacitance
Cob
VCB= -5V, IE= 0,f=1MHz
4.5
Transition frequency
fT
VCE= -20V, IC= -10mA,f=100MHz
250
MHz
Base - emitter saturation voltage
(Note.1)
VBE(sat)
V
V
nA
Collector-emitter saturation voltage
(Note.1)
VCE(sat)
DC current gain
(Note.1)
pF
VCC=-3V, VBE(off)=-0.5V IC=-10mA,
IB1=-1mA
VCC=-3V, IC=-10mA, IB1= IB2=-1mA
nS
Note.1: Pulse test: pulse width ≤300μs,duty cycle≤ 2.0%.
(Note.1)
(Note.1)
MMBT3906W
www.yfwdiode.com


Similar Part No. - MMBT3906W-SOT323

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
MMBT3906W WEITRON-MMBT3906W Datasheet
284Kb / 6P
   General Purpose Transistor PNP Silicon
logo
Pan Jit International I...
MMBT3906W PANJIT-MMBT3906W Datasheet
115Kb / 4P
   PNP GENERAL PURPOSE SWITCHING TRANSISTOR
logo
Guangdong Kexin Industr...
MMBT3906W KEXIN-MMBT3906W Datasheet
52Kb / 2P
   General Purpose Transistor
logo
SeCoS Halbleitertechnol...
MMBT3906W SECOS-MMBT3906W Datasheet
449Kb / 5P
   General Purpose Transistor
logo
Foshan Blue Rocket Elec...
MMBT3906W FOSHAN-MMBT3906W Datasheet
847Kb / 7P
   Silicon PNP transistor in a SOT-323 Plastic Package
More results

Similar Description - MMBT3906W-SOT323

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
BC807U JIANGSU-BC807U Datasheet
1Mb / 3P
   DUAL TRANSISTOR (PNPPNP)
BC856S JIANGSU-BC856S Datasheet
288Kb / 4P
   DUAL TRANSISTOR (PNPPNP)
MMDT2907A JIANGSU-MMDT2907A Datasheet
1Mb / 4P
   DUAL TRANSISTOR (PNPPNP)
MMDT5401 JIANGSU-MMDT5401 Datasheet
4Mb / 4P
   DUAL TRANSISTOR (PNPPNP)
BC857S JIANGSU-BC857S Datasheet
1Mb / 4P
   DUAL TRANSISTOR (PNPPNP)
UMT2N JIANGSU-UMT2N Datasheet
1Mb / 4P
   DUAL TRANSISTOR (PNPPNP)
logo
Shenzhen Jin Yu Semicon...
EMB3 HTSEMI-EMB3 Datasheet
551Kb / 1P
   DIGITAL TRANSISTOR (PNP PNP)
logo
Jiangsu Changjiang Elec...
BC857BV JIANGSU-BC857BV Datasheet
828Kb / 4P
   DUAL TRANSISTOR (PNPPNP)
EMZ8 JIANGSU-EMZ8 Datasheet
4Mb / 3P
   DUAL TRANSISTOR (PNPPNP)
2SA1873 JIANGSU-2SA1873 Datasheet
934Kb / 3P
   DUAL TRANSISTOR (PNPPNP)
MMDT3906 JIANGSU-MMDT3906 Datasheet
3Mb / 4P
   DUAL TRANSISTOR (PNPPNP)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com