Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS2911-1-F3 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # PS2911-1-F3
Description  HIGH CTR, 4-PIN ULTRA SMALL PACKAGE FLAT-LEAD PHOTOCOUPLER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS2911-1-F3 Datasheet(HTML) 1 Page - Renesas Technology Corp

  PS2911-1-F3 Datasheet HTML 1Page - Renesas Technology Corp PS2911-1-F3 Datasheet HTML 2Page - Renesas Technology Corp PS2911-1-F3 Datasheet HTML 3Page - Renesas Technology Corp PS2911-1-F3 Datasheet HTML 4Page - Renesas Technology Corp PS2911-1-F3 Datasheet HTML 5Page - Renesas Technology Corp PS2911-1-F3 Datasheet HTML 6Page - Renesas Technology Corp PS2911-1-F3 Datasheet HTML 7Page - Renesas Technology Corp PS2911-1-F3 Datasheet HTML 8Page - Renesas Technology Corp PS2911-1-F3 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
R08DS0110EJ0400 Rev.4.00
Page 1 of 12
Jan 21, 2016
The mark <R> shows major revised points.
The revised points can be easily searched by copying an "<R>" in the PDF file and specifying it in the "Find what:" field.
PIN CONNECTION
(Top View)
1. Anode
2. Cathode
3. Emitter
4. Collector
43
12
Data Sheet
PS2911-1
HIGH CTR, 4-PIN ULTRA SMALL PACKAGE FLAT-LEAD PHOTOCOUPLER
DESCRIPTION
The PS2911-1 is an optically coupled isolator containing a GaAs light emitting diode and an NPN silicon
phototransistor in one package for high density mounting applications.
An ultra small flat-lead package has been provided which realizes a reduction in mounting area of about 30% compared
with the PS28xx series.
FEATURES
 Ultra small flat-lead package (4.6 (L)  2.5 (W)  2.1 (H) mm)
 High current transfer ratio (CTR = 200% TYP. @ I
F = 1 mA, VCE = 5 V)
 High isolation voltage (BV = 2 500 Vr.m.s.)
 Ordering number of taping product: PS2911-1-F3: 3 500 pcs/reel
 Safety standards
 UL approved: UL1577, Single protection
 BSI approved: BS EN 62368-1, Supplementary insulation
 VDE approved: DIN EN 60747-5-5 (Option)
APPLICATIONS
 DC/DC converter
 Modem/PC card
R08DS0110EJ0400
Rev.4.00
Jan 21, 2016
<R>


Similar Part No. - PS2911-1-F3

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS2911-1-F3 CEL-PS2911-1-F3 Datasheet
766Kb / 7P
   NECs HIGH CTR, 4 PIN ULTRA SMALL PACKAGE FLAT LEAD OPTOCOUPLER
logo
Renesas Technology Corp
PS2911-1-F3 RENESAS-PS2911-1-F3 Datasheet
194Kb / 14P
   HIGH CTR, 4-PIN ULTRA SMALL PACKAGE FLAT-LEAD PHOTOCOUPLER
PS2911-1-F3 RENESAS-PS2911-1-F3 Datasheet
500Kb / 14P
   HIGH CTR, 4-PIN ULTRA SMALL PACKAGE FLAT-LEAD PHOTOCOUPLER
Dec 6, 2021
logo
California Eastern Labs
PS2911-1-F3-A CEL-PS2911-1-F3-A Datasheet
766Kb / 7P
   NECs HIGH CTR, 4 PIN ULTRA SMALL PACKAGE FLAT LEAD OPTOCOUPLER
logo
Renesas Technology Corp
PS2911-1-F3-AX RENESAS-PS2911-1-F3-AX Datasheet
500Kb / 14P
   HIGH CTR, 4-PIN ULTRA SMALL PACKAGE FLAT-LEAD PHOTOCOUPLER
Dec 6, 2021
More results

Similar Description - PS2911-1-F3

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS2911-1-F3-M-A CEL-PS2911-1-F3-M-A Datasheet
494Kb / 13P
   HIGH CTR, 4-PIN ULTRA SMALL PACKAGE FLAT-LEAD PHOTOCOUPLER
logo
Renesas Technology Corp
PS2911-1 RENESAS-PS2911-1_15 Datasheet
194Kb / 14P
   HIGH CTR, 4-PIN ULTRA SMALL PACKAGE FLAT-LEAD PHOTOCOUPLER
PS2911-1 RENESAS-PS2911-1_V01 Datasheet
500Kb / 14P
   HIGH CTR, 4-PIN ULTRA SMALL PACKAGE FLAT-LEAD PHOTOCOUPLER
Dec 6, 2021
logo
California Eastern Labs
PS2911 CEL-PS2911 Datasheet
766Kb / 7P
   NECs HIGH CTR, 4 PIN ULTRA SMALL PACKAGE FLAT LEAD OPTOCOUPLER
logo
Renesas Technology Corp
PS2915-1 RENESAS-PS2915-1_15 Datasheet
429Kb / 14P
   HIGH CTR, AC INPUT RESPONSE TYPE 4-PIN ULTRA SMALL FLAT-LEAD PHOTOCOUPLER
PS2915-1 RENESAS-PS2915-1_16 Datasheet
464Kb / 14P
   HIGH CTR, AC INPUT RESPONSE TYPE 4-PIN ULTRA SMALL FLAT-LEAD PHOTOCOUPLER
PS2915-1 RENESAS-PS2915-1_V01 Datasheet
491Kb / 14P
   HIGH CTR, AC INPUT RESPONSE TYPE 4-PIN ULTRA SMALL FLAT-LEAD PHOTOCOUPLER
Dec 8, 2021
logo
California Eastern Labs
PS2915-1 CEL-PS2915-1 Datasheet
779Kb / 7P
   HIGH CTR, AC INPUT RESPONSE TYPE 4 PIN ULTRA SMALL PACKAGE FLAT LEAD OPTOCOUPLER
logo
Renesas Technology Corp
PS2933-1 RENESAS-PS2933-1_16 Datasheet
411Kb / 14P
   HIGH COLLECTOR TO EMITTER VOLTAGE 4-PIN ULTRA SMALL FLAT-LEAD PHOTOCOUPLER
PS2933-1 RENESAS-PS2933-1_V01 Datasheet
466Kb / 14P
   HIGH COLLECTOR TO EMITTER VOLTAGE 4-PIN ULTRA SMALL FLAT-LEAD PHOTOCOUPLER
Dec 8, 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com