Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS2913-1-F3 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # PS2913-1-F3
Description  SINGLE Tr. OUTPUT, HIGH COLLECTOR TO EMITTER VOLTAGE 4-PIN ULTRA SMALL FLAT-LEAD PHOTOCOUPLER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS2913-1-F3 Datasheet(HTML) 4 Page - Renesas Technology Corp

  PS2913-1-F3 Datasheet HTML 1Page - Renesas Technology Corp PS2913-1-F3 Datasheet HTML 2Page - Renesas Technology Corp PS2913-1-F3 Datasheet HTML 3Page - Renesas Technology Corp PS2913-1-F3 Datasheet HTML 4Page - Renesas Technology Corp PS2913-1-F3 Datasheet HTML 5Page - Renesas Technology Corp PS2913-1-F3 Datasheet HTML 6Page - Renesas Technology Corp PS2913-1-F3 Datasheet HTML 7Page - Renesas Technology Corp PS2913-1-F3 Datasheet HTML 8Page - Renesas Technology Corp PS2913-1-F3 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
PS2913-1e
R08DS0113EJ0200 Rev.2.00
Page 4 of 12
Jan 21, 2016
ELECTRICAL CHARACTERISTICS (TA = 25
C)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Diode
Forward Voltage
VF
IF = 1 mA
0.9
1.1
1.3
V
Reverse Current
IR
VR = 5 V
5
A
Terminal Capacitance
Ct
V = 0 V, f = 1 MHz
15
pF
Transistor
Collector to Emitter Dark
Current
ICEO
IF = 0 mA, VCE = 120V
100
nA
Coupled
Current Transfer Ratio
(IC/IF) *1
CTR
IF = 1 mA, VCE = 5 V
50
100
200
%
Collector Saturation
Voltage
VCE(SAT)
IF = 1 mA, IC = 0.2 mA
0.13
0.3
V
Isolation Resistance
RI-O
VI-O = 1 kVDC
1011
Isolation Capacitance
CI-O
V = 0 V, f = 1 MHz
0.4
pF
Rise Time *2
tr
VCC = 5 V, IC = 2 mA, RL = 100
10
s
Fall Time *2
tf
10
Turn-on Time *2
ton
VCC = 5 V, IF = 1 mA, RL = 5 k
80
s
Storage Time *2
ts
5
Turn-off Time *2
toff
50
Notes: *1. CTR rank
N
: 50 to 200 (%)
K
: 100 to 200 (%)
L
: 75 to 150 (%)
M : 50 to 100 (%)
*2. Test circuit for switching time
Input
Output
90%
10%
tr
tf
ts
td
ton
VCC
VOUT
IF
IC
PulseInput
In monitor
PW = 100 s
Duty cycle = 1/10


Similar Part No. - PS2913-1-F3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PS2913-1-F3 ETC-PS2913-1-F3 Datasheet
112Kb / 6P
   NECs SINGLE TR. OUTPUT, HIGH COLLECTOR-EMITTER VOLTAGE, 4-PIN ULTRA SMALL FLAT LEAD OPTOCOUPLER
logo
California Eastern Labs
PS2913-1-F3 CEL-PS2913-1-F3 Datasheet
352Kb / 10P
   SINGLE Tr. OUTPUT, HIGH COLLECTOR TO EMITTER VOLTAGE 4-PIN ULTRA SMALL FLAT-LEAD PHOTOCOUPLER
logo
Renesas Technology Corp
PS2913-1-F3 RENESAS-PS2913-1-F3 Datasheet
377Kb / 14P
   SINGLE Tr. OUTPUT, HIGH COLLECTOR TO EMITTER VOLTAGE 4-PIN ULTRA SMALL FLAT-LEAD
PS2913-1-F3 RENESAS-PS2913-1-F3 Datasheet
476Kb / 14P
   SINGLE Tr. OUTPUT, HIGH COLLECTOR TO EMITTER VOLTAGE 4-PIN ULTRA SMALL FLAT-LEAD PHOTOCOUPLER
Dec 6, 2021
logo
California Eastern Labs
PS2913-1-F3-A CEL-PS2913-1-F3-A Datasheet
352Kb / 10P
   SINGLE Tr. OUTPUT, HIGH COLLECTOR TO EMITTER VOLTAGE 4-PIN ULTRA SMALL FLAT-LEAD PHOTOCOUPLER
More results

Similar Description - PS2913-1-F3

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS2913-1 CEL-PS2913-1 Datasheet
352Kb / 10P
   SINGLE Tr. OUTPUT, HIGH COLLECTOR TO EMITTER VOLTAGE 4-PIN ULTRA SMALL FLAT-LEAD PHOTOCOUPLER
logo
Renesas Technology Corp
PS2913-1 RENESAS-PS2913-1_V01 Datasheet
476Kb / 14P
   SINGLE Tr. OUTPUT, HIGH COLLECTOR TO EMITTER VOLTAGE 4-PIN ULTRA SMALL FLAT-LEAD PHOTOCOUPLER
Dec 6, 2021
PS2913-1 RENESAS-PS2913-1_15 Datasheet
377Kb / 14P
   SINGLE Tr. OUTPUT, HIGH COLLECTOR TO EMITTER VOLTAGE 4-PIN ULTRA SMALL FLAT-LEAD
logo
California Eastern Labs
PS2933-1 CEL-PS2933-1 Datasheet
1Mb / 14P
   HIGH COLLECTOR TO EMITTER VOLTAGE 4-PIN ULTRA SMALL FLAT-LEAD PHOTOCOUPLER
logo
Renesas Technology Corp
PS2933-1 RENESAS-PS2933-1_16 Datasheet
411Kb / 14P
   HIGH COLLECTOR TO EMITTER VOLTAGE 4-PIN ULTRA SMALL FLAT-LEAD PHOTOCOUPLER
PS2933-1 RENESAS-PS2933-1_V01 Datasheet
466Kb / 14P
   HIGH COLLECTOR TO EMITTER VOLTAGE 4-PIN ULTRA SMALL FLAT-LEAD PHOTOCOUPLER
Dec 8, 2021
logo
List of Unclassifed Man...
PS2913-1 ETC-PS2913-1 Datasheet
112Kb / 6P
   NECs SINGLE TR. OUTPUT, HIGH COLLECTOR-EMITTER VOLTAGE, 4-PIN ULTRA SMALL FLAT LEAD OPTOCOUPLER
logo
Renesas Technology Corp
PS2933-1 RENESAS-PS2933-1_15 Datasheet
390Kb / 14P
   HIGH COLLECTOR TO EMITTER VOLTAGE 4-PIN ULTRA SMALL FLAT-LEAD
logo
NEC
PS2932-1 NEC-PS2932-1 Datasheet
84Kb / 6P
   HIGH COLLECTOR TO EMITTER VOLTAGE 4 PIN ULTRA SMALL FLAT LEAD OPTOCOUPLER
logo
Renesas Technology Corp
PS2832-1 RENESAS-PS2832-1_15 Datasheet
261Kb / 16P
   HIGH COLLECTOR TO EMITTER VOLTAGE 4, 16-PIN SSOP PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com