Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS9013-Y-V-F3-AX Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # PS9013-Y-V-F3-AX
Description  1 Mbps, OPEN COLLECTOR OUTPUT, HIGH CMR, IPM DRIVER, 5-PIN SSOP (LSO5) PHOTOCOUPLER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS9013-Y-V-F3-AX Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button PS9013-Y-V-F3-AX Datasheet HTML 6Page - Renesas Technology Corp PS9013-Y-V-F3-AX Datasheet HTML 7Page - Renesas Technology Corp PS9013-Y-V-F3-AX Datasheet HTML 8Page - Renesas Technology Corp PS9013-Y-V-F3-AX Datasheet HTML 9Page - Renesas Technology Corp PS9013-Y-V-F3-AX Datasheet HTML 10Page - Renesas Technology Corp PS9013-Y-V-F3-AX Datasheet HTML 11Page - Renesas Technology Corp PS9013-Y-V-F3-AX Datasheet HTML 12Page - Renesas Technology Corp PS9013-Y-V-F3-AX Datasheet HTML 13Page - Renesas Technology Corp PS9013-Y-V-F3-AX Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
PS9013
Chapter Title
R08DS0136EJ0100 Rev.1.00
Page 10 of 15
Mar 11, 2016
RECOMMENDED MOUNT PAD DIMENSIONS (UNIT: mm)
Remark All dimensions in this figure must be evaluated before use.


Similar Part No. - PS9013-Y-V-F3-AX

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
PS9010AD SENSORTECHNICS-PS9010AD Datasheet
256Kb / 4P
   OEM silicon stainless steel pressure sensor
PS9010AE SENSORTECHNICS-PS9010AE Datasheet
256Kb / 4P
   OEM silicon stainless steel pressure sensor
PS9010AF SENSORTECHNICS-PS9010AF Datasheet
256Kb / 4P
   OEM silicon stainless steel pressure sensor
PS9010AG SENSORTECHNICS-PS9010AG Datasheet
256Kb / 4P
   OEM silicon stainless steel pressure sensor
PS9010GD SENSORTECHNICS-PS9010GD Datasheet
256Kb / 4P
   OEM silicon stainless steel pressure sensor
More results

Similar Description - PS9013-Y-V-F3-AX

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RV1S9213A RENESAS-RV1S9213A Datasheet
6Mb / 16P
   1 Mbps, OPEN COLLECTOR OUTPUT, HIGH CMR, IPM DRIVER,
Nov 11,2019
PS9009 RENESAS-PS9009 Datasheet
859Kb / 16P
   LOW IF TOTEM POLE OUTPUT TYPE HIGH CMR, IPM DRIVER, 5-PIN SSOP (LSO5) PHOTOCOUPLER
PS9001 RENESAS-PS9001 Datasheet
859Kb / 16P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE, 5-PIN SOP (LSO5 WITH 8mm CREEPAGE DISTANCE) PHOTOCOUPLER
logo
California Eastern Labs
PS9114 CEL-PS9114 Datasheet
388Kb / 11P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER
logo
NEC
PS9113 NEC-PS9113 Datasheet
240Kb / 14P
   1 Mbps, OPEN COLLECTOR OUTPUT HIGH CMR, INTELLIGENT POWER MODULE 5-PIN SOP PHOTOCOUPLER
logo
List of Unclassifed Man...
PS9114 ETC-PS9114 Datasheet
112Kb / 5P
   NECs HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER
logo
Renesas Technology Corp
PS9113 RENESAS-PS9113_15 Datasheet
284Kb / 18P
   1 Mbps, OPEN COLLECTOR OUTPUT HIGH CMR, INTELLIGENT POWER MODULE 5-PIN SOP (SO-5) PHOTOCOUPLER
PS9113 RENESAS-PS9113_16 Datasheet
373Kb / 16P
   1 Mbps, OPEN COLLECTOR OUTPUT HIGH CMR, INTELLIGENT POWER MODULE 5-PIN SOP (SO-5) PHOTOCOUPLER
logo
California Eastern Labs
PS9117 CEL-PS9117 Datasheet
412Kb / 13P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 5-PIN SOP (SO-5) PHOTOCOUPLER
logo
Renesas Technology Corp
PS9124_15 RENESAS-PS9124_15_15 Datasheet
450Kb / 17P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE, 5-PIN SOP (SO-5) PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com