Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS9009 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # PS9009
Description  LOW IF TOTEM POLE OUTPUT TYPE HIGH CMR, IPM DRIVER, 5-PIN SSOP (LSO5) PHOTOCOUPLER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS9009 Datasheet(HTML) 5 Page - Renesas Technology Corp

  PS9009 Datasheet HTML 1Page - Renesas Technology Corp PS9009 Datasheet HTML 2Page - Renesas Technology Corp PS9009 Datasheet HTML 3Page - Renesas Technology Corp PS9009 Datasheet HTML 4Page - Renesas Technology Corp PS9009 Datasheet HTML 5Page - Renesas Technology Corp PS9009 Datasheet HTML 6Page - Renesas Technology Corp PS9009 Datasheet HTML 7Page - Renesas Technology Corp PS9009 Datasheet HTML 8Page - Renesas Technology Corp PS9009 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
PS9009
Chapter Title
R08DS0133EJ0200 Rev.2.00
Page 5 of 15
Mar 11, 2016
ELECTRICAL CHARACTERISTICS (TA =
40 to +125C, VCC = 4.5 to 20 V,
unless otherwise specified)
Parameter
Symbol
Conditions
MIN.
TYP.*1
MAX.
Unit
Diode
Forward Voltage
VF
IF = 10 mA, TA = 25
C
1.3
1.56
1.8
V
Reverse Current
IR
VR = 3 V, TA = 25
C
10
A
Input Capacitance
Ct
VF = 0 V, f = 1 MHZ,
TA = 25
C
30
pF
Detector
High Level Output Voltage
VOH
VCC = 4.5 V, IO =
2.6 mA,
IF = 5 mA
2.7
3.2
V
VCC = 20 V, IO =
2.6 mA,
IF = 5 mA
17.4
18.7
Low Level Output Voltage *2
VOL
IO = 3.5 mA, IF = 0 mA
0.25
0.6
V
High Level Supply Current
ICCH
VCC = 4.5 V, IF = 5 mA
0.98
3
mA
VCC = 20 V, IF = 5 mA
1.32
3
Low Level Supply Current
ICCL
VCC = 4.5 V, IF = 0 mA
1.23
3
mA
VCC = 20 V, IF = 0 mA
1.53
3
High Level Output Short *3
Circuit Current
IOSH
VCC = 4.5 V, VO = GND,
IF = 5 mA
7
45
mA
Low Level Output Short *3
Circuit Current
IOSL
VCC = VO = 4.5 V, VF = 0 V
7
34
mA
Coupled
Threshold Input Current
IFLH
VCC = 4.5 V, VO > 2.7 V,
IO =
2.6 mA
1.52
3
mA
Isolation Resistance
RI-O
VI-O = 1 kVDC, RH = 60%,
TA = 25
C
1011
Isolation Capacitance
CI-O
V = 0 V, f = 1 MHz,
TA = 25
C
0.6
pF
Propagation Delay Time
(H
 L)*4
tPHL
CL = 15 pF,
IF = 5
 0 mA, VTHHL = 1.3 V
108
200
ns
Propagation Delay Time
(L
 H)*4
tPLH
CL = 15 pF,
IF = 0
 5 mA, VTHLH = 1.3 V
121
200
ns
Pulse Width Distortion
(PWD)
tPLH-tPHL CL = 15 pF,
IF = 5
 0 mA
13
80
ns
Maximum Propagation
Delays (PDD)
100
ns
Rise Time (10-90%)*4
tr
CL = 15 pF,
IF = 0
 5 mA
25
ns
Fall Time (90-10%)*4
tf
CL = 15 pF,
IF = 5
 0 mA
4.6
ns
Common Mode
Transient Immunity at High
Level Output*5
CMH
VCC = 5 V, TA = 25
C,
IF = 5 mA,
VCM = 1.5 kV
50
kV/
s
Common Mode
Transient Immunity at Low
Level Output*5
CML
VCC = 5 V, TA = 25
C,
IF = 0 mA,
VCM = 1.5 kV
50
kV/
s
Notes: *1. Typical values at TA = 25
C
*2. Because VO of 2.4 V may be output when the LED current is not input and when output supply of VCC = 4.5 V or
less, it is important to confirm the characteristics (operation with the power supply on and off) during design,
before using this device.
*3. Duration of output short circuit time should not exceed 10 ms.


Similar Part No. - PS9009

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS9001 RENESAS-PS9001 Datasheet
859Kb / 16P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE, 5-PIN SOP (LSO5 WITH 8mm CREEPAGE DISTANCE) PHOTOCOUPLER
PS9001-F3 RENESAS-PS9001-F3 Datasheet
859Kb / 16P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE, 5-PIN SOP (LSO5 WITH 8mm CREEPAGE DISTANCE) PHOTOCOUPLER
PS9001-V RENESAS-PS9001-V Datasheet
859Kb / 16P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE, 5-PIN SOP (LSO5 WITH 8mm CREEPAGE DISTANCE) PHOTOCOUPLER
PS9001-V-F3 RENESAS-PS9001-V-F3 Datasheet
859Kb / 16P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE, 5-PIN SOP (LSO5 WITH 8mm CREEPAGE DISTANCE) PHOTOCOUPLER
PS9001-Y-AX RENESAS-PS9001-Y-AX Datasheet
859Kb / 16P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE, 5-PIN SOP (LSO5 WITH 8mm CREEPAGE DISTANCE) PHOTOCOUPLER
More results

Similar Description - PS9009

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS9309L RENESAS-PS9309L_15 Datasheet
516Kb / 18P
   LOW IF TOTEM POLE OUTPUT TYPE HIGH CMR, IPM DRIVER, 6-PIN SDIP PHOTOCOUPLER
PS9309L RENESAS-PS9309L Datasheet
273Kb / 14P
   LOW IF TOTEM POLE OUTPUT TYPE HIGH CMR, IPM DRIVER, 6-PIN SDIP PHOTOCOUPLER
PS9013 RENESAS-PS9013 Datasheet
999Kb / 16P
   1 Mbps, OPEN COLLECTOR OUTPUT, HIGH CMR, IPM DRIVER, 5-PIN SSOP (LSO5) PHOTOCOUPLER
RV1S9209A RENESAS-RV1S9209A Datasheet
5Mb / 16P
   LOW FORWARD-CURRENT(IF) TOTEM POLE OUTPUT TYPE HIGH CMR, IPM DRIVER,
Mar 29,2021
logo
California Eastern Labs
PS9309L CEL-PS9309L Datasheet
1Mb / 10P
   Low Input Current TOTEM POLE OUTPUT TYPE HIGH CMR, IPM DRIVER, 6-PIN SDIP PHOTOCOUPLER
logo
COSMO Electronics Corp...
K1010T COSMO-K1010T Datasheet
945Kb / 11P
   Low Input Current TOTEM POLE OUTPUT TYPE HIGH CMR, IPM DRIVER, 6-PIN SDIP PHOTOCOUPLER
logo
California Eastern Labs
PS9303L CEL-PS9303L Datasheet
987Kb / 16P
   1 Mbps TOTEM POLE OUTPUT TYPE HIGH CMR, IPM DRIVER 6-PIN SDIP PHOTOCOUPLER
logo
Renesas Technology Corp
PS9303L RENESAS-PS9303L_15 Datasheet
266Kb / 18P
   1 Mbps TOTEM POLE OUTPUT TYPE HIGH CMR, IPM DRIVER
logo
California Eastern Labs
PS9715 CEL-PS9715 Datasheet
64Kb / 6P
   HIGH CMR, 10 Mbps TOTEM POLE OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER
logo
NEC
PS9715 NEC-PS9715 Datasheet
62Kb / 6P
   HIGH CMR, 10 Mbps TOTEM POLE OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com