Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS9352AL2-AX Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # PS9352AL2-AX
Description  Optically Isolated Delta-Sigma Modulator
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS9352AL2-AX Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button PS9352AL2-AX Datasheet HTML 7Page - Renesas Technology Corp PS9352AL2-AX Datasheet HTML 8Page - Renesas Technology Corp PS9352AL2-AX Datasheet HTML 9Page - Renesas Technology Corp PS9352AL2-AX Datasheet HTML 10Page - Renesas Technology Corp PS9352AL2-AX Datasheet HTML 11Page - Renesas Technology Corp PS9352AL2-AX Datasheet HTML 12Page - Renesas Technology Corp PS9352AL2-AX Datasheet HTML 13Page - Renesas Technology Corp PS9352AL2-AX Datasheet HTML 14Page - Renesas Technology Corp PS9352AL2-AX Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
PS9352AL2
Chapter Title
R08DS0129EJ0100 Rev.1.00
Page 11 of 19
Aug 24, 2015
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
-500
-250
0
250
500
-3
-2
-1
0
1
2
3
10.3
10.5
10.7
10.9
11.1
11.3
11.5
0
2
4
6
8
10
0.000
0.010
0.020
0.030
0.040
0.050
0.060
Ambient Temperature TA (°C)
Ambient Temperature TA (°C)
Ambient Temperature TA (°C)
Ambient Temperature TA (°C)
Ambient Temperature TA (°C)
Ambient Temperature TA (°C)
INPUT OFFSET VOLTAGE vs.
AMBIENT TEMPERATURE
ABSOLUTE INTERNAL REFERENCE VOLTAGE
TOLETANCE vs. AMBIENT TEMPERATURE
INTEGRAL NON-LINEARITY(LSB)
vs. AMBIENT TEMPERATURE
OUTPUT CLOCK FREQUENCY vs.
AMBIENT TEMPERATURE
INTEGRAL NON-LINEARITY(%) vs.
AMBIENT TEMPERATURE
INPUT OFFSET VOLTAGE CHANGE
vs. AMBIENT TEMPERATURE
5.0V
5.0V
-50
-25
0
25
50
75
100
125
-50
-25
0
25
50
75
100
125
-50
-25
0
25
50
75
100
125
-50
-25
0
25
50
75
100
125
-50
-25
0
25
50
75
100
125
-50
-25
0
25
50
75
100
125
5.5V
5.5V
VDD = 4.5V
VDD = 4.5V
5.0V
5.0V
5.5V
5.5V
VDD = 4.5V
VDD = 4.5V
5.0V
5.0V
5.5V
VDD = 4.5V
VDD = 4.5V
5.5V
Normalized to 0μV at TA=25ºC
–200mV ≤ VIN+ ≤ 200mV
–200mV ≤ VIN+ ≤ 200mV
Remark
The graphs indicate nominal characteristics.


Similar Part No. - PS9352AL2-AX

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS9351L CEL-PS9351L Datasheet
737Kb / 8P
   HIGH NOISE REDUCTION, 15 Mbps CMOS OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
logo
Renesas Technology Corp
PS9351L RENESAS-PS9351L Datasheet
165Kb / 15P
   HIGH NOISE REDUCTION, 15 Mbps CMOS OUTPUT TYPE 8mm CREEPAGE 6-PIN SDIP PHOTOCOUPLER
Apr 24, 2015
logo
California Eastern Labs
PS9351L-AX CEL-PS9351L-AX Datasheet
737Kb / 8P
   HIGH NOISE REDUCTION, 15 Mbps CMOS OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
PS9351L-E3 CEL-PS9351L-E3 Datasheet
737Kb / 8P
   HIGH NOISE REDUCTION, 15 Mbps CMOS OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
PS9351L-E3-AX CEL-PS9351L-E3-AX Datasheet
737Kb / 8P
   HIGH NOISE REDUCTION, 15 Mbps CMOS OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
More results

Similar Description - PS9352AL2-AX

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS9551AL4 RENESAS-PS9551AL4 Datasheet
854Kb / 20P
   Optically Isolated Delta-Sigma Modulator
Mar 20, 2014
RV1S9353A RENESAS-RV1S9353A Datasheet
1Mb / 20P
   Optically Isolated Delta-Sigma Modulator
Mar 23, 2020
logo
California Eastern Labs
PS9551AL4 CEL-PS9551AL4 Datasheet
3Mb / 20P
   Optically Isolated Delta-Sigma Modulator
logo
Agilent(Hewlett-Packard...
HCPL-7560 HP-HCPL-7560 Datasheet
150Kb / 18P
   Optically Isolated Sigma-Delta Modulator
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-7970-500E AVAGO-ACPL-7970-500E Datasheet
651Kb / 18P
   Optically Isolated Sigma-Delta Modulator
logo
Renesas Technology Corp
PS9551AL4 RENESAS-PS9551AL4_15 Datasheet
855Kb / 20P
   Optically Isolated Delta-Sigma Modulator
logo
Broadcom Corporation.
ACPL-C797 BOARDCOM-ACPL-C797 Datasheet
1Mb / 18P
   Optically Isolated Sigma-Delta Modulator
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-796J-560E AVAGO-ACPL-796J-560E Datasheet
209Kb / 16P
   Optically Isolated Sigma-Delta Modulator
ACPL-C797 AVAGO-ACPL-C797 Datasheet
643Kb / 16P
   Optically Isolated Sigma-Delta Modulator
logo
Broadcom Corporation.
ACPL-C740 BOARDCOM-ACPL-C740 Datasheet
1Mb / 19P
   Optically Isolated Sigma-Delta Modulator
logo
Agilent(Hewlett-Packard...
HCPL-786J HP-HCPL-786J Datasheet
560Kb / 18P
   Optically Isolated Sigma-Delta Modulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com