Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS9113 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # PS9113
Description  1 Mbps, OPEN COLLECTOR OUTPUT HIGH CMR, INTELLIGENT POWER MODULE 5-PIN SOP (SO-5) PHOTOCOUPLER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS9113 Datasheet(HTML) 1 Page - Renesas Technology Corp

  PS9113_16 Datasheet HTML 1Page - Renesas Technology Corp PS9113_16 Datasheet HTML 2Page - Renesas Technology Corp PS9113_16 Datasheet HTML 3Page - Renesas Technology Corp PS9113_16 Datasheet HTML 4Page - Renesas Technology Corp PS9113_16 Datasheet HTML 5Page - Renesas Technology Corp PS9113_16 Datasheet HTML 6Page - Renesas Technology Corp PS9113_16 Datasheet HTML 7Page - Renesas Technology Corp PS9113_16 Datasheet HTML 8Page - Renesas Technology Corp PS9113_16 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
R08DS0124EJ0300 Rev.3.00
Page 1 of 13
Jan 28, 2016
Data Sheet
PS9113
1 Mbps, OPEN COLLECTOR OUTPUT
HIGH CMR, INTELLIGENT POWER MODULE 5-PIN SOP (SO-5) PHOTOCOUPLER
Description
The PS9113 is an optically coupled isolator containing a GaAlAs LED on the input side and a photo diode and a signal
processing circuit on the output side on one chip.
The PS9113 is specified high CMR, high CTR and pulse width distortion with operating temperature. It is suitable for
IPM drive.
Features
 High instantaneous common mode rejection voltage (CM
H, CML = ±15 kV/µs MIN.)
 Small package (SO-5)
 High-speed response (t
PHL = 500 ns MAX., tPLH = 750 ns MAX.)
 Maximum propagation delays (t
PLH – tPHL = 270 ns TYP.)
 Pulse width distortion (|t
PHL – tPLH| = 270 ns TYP.)
 High isolation voltage (BV = 3 750 Vr.m.s.)
 Open collector output
 Ordering number of taping product: PS9113-F3: 2 500 pcs/reel
 Pb-Free product
 Safety standards
 UL approved: UL1577, Single protection
 CSA approved: CA5A, CAN/CSA-C22.2 60065 & 60950-1, Basic insulation
 VDE approved: DIN EN 60747-5-5 (Option)
APPLICATIONS
 IPM Driver
 General purpose inverter
R08DS0124EJ0300
Rev.3.00
Jan 28, 2016
1. Anode
2. Cathode
3. GND
4. VO
5. VCC
PIN CONNECTION
(Top View)
53
12
4
<R>


Similar Part No. - PS9113_16

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS9113 RENESAS-PS9113_15 Datasheet
284Kb / 18P
   1 Mbps, OPEN COLLECTOR OUTPUT HIGH CMR, INTELLIGENT POWER MODULE 5-PIN SOP (SO-5) PHOTOCOUPLER
More results

Similar Description - PS9113_16

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS9113 RENESAS-PS9113_15 Datasheet
284Kb / 18P
   1 Mbps, OPEN COLLECTOR OUTPUT HIGH CMR, INTELLIGENT POWER MODULE 5-PIN SOP (SO-5) PHOTOCOUPLER
logo
California Eastern Labs
PS9113 CEL-PS9113 Datasheet
254Kb / 16P
   1 Mbps, OPEN COLLECTOR OUTPUT HIGH CMR, INTELLIGENT POWER MODULE 5-PIN SOP (SO-5) PHOTOCOUPLER
logo
NEC
PS9113 NEC-PS9113 Datasheet
240Kb / 14P
   1 Mbps, OPEN COLLECTOR OUTPUT HIGH CMR, INTELLIGENT POWER MODULE 5-PIN SOP PHOTOCOUPLER
logo
California Eastern Labs
PS9117 CEL-PS9117 Datasheet
412Kb / 13P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 5-PIN SOP (SO-5) PHOTOCOUPLER
logo
Renesas Technology Corp
PS9124_15 RENESAS-PS9124_15_15 Datasheet
450Kb / 17P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE, 5-PIN SOP (SO-5) PHOTOCOUPLER
logo
California Eastern Labs
PS9124 CEL-PS9124 Datasheet
988Kb / 17P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE, 5-PIN SOP (SO-5) PHOTOCOUPLER
PS9117A CEL-PS9117A Datasheet
404Kb / 11P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 5-PIN SOP (SO-5) HIGH-SPEED PHOTOCOUPLER
logo
Renesas Technology Corp
PS9122 RENESAS-PS9122 Datasheet
318Kb / 20P
   1 Mbps OPEN COLLECTOR OUTPUT TYPE 5-PIN SOP (SO-5) HIGH-SPEED PHOTOCOUPLER
logo
NEC
PS9117A NEC-PS9117A Datasheet
162Kb / 14P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 5-PIN SOP (SO-5) HIGH-SPEED PHOTOCOUPLER
logo
California Eastern Labs
PS9121-A CEL-PS9121-A Datasheet
287Kb / 15P
   HIGH CMR, 15 Mbps OPEN COLLECTOR OUTPUT TYPE 5-PIN SOP (SO-5) 3.3 V PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com